データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SA-740A-2 データシート(PDF) 4 Page - List of Unclassifed Manufacturers

部品番号 SA-740A-2
部品情報  DC Tachometer Generators
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ETC1 [List of Unclassifed Manufacturers]
ホームページ  
Logo ETC1 - List of Unclassifed Manufacturers

SA-740A-2 データシート(HTML) 4 Page - List of Unclassifed Manufacturers

  SA-740A-2 Datasheet HTML 1Page - List of Unclassifed Manufacturers SA-740A-2 Datasheet HTML 2Page - List of Unclassifed Manufacturers SA-740A-2 Datasheet HTML 3Page - List of Unclassifed Manufacturers SA-740A-2 Datasheet HTML 4Page - List of Unclassifed Manufacturers SA-740A-2 Datasheet HTML 5Page - List of Unclassifed Manufacturers SA-740A-2 Datasheet HTML 6Page - List of Unclassifed Manufacturers SA-740A-2 Datasheet HTML 7Page - List of Unclassifed Manufacturers SA-740A-2 Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
Model Number
Mounting
Weight
(Approx.)
Inertia
(Approx.)
oz-in-sec2
V/1000
RPM
RPM
(max)
Armature
Resistance
(dynamic)
Armature
Inductance
(henrys)
Outline
Dimensions
Mounting
Dimensions
Shaft
Size
(in.)
SU-780D-1
Flange
8.5 oz 4.54 x 10-4
45v
5,000
1750Ω
1.00h
Fig. 10
Fig. 5
.187
SU-7114D-1 Flange
8.5 oz 4.54 x 10-4
45v
5,000
1750Ω
1.00h
Fig. 10
Fig. 5
.187
SU-780D-2
Flange
8.5 oz 4.54 x 10-4
33v
5,000
950Ω
0.54h
Fig. 10
Fig. 5
.187
SS-779E-1 Synchro 1.25 oz 0.25 x 10-4
3v
12,000
180Ω
0.061h
Fig. 12
Fig. 6
.120
1086 Goffle Road • Hawthorne, NJ 07506 • sales@servotek.com
Phone (973) 427-3100 • Fax (973) 427-4249 • www.servotek.com
SERVO-TEK ®
1086 Goffle Road • Hawthorne, NJ 07506 • sales@servotek.com
Phone (973) 427-3100 • Fax (973) 427-4249 • www.servotek.com
SERVO-TEK ®
1086 Goffle Road • Hawthorne, NJ 07506 • sales@servotek.com
Phone (973) 427-3100 • Fax (973) 427-4249 • www.servotek.com
SERVO-TEK ®
1086 Goffle Road • Hawthorne, NJ 07506 • sales@servotek.com
Phone (973) 427-3100 • Fax (973) 427-4249 • www.servotek.com
SERVO-TEK ®
D-Series Tachometer Generators
With rugged construction and high output
voltages, the D-Series tach generator is ideally
suited to a variety of industrial applications.
The flange mounting arrangement provides a
convenient assembly method, and the sturdy
.187 shaft diameter permits the heavier loading
frequently encountered where pulleys or belt
drives are employed. The output bearing is fitted
with a seal to help prevent the contamination that
can occur in industrial applications.
With output up to 50V/1000 RPM, D-Series
generators are ideal for applications where high
output voltages are required. Typically, these are
slow speed applications.
D-Series
25 to 50 volts/1000 RPM
E-Series (Subminiature)
.7 to 3 volts/1000 RPM
E-Series Tachometer Generators
The E-Series DC tachometer generator is the
smallest tach generator among those offering
similar technical characteristics.
Many
outstanding features make it particularly
suitable for use in all types of servo systems.
Although the diameter is only 0.760” the
E-Series provides up to 3 V/1000 RPM output.
Almost any Servo-Tek DC tachometer generator
can be manufactured with special configurations,
various electrical specs and shaft modifications
such as flats, pinions, holes, etc. Consult sales
department regarding your special requirements.
D-Series and E-Series Specifications
Maximum Driving Torque for D-Series and E-Series is 0.25 oz-in
Most units listed above are normally in stock
SU-780D-1
SS-779E-1


同様の部品番号 - SA-740A-2

メーカー部品番号データシート部品情報
logo
List of Unclassifed Man...
SA-7000 ETC2-SA-7000 Datasheet
592Kb / 14P
   ROTARY CODED SWITCHES (SMD)
logo
Copal Electronics
SA-7000 COPAL-SA-7000 Datasheet
930Kb / 14P
   ROTARY CODED SWITCHES (SMD)
logo
List of Unclassifed Man...
SA-7010A ETC2-SA-7010A Datasheet
592Kb / 14P
   ROTARY CODED SWITCHES (SMD)
logo
Copal Electronics
SA-7010A COPAL-SA-7010A Datasheet
930Kb / 14P
   ROTARY CODED SWITCHES (SMD)
logo
List of Unclassifed Man...
SA-7010B ETC2-SA-7010B Datasheet
592Kb / 14P
   ROTARY CODED SWITCHES (SMD)
More results

同様の説明 - SA-740A-2

メーカー部品番号データシート部品情報
logo
Baumer IVO GmbH & Co. K...
TA134 IVO-TA134 Datasheet
423Kb / 2P
   Tachometer electronic
TA201 IVO-TA201 Datasheet
402Kb / 2P
   Tachometer electronic
TA202 IVO-TA202 Datasheet
536Kb / 4P
   Tachometer electronic
logo
STMicroelectronics
L290 STMICROELECTRONICS-L290 Datasheet
104Kb / 8P
   TACHOMETER CONVERTER
STEVAL-IHM023V3 STMICROELECTRONICS-STEVAL-IHM023V3 Datasheet
656Kb / 9P
   Tachometer input
November 2014 Rev 1
logo
Extech Instruments Corp...
461891 EXTECH-461891 Datasheet
71Kb / 4P
   Contact Tachometer
logo
Baumer IVO GmbH & Co. K...
TA200 IVO-TA200 Datasheet
382Kb / 2P
   Tachometer electronic
logo
List of Unclassifed Man...
WD1A ETC1-WD1A Datasheet
99Kb / 2P
   Tachometer Transmitter
logo
Baumer IVO GmbH & Co. K...
ISI36 IVO-ISI36 Datasheet
570Kb / 4P
   Tachometer electronic
logo
Omron Electronics LLC
H7EC-NFV-B OMRON-H7EC-NFV-B Datasheet
1Mb / 12P
   Self-Powered Tachometer
More results


Html Pages

1 2 3 4 5 6 7 8


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com