データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

CD74HCT4520M データシート(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
部品番号 CD74HCT4520M
部品情報  High-Speed CMOS Logic Dual Synchronous Counters
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI - Texas Instruments

CD74HCT4520M データシート(HTML) 5 Page - Texas Instruments

  CD74HCT4520M Datasheet HTML 1Page - Texas Instruments CD74HCT4520M Datasheet HTML 2Page - Texas Instruments CD74HCT4520M Datasheet HTML 3Page - Texas Instruments CD74HCT4520M Datasheet HTML 4Page - Texas Instruments CD74HCT4520M Datasheet HTML 5Page - Texas Instruments CD74HCT4520M Datasheet HTML 6Page - Texas Instruments CD74HCT4520M Datasheet HTML 7Page - Texas Instruments CD74HCT4520M Datasheet HTML 8Page - Texas Instruments CD74HCT4520M Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
5
Set-up Time,
Enable to CP
tSU
2
80
-
-
100
-
120
-
ns
4.5
16
-
-
20
-
24
-
ns
6
14
-
-
17
-
20
-
ns
Removal Time,
MR to CP
tREM
2
0
-
-
0-0-
ns
4.5
0
-
-
0
-
0
-
ns
6
0
-
-
0-0-
ns
Set-up Time,
CP to Enable
tSU
2
80
-
-
100
-
120
-
ns
4.5
16
-
-
20
-
24
-
ns
6
14
-
-
17
-
20
-
ns
Removal Time,
MR to Enable
tREM
2
0
-
-
0-0-
ns
4.5
0
-
-
0
-
0
-
ns
6
0
-
-
0-0-
ns
HCT TYPES
Maximum Clock
Frequency
fMAX
4.5
25
-
-
20
-
17
-
MHz
Clock Pulse Width
tW
4.5
20
-
-
25
-
30
-
ns
MR Pulse Width
tW
4.5
20
-
-
25
-
30
-
ns
Set-up Time,
Enable to CP
tSU
4.5
16
-
-
20
-
24
-
ns
Removal Time,
MR tp Enable
tREM
4.5
0
-
-
0
-
0
-
ns
Switching Specifications Input tr, tf = 6ns
PARAMETER
SYMBOL
TEST
CONDITIONS
VCC (V)
25oC
-40oC TO
85oC
-55oC TO 125oC
UNITS
MIN
TYP
MAX
MIN
MAX
MIN
MAX
HC TYPES
Propagation Delay
tPLH,
tPHL
CL = 50pF
2
-
-
240
-
300
-
360
ns
CP to Qn
CL = 50pF
4.5
-
-
48
-
60
-
72
ns
CL = 15pF
5
-
20
-
-
-
-
-
ns
CL = 50pF
6
-
-
41
-
51
-
61
ns
Enable to Qn
tPLH,
tPHL
CL = 50pF
2
-
-
240
-
300
-
360
ns
CL = 50pF
4.5
-
-
48
-
60
-
72
ns
CL = 15pF
5
-
20
-
-
-
-
-
ns
CL = 50pF
6
-
-
41
-
51
-
61
ns
MR to Qn
tPLH,
tPHL
CL = 50pF
2
-
-
150
-
190
-
225
ns
CL = 50pF
4.5
-
-
30
-
38
-
45
ns
CL = 15pF
5
-
12
-
-
-
-
-
ns
CL = 50pF
6
-
-
26
-
33
-
38
ns
Output Transition Time
tTHL,tTLH
CL = 50pF
2
-
-
75
-
95
-
110
ns
CL = 50pF
4.5
-
-
15
-
19
-
22
ns
CL = 50pF
6
13
16
19
ns
Input Capacitance
CIN
CL = 50pF
-
-
-
10
-
10
-
10
pF
Maximum Clock Frequency
fMAX
CL = 15pF
5
60
MHz
Power Dissipation Capacitance
(Note 3, 4)
CPD
CL = 15pF
5
-
33
-
-
-
-
-
pF
Prerequisite for Switching Specifications
(Continued)
PARAMETER
SYMBOL
VCC (V)
25oC
-40oC TO 85oC
-55oC TO 125oC
UNITS
MIN
TYP
MAX
MIN
MAX
MIN
MAX
CD74HC4518, CD54HC4520, CD74HC4520, CD74HCT4520


同様の部品番号 - CD74HCT4520M

メーカー部品番号データシート部品情報
logo
Texas Instruments
CD74HCT4520M TI-CD74HCT4520M Datasheet
45Kb / 8P
[Old version datasheet]   High Speed CMOS Logic Dual Synchronous Counters
CD74HCT4520M TI1-CD74HCT4520M Datasheet
468Kb / 17P
[Old version datasheet]   High-Speed CMOS Logic Dual Synchronous Counters
CD74HCT4520M96 TI1-CD74HCT4520M96 Datasheet
468Kb / 17P
[Old version datasheet]   High-Speed CMOS Logic Dual Synchronous Counters
CD74HCT4520MG4 TI1-CD74HCT4520MG4 Datasheet
468Kb / 17P
[Old version datasheet]   High-Speed CMOS Logic Dual Synchronous Counters
CD74HCT4520MT TI1-CD74HCT4520MT Datasheet
468Kb / 17P
[Old version datasheet]   High-Speed CMOS Logic Dual Synchronous Counters
More results

同様の説明 - CD74HCT4520M

メーカー部品番号データシート部品情報
logo
Texas Instruments
CD74HC4518 TI1-CD74HC4518_14 Datasheet
468Kb / 17P
[Old version datasheet]   High-Speed CMOS Logic Dual Synchronous Counters
CD74HC4518 TI-CD74HC4518 Datasheet
45Kb / 8P
[Old version datasheet]   High Speed CMOS Logic Dual Synchronous Counters
CD54HC40103 TI-CD54HC40103_08 Datasheet
454Kb / 16P
[Old version datasheet]   High-Speed CMOS Logic 8-Stage Synchronous Down Counters
CD54HC40103 TI-CD54HC40103_03 Datasheet
158Kb / 12P
[Old version datasheet]   High-Speed CMOS Logic 8-Stage Synchronous Down Counters
CD54HC40103 TI-CD54HC40103 Datasheet
279Kb / 14P
[Old version datasheet]   High-Speed CMOS Logic 8-Stage Synchronous Down Counters
CD54HC40103 TI-CD54HC40103_07 Datasheet
424Kb / 16P
[Old version datasheet]   High-Speed CMOS Logic 8-Stage Synchronous Down Counters
CD74HC40103 TI-CD74HC40103 Datasheet
45Kb / 9P
[Old version datasheet]   High Speed CMOS Logic 8-Stage Synchronous Down Counters
CD74HC161 TI-CD74HC161 Datasheet
65Kb / 10P
[Old version datasheet]   High Speed CMOS Logic Presettable Counters
CD54HCT161 TI-CD54HCT161_08 Datasheet
434Kb / 19P
[Old version datasheet]   High-Speed CMOS Logic Presettable Counters
CD54HCT161 TI-CD54HCT161 Datasheet
285Kb / 16P
[Old version datasheet]   High-Speed CMOS Logic Presettable Counters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com