データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ECS-9208M データシート(PDF) 2 Page - Vecow Co., Ltd.

部品番号 ECS-9208M
部品情報  ECS-9200, 10 GigE LAN w/8 A-coded M12 PoE, 1 M.2, 2 SSD Tray, 8 USB 3.0, 4 COM, 3 SIM, 32 Isolated DIO
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  VECOW [Vecow Co., Ltd.]
ホームページ  http://www.vecow.com
Logo VECOW - Vecow Co., Ltd.

ECS-9208M データシート(HTML) 2 Page - Vecow Co., Ltd.

  ECS-9208M Datasheet HTML 1Page - Vecow Co., Ltd. ECS-9208M Datasheet HTML 2Page - Vecow Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Order Information
Dimensions
Unit : mm/ inch
Front I/O
Rear I/O
ECS-9208M
ECS-9200, 10 GigE LAN w/8 A-coded M12 PoE
+, 1 M.2, 2 SSD Tray, 8 USB 3.0, 4 COM, 3 SIM, 32 Isolated DIO
CFast
LED
3 x SIM
Power
Reset
4 x USB 3.0
Line-out
Mic-in
DVI-I
2 x LAN
8 x PoE
4 x USB 3.0
4 x COM
32 Isolated DIO
2 x SSD/HDD Tray
260.0 (10.24”)
282.0 (11.10”)
297.0 (11.69”)
Remote Power Switch
DC-in
DisplayPort
DVI-D
Accessories
DDR4 32G
Certified DDR4 32GB 2666MHz RAM
DDR4 16G
Certified DDR4 16GB 2400/2133 MHz RAM
DDR4 8G
Certified DDR4 8GB 2400/2133 MHz RAM
DDR4 4G
Certified DDR4 4GB 2400/2133 MHz RAM
PWA-160W-WT
160W, 24V, 85V AC to 264V AC Power Adapter with 3-pin
Terminal Block, Wide Temperature -30°C to +70°C
PWA-280W-WT
280W, 24V, 85V AC to 264V AC Power Adapter with 3-pin
Terminal Block, Wide Temperature -30°C to +70°C
VESA Mount
VESA Mounting Kit
DIN-RAIL Kit
DIN Rail and VESA Mounting Kit
Rack Mount
2U Rackmount Kit
TMK2-20P-100
Terminal Block 20-pin to Terminal Block 20-pin Cable, 100cm
TMK2-20P-500
Terminal Block 20-pin to Terminal Block 20-pin Cable, 500cm
TMB-TMBK-20P
Terminal Board with One 20-pin Terminal Block Connector
and DIN-Rail Mounting
4G Module
Mini PCIe 4G/GPS Module with Antenna
WiFi & Bluetooth
WiFi & Bluetooth Module with Antenna
CPU List
Series
CPU
Cache
(MB)
Turbo Freq.
(GHz)
TDP
(W)
ECC
Memory
Intel®
Xeon®
E3-1275 v6
8
4.2
80
Yes
E3-1275 v5
4
80
E3-1225 v5
3.7
80
E3-1268L v5
3.4
35
Intel®
Core™
i7-7700
8
4.2
65
NA
i7-7700T
3.8
35
i7-6700
4
65
i7-6700TE
3.4
35
i5-7500
6
3.8
65
NA
i5-7500T
3.3
35
i5-6500
3.6
65
i5-6500TE
3.3
35
i3-7101E
3
3.9
65
Yes
i3-7101TE
3.4
35
i3-6100
4
3.7
65
i3-6100TE
2.7
35
ECS-9208M-20181116
* The rights of all brand names, product names and trademarks belong to their respective owners.
Copyright © 2018 Vecow Co., Ltd. All rights reserved.


同様の部品番号 - ECS-9208M

メーカー部品番号データシート部品情報
logo
Vecow Co., Ltd.
ECS-9208MP VECOW-ECS-9208MP Datasheet
471Kb / 2P
   ECS-9200, 10 GigE LAN w/4 A-coded M12 PoE, 2-pair LAN Bypass, 1 M.2, 2 SSD Tray, 8 USB 3.0, 4 COM, 3 SIM, 32 Isolated DIO
More results

同様の説明 - ECS-9208M

メーカー部品番号データシート部品情報
logo
Vecow Co., Ltd.
ECS-9280 VECOW-ECS-9280 Datasheet
421Kb / 2P
   ECS-9200, 10 GigE LAN w/8 PoE, 2 SSD Tray, 8 USB 3.0, 4 COM, 3 SIM, 32 Isolated DIO
ECS-9208MP VECOW-ECS-9208MP Datasheet
471Kb / 2P
   ECS-9200, 10 GigE LAN w/4 A-coded M12 PoE, 2-pair LAN Bypass, 1 M.2, 2 SSD Tray, 8 USB 3.0, 4 COM, 3 SIM, 32 Isolated DIO
ECS-9244MC VECOW-ECS-9244MC Datasheet
484Kb / 2P
   ECS-9200, 10 GigE LAN w/4 A-coded M12 PoE, 4 PoE, 2 CAN Bus, 2 SSD Tray, 8 USB 3.0, 4 COM, 2 SIM, 32 Isolated DIO
ECS-9280C VECOW-ECS-9280C Datasheet
432Kb / 2P
   ECS-9200, 10 GigE LAN w/8 PoE, 2 CAN Bus, 2 SSD Tray, 8 USB 3.0, 4 COM, 2 SIM, 32 Isolated DIO
ECS-9280GTX1050 VECOW-ECS-9280GTX1050 Datasheet
494Kb / 2P
   ECS-9200, NVIDIA짰 GeForce짰 GTX 1050 Ti, 10 GigE LAN w/8 PoE, 2 SSD Tray, 8 USB 3.0, 4 COM, 1 M.2, 3 SIM, 32 Isolated DIO
ECS-9244MXC VECOW-ECS-9244MXC Datasheet
484Kb / 2P
   ECS-9200, 10GigE LAN w/4 X-coded M12 PoE, 4 PoE, 2 CAN Bus, 2 SSD Tray, 8 USB 3.0, 4 COM, 2 SIM, 32 Isolated DIO
ECS-9240GTX1050 VECOW-ECS-9240GTX1050 Datasheet
441Kb / 2P
   ECS-9200, NVIDIA GeForce GTX 1050 Ti, 6 GigE LAN w/4 PoE, 2 SSD Tray, 8 USB 3.0, 4 COM, 1 M.2, 3 SIM, 32 Isolated DIO
ECS-9160 VECOW-ECS-9160 Datasheet
389Kb / 2P
   ECS-9100, 2 GigE LAN, 4 GigE LAN Switch w/PoE, 2 SSD Tray, 8 USB 3.0, 4 COM, 3 SIM, 16 GPIO
ECS-9000-POER VECOW-ECS-9000-POER Datasheet
405Kb / 2P
   ECS-9000, 6 GigE LAN with 4 PoE, 2 SSD Tray, 6 USB 3.0, 4 COM, 3 SIM, Isolated DIO
ECS-9000-9R VECOW-ECS-9000-9R Datasheet
421Kb / 2P
   ECS-9000, 9 GigE LAN with 4 PoE, 2 SSD Tray, 6 USB 3.0, 4 COM, 3 SIM, Isolated DIO
More results


Html Pages

1 2


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com