データシートサーチシステム
Selected language   Japanese  ▼

Delete All
ON OFF
ALLDATASHEET.JP

X  

Preview PDF Download HTML

NBN5-F7-E0-5M データシート(PDF) 1 Page - Pepperl+Fuchs Inc.

部品番号. NBN5-F7-E0-5M
部品情報  Inductive sensor
ダウンロード  1 Pages
Scroll/Zoom Zoom In 100% Zoom Out
メーカー  PF [Pepperl+Fuchs Inc.]
ホームページ  https://www.pepperl-fuchs.com/
Logo 

NBN5-F7-E0-5M Datasheet(HTML) 1 Page - Pepperl+Fuchs Inc.

   
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
1
Inductive sensor
NBN5-F7-E0-5M
Germany: +49 621 776 4411
Pepperl+Fuchs Group
Refer to “General Notes Relating to Pepperl+Fuchs Product Information”.
USA: +1 330 486 0001
Singapore: +65 6779 9091
www.pepperl-fuchs.com
fa-info@us.pepperl-fuchs.com
fa-info@sg.pepperl-fuchs.com
fa-info@de.pepperl-fuchs.com
Model Number
NBN5-F7-E0-5M
Features
•Basic series
• Sensing range 5 mm
•3-wire DC
Technical Data
General specifications
Switching element function
NPN normally open contact
Rated operating distance
sn
5 mm
Installation
non-flush
Output polarity
DC
Assured operating distance
sa
0 ... 4.05 mm
Reduction factor rAl
0.3
Reduction factor rCu
0.2
Reduction factor r304
0.7
Nominal ratings
Operating voltage
UB
10 ... 30 V
Switching frequency
f
0 ... 500 Hz
Hysteresis
H
typ. 5 %
Reverse polarity protection
yes
Short-circuit protection
yes
Voltage drop
Ud
≤ 3 V
Operating current
IL
0 ... 100 mA
Off-state current
Ir
0 ... 0.5 mA typ. 0.1 µA at 25 °C
No-load supply current
I0
≤ 20 mA
Switching state indicator
LED, yellow
Standard conformity
Standards
IEC / EN 60947-5-2:2004
Ambient conditions
Ambient temperature
-25 ... 70 °C (-13 ... 158 °F)
Mechanical specifications
Core cross-section
0.14 mm2
Housing material
PBT
Sensing face
PBT
Degree of protection
IP67
Compliance with standards and directives
Standard conformity
Standards
EN 60947-5-2:2007
IEC 60947-5-2:2007
Approvals and certificates
UL approval
cULus Listed, General Purpose
CSA approval
cCSAus Listed, General Purpose
CCC approval
CCC approval / marking not required for products rated ≤36 V
Dimensions
Electrical Connection
17
28
3.5
ø3.65
BN
L+
L-
BK
BU


Html ページ

1 


Datasheet Download




リンク URL



Privacy Policy
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   ブックマーク
   |   リンク交換   |   メーカーリスト
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn