データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

NBN6-V3-E3 データシート(PDF) 1 Page - Pepperl+Fuchs Inc.

部品番号 NBN6-V3-E3
部品情報  Inductive sensor
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  PF [Pepperl+Fuchs Inc.]
ホームページ  https://www.pepperl-fuchs.com/
Logo PF - Pepperl+Fuchs Inc.

NBN6-V3-E3 データシート(HTML) 1 Page - Pepperl+Fuchs Inc.

  NBN6-V3-E3 Datasheet HTML 1Page - Pepperl+Fuchs Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
1
Inductive sensor
NBN6-V3-E3
Germany: +49 621 776 4411
Pepperl+Fuchs Group
Refer to “General Notes Relating to Pepperl+Fuchs Product Information”.
USA: +1 330 486 0001
Singapore: +65 6779 9091
www.pepperl-fuchs.com
fa-info@us.pepperl-fuchs.com
fa-info@sg.pepperl-fuchs.com
fa-info@de.pepperl-fuchs.com
Model Number
NBN6-V3-E3
Features
• 6 mm non-flush
•3-wire DC
Technical Data
General specifications
Switching element function
PNP
NC
Rated operating distance
sn
6 mm
Installation
non-flush
Output polarity
DC
Assured operating distance
sa
0 ... 4.8 mm
Reduction factor rAl
0.35
Reduction factor rCu
0.2
Reduction factor r304
0.7
Nominal ratings
Operating voltage
UB
10 ... 30 V DC
Switching frequency
f
0 ... 500 Hz
Reverse polarity protection
reverse polarity protected
Short-circuit protection
pulsing
Voltage drop
Ud
≤ 3 V
Operating current
IL
0 ... 100 mA
Off-state current
Ir
0 ... 0.5 mA typ. 0.1 µA at 25 °C
No-load supply current
I0
≤ 15 mA
Switching state indicator
LED, yellow
Functional safety related parameters
MTTFd
2300 a
Mission Time (TM)
20 a
Diagnostic Coverage (DC)
0 %
Ambient conditions
Ambient temperature
-25 ... 70 °C (-13 ... 158 °F)
Mechanical specifications
Connection type
cable PVC , 130 mm
Core cross-section
0.14 mm2
Housing material
PBT
Sensing face
PBT
Degree of protection
IP67
Compliance with standards and directives
Standard conformity
Standards
EN 60947-5-2:2007
IEC 60947-5-2:2007
Approvals and certificates
CCC approval
CCC approval / marking not required for products rated ≤36 V
Dimensions
Electrical Connection
ø 3
5.5
22.2
27.8
LED
BN
L+
L-
BK
BU


同様の部品番号 - NBN6-V3-E3

メーカー部品番号データシート部品情報
logo
Pepperl+Fuchs Inc.
NBN6-V3-E3-V3 PF-NBN6-V3-E3-V3 Datasheet
211Kb / 2P
   Inductive sensor
More results

同様の説明 - NBN6-V3-E3

メーカー部品番号データシート部品情報
logo
Pepperl+Fuchs Inc.
NBB8-18GM50-E2-Y278765 PF-NBB8-18GM50-E2-Y278765 Datasheet
165Kb / 1P
   Inductive sensor
NBN8-12GM50-E2-V1-Y323749 PF-NBN8-12GM50-E2-V1-Y323749 Datasheet
211Kb / 2P
   Inductive sensor
NBN40-U1-E0-M PF-NBN40-U1-E0-M Datasheet
298Kb / 2P
   Inductive sensor
NBN40-U1-E3-M PF-NBN40-U1-E3-M Datasheet
296Kb / 2P
   Inductive sensor
NJ8-18GK-SN-50M PF-NJ8-18GK-SN-50M Datasheet
210Kb / 2P
   Inductive sensor
NBB15-30GM50-E0-M-Y242746 PF-NBB15-30GM50-E0-M-Y242746 Datasheet
260Kb / 2P
   Inductive sensor
NCB2-12GM60-B3-V1 PF-NCB2-12GM60-B3-V1 Datasheet
259Kb / 2P
   Inductive sensor
NCB5-18GM60-B3B-V1 PF-NCB5-18GM60-B3B-V1 Datasheet
292Kb / 3P
   Inductive sensor
NMB6-F104M-E2-FE-200MM-V3 PF-NMB6-F104M-E2-FE-200MM-V3 Datasheet
226Kb / 2P
   Inductive sensor
NJ2-12GM40-E PF-NJ2-12GM40-E Datasheet
134Kb / 1P
   Inductive sensor
NBB2-F29-A2-5M PF-NBB2-F29-A2-5M Datasheet
164Kb / 1P
   Inductive sensor
More results


Html Pages

1


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com