データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

RBC58-2U データシート(PDF) 1 Page - Tripp Lite. All Rights Reserved

部品番号 RBC58-2U
部品情報  2U UPS Replacement 48VDC Battery Cartridge (2 sets of 4) for select Tripp Lite UPS systems
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TRIPPLITE [Tripp Lite. All Rights Reserved]
ホームページ  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

RBC58-2U データシート(HTML) 1 Page - Tripp Lite. All Rights Reserved

  RBC58-2U Datasheet HTML 1Page - Tripp Lite. All Rights Reserved RBC58-2U Datasheet HTML 2Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Specifications
2U UPS Replacement 48VDC Battery Cartridge (2
sets of 4) for select Tripp Lite UPS systems
MODEL NUMBER: RBC58-2U
Description
Tripp Lite's premium UPS replacement battery cartridges breathe new life into UPS systems suffering
from expired or weak internal batteries. Each replacement battery cartridge is carefully screened and
certified to meet or exceed original specifications and ships ready for installation into your UPS system.
Reusable packaging holds expired batteries for recycling center delivery. See Tripp Lite's UPS
replacement battery web page to confirm compatibility and quantity required.
COMPATIBLE WITH TRIPP LITE MODELS SMART3000RMXL2U and other UPS systems
recommending this pre-assembled replacement battery kit
Features
Restores UPS runtime performance to original specifications
q
Comes pre-assembled and ready for installation
q
Reusable packaging holds expired batteries for recycling center delivery
q
Highlights
Tripp Lite certified premium
battery cartridge
q
Pre-assembled and wired
battery kit offers simple
installation
q
Rugged leakproof construction
q
Maintenance free
q
Wide operating temperature
range
q
Package Includes
Two pre-assembled battery
cartridges, each consisting of 4
pre-wired and connectorized
12V batteries
q
OVERVIEW
UPC Code
037332151780
BATTERY
DC System Voltage (VDC)
48
Included Battery Set
2 sets of 4 pre-assembled 12V batteries
1 / 2


同様の部品番号 - RBC58-2U

メーカー部品番号データシート部品情報
logo
List of Unclassifed Man...
RBC58-2U ETC2-RBC58-2U Datasheet
475Kb / 2P
   2U UPS Replacement Battery Cartridge for select Tripp Lite UPS systems
More results

同様の説明 - RBC58-2U

メーカー部品番号データシート部品情報
logo
Tripp Lite. All Rights ...
RBC49-DV TRIPPLITE-RBC49-DV Datasheet
158Kb / 2P
   2U UPS Replacement 48VDC Battery Cartridge for select Tripp Lite SmartPro UPS
logo
List of Unclassifed Man...
RBC58-2U ETC2-RBC58-2U Datasheet
475Kb / 2P
   2U UPS Replacement Battery Cartridge for select Tripp Lite UPS systems
logo
Tripp Lite. All Rights ...
RBC24V-LCD TRIPPLITE-RBC24V-LCD Datasheet
158Kb / 2P
   2U UPS Replacement Battery Cartridge for select Tripp Lite UPS
RBC94-2U TRIPPLITE-RBC94-2U Datasheet
163Kb / 2P
   2U UPS Replacement 48VDC Battery Cartridge (1 set of 4) for select Tripp Lite SmartPro UPS
RBC94-3U TRIPPLITE-RBC94-3U Datasheet
161Kb / 2P
   3U UPS Replacement 48VDC Battery Cartridge for select Tripp Lite SmartPro UPS
RBC96-2U TRIPPLITE-RBC96-2U Datasheet
158Kb / 2P
   2U UPS Replacement 72VDC Battery Cartridge for select Tripp Lite SmartOnline UPS
RBC9-192 TRIPPLITE-RBC9-192 Datasheet
159Kb / 2P
   UPS Replacement 192VDC Battery Cartridge Kit (2 sets of 8) for select Tripp Lite SmartOnline UPS
RBC92-2U TRIPPLITE-RBC92-2U Datasheet
156Kb / 2P
   2U UPS Replacement 24VDC Battery Cartridge (1 set of 2) for select Tripp Lite SmartPro UPS
RBC36H TRIPPLITE-RBC36H Datasheet
197Kb / 2P
   UPS Replacement Battery Cartridge for Select Tripp Lite AVR550U/AVRX550U UPS Systems, 12V
RBC48S TRIPPLITE-RBC48S Datasheet
169Kb / 2P
   Replacement Battery Cartridge for Select 48V Tripp Lite SmartOnline UPS Systems
More results


Html Pages

1 2


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com