データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

GRM21BR11C394KA01 データシート(PDF) 17 Page - Murata Manufacturing Co., Ltd

部品番号 GRM21BR11C394KA01
部品情報  Chip Monolithic Ceramic Capacitor for General
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MURATA1 [Murata Manufacturing Co., Ltd]
ホームページ  http://www.murata.com
Logo MURATA1 - Murata Manufacturing Co., Ltd

GRM21BR11C394KA01 データシート(HTML) 17 Page - Murata Manufacturing Co., Ltd

Back Button GRM21BR11C394KA01 Datasheet HTML 13Page - Murata Manufacturing Co., Ltd GRM21BR11C394KA01 Datasheet HTML 14Page - Murata Manufacturing Co., Ltd GRM21BR11C394KA01 Datasheet HTML 15Page - Murata Manufacturing Co., Ltd GRM21BR11C394KA01 Datasheet HTML 16Page - Murata Manufacturing Co., Ltd GRM21BR11C394KA01 Datasheet HTML 17Page - Murata Manufacturing Co., Ltd GRM21BR11C394KA01 Datasheet HTML 18Page - Murata Manufacturing Co., Ltd GRM21BR11C394KA01 Datasheet HTML 19Page - Murata Manufacturing Co., Ltd GRM21BR11C394KA01 Datasheet HTML 20Page - Murata Manufacturing Co., Ltd GRM21BR11C394KA01 Datasheet HTML 21Page - Murata Manufacturing Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 30 page
background image
4-1.Reflow Soldering
1. When sudden heat is applied to the components, the
[Standard Conditions for Reflow Soldering]
mechanical strength of the components will decrease
because a sudden temperature change causes
deformation inside the components. In order to prevent
mechanical damage to the components, preheating is
required for both the components and the PCB.
Preheating conditions are shown in table 1. It is required to
keep the temperature differential between the solder and
the components surface (ΔT) as small as possible.
2. Solderability of tin plating termination chips might be
deteriorated when a low temperature soldering profile where
the peak solder temperature is below the melting point of
tin is used. Please confirm the solderability of tin plated
termination chips before use.
3. When components are immersed in solvent after mounting,
be sure to maintain the temperature difference (ΔT)
between the component and the solvent within the range
[Allowable Reflow Soldering Temperature and Time]
shown in the table 1.
Table 1
Series
GRM
GRM
In the case of repeated soldering, the accumulated
Recommended Conditions
soldering time must be within the range shown above.
Lead Free Solder: Sn-3.0Ag-0.5Cu
4. Optimum Solder Amount for Reflow Soldering
4-1. Overly thick application of solder paste results in a excessive solder fillet height.
This makes the chip more susceptible to mechanical and thermal stress on the board and may cause the chips to crack.
4-2. Too little solder paste results in a lack of adhesive strength on the termination, which may result in chips breaking loose
from the PCB.
4-3. Please confirm that solder has been applied smoothly to the termination.
Make sure not to impose any abnormal mechanical shocks to the PCB.
Inverting the PCB
240 to 260℃
Chip Dimension(L/W) Code
01/02/03/15/18/21/31
32/43/55
ΔT≦190℃
Caution
Lead Free Solder
Peak Temperature
Air or N2
Atmosphere
ΔT≦130℃
Temperature Differential
!
Temperature(℃)
Peak Temperature
Soldering
Gradual
Cooling
Preheating
ΔT
60-120 seconds
30-60 seconds
Time
190℃
170℃
150℃
220℃
Soldering Time(s)
280
270
260
250
240
230
220
0
30
60
120
90
JEMCGC-2701X
17


同様の部品番号 - GRM21BR11C394KA01

メーカー部品番号データシート部品情報
logo
Murata Manufacturing Co...
GRM21BR11C394JA01 MURATA1-GRM21BR11C394JA01 Datasheet
828Kb / 30P
   Chip Monolithic Ceramic Capacitor for General
GRM21BR11C394JA01K MURATA1-GRM21BR11C394JA01K Datasheet
828Kb / 30P
   Chip Monolithic Ceramic Capacitor for General
GRM21BR11C394JA01L MURATA1-GRM21BR11C394JA01L Datasheet
828Kb / 30P
   Chip Monolithic Ceramic Capacitor for General
GRM21BR11C394MA01 MURATA1-GRM21BR11C394MA01 Datasheet
828Kb / 30P
   Chip Monolithic Ceramic Capacitor for General
GRM21BR11C394MA01K MURATA1-GRM21BR11C394MA01K Datasheet
828Kb / 30P
   Chip Monolithic Ceramic Capacitor for General
More results

同様の説明 - GRM21BR11C394KA01

メーカー部品番号データシート部品情報
logo
Murata Manufacturing Co...
GR331AD72W103KW01 MURATA-GR331AD72W103KW01 Datasheet
695Kb / 25P
   Chip Monolithic Ceramic Capacitor for General
GRM31B5C2H821JW01 MURATA-GRM31B5C2H821JW01 Datasheet
1Mb / 28P
   Chip Monolithic Ceramic Capacitor for General
GRM31B5C2J681JW01 MURATA-GRM31B5C2J681JW01 Datasheet
1Mb / 28P
   Chip Monolithic Ceramic Capacitor for General
GRM152C80J224KE19 MURATA-GRM152C80J224KE19 Datasheet
838Kb / 30P
   Chip Monolithic Ceramic Capacitor for General
GRM0225C1E5R1WA03 MURATA-GRM0225C1E5R1WA03 Datasheet
836Kb / 30P
   Chip Monolithic Ceramic Capacitor for General
GRM152C80J224ME19 MURATA-GRM152C80J224ME19 Datasheet
838Kb / 30P
   Chip Monolithic Ceramic Capacitor for General
GRM0225C1E6R7WA03 MURATA-GRM0225C1E6R7WA03 Datasheet
836Kb / 30P
   Chip Monolithic Ceramic Capacitor for General
GRM152D70G104KE15 MURATA-GRM152D70G104KE15 Datasheet
838Kb / 30P
   Chip Monolithic Ceramic Capacitor for General
GRM0225C1E6R8WA03 MURATA-GRM0225C1E6R8WA03 Datasheet
836Kb / 30P
   Chip Monolithic Ceramic Capacitor for General
GRM21BR71H563KA01 MURATA-GRM21BR71H563KA01 Datasheet
828Kb / 30P
   Chip Monolithic Ceramic Capacitor for General
GRM31A5C2H100JW01 MURATA-GRM31A5C2H100JW01 Datasheet
1Mb / 28P
   Chip Monolithic Ceramic Capacitor for General
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com