データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

CS42L51-DNZ データシート(PDF) 7 Page - Cirrus Logic

部品番号 CS42L51-DNZ
部品情報  Low Power, Stereo CODEC with Headphone Amp
Download  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  CIRRUS [Cirrus Logic]
ホームページ  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS42L51-DNZ データシート(HTML) 7 Page - Cirrus Logic

Back Button CS42L51-DNZ Datasheet HTML 3Page - Cirrus Logic CS42L51-DNZ Datasheet HTML 4Page - Cirrus Logic CS42L51-DNZ Datasheet HTML 5Page - Cirrus Logic CS42L51-DNZ Datasheet HTML 6Page - Cirrus Logic CS42L51-DNZ Datasheet HTML 7Page - Cirrus Logic CS42L51-DNZ Datasheet HTML 8Page - Cirrus Logic CS42L51-DNZ Datasheet HTML 9Page - Cirrus Logic CS42L51-DNZ Datasheet HTML 10Page - Cirrus Logic CS42L51-DNZ Datasheet HTML 11Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 83 page
background image
DS679A2
7
CS42L51
1. PIN DESCRIPTIONS - SOFTWARE (HARDWARE) MODE
Pin Name
#
Pin Description
LRCK
1
Left Right Clock (Input/Output) - Determines which channel, Left or Right, is currently active on the
serial audio data line.
SDA/CDIN
2
Serial Control Data (Input/Output) - SDA is a data I/O in I²C mode. CDIN is the input data line for the
control port interface in SPI mode.
(MCLKDIV2)
MCLK Divide by 2 (Input) - Hardware Mode: Divides the MCLK by 2 prior to all internal circuitry.
SCL/CCLK
3
Serial Control Port Clock (Input) - Serial clock for the serial control port.
(I²S/LJ)
Interface Format Selection (Input) - Hardware Mode: Selects between I²S & Left-Justified interface for-
mats for the ADC & DAC.
AD0/CS
4
Address Bit 0 (I²C) / Control Port Chip Select (SPI) (Input) - AD0 is a chip address pin in I²C mode; CS
is the chip select signal for SPI format.
(DEM)
De-Emphasis (Input) - Hardware Mode: Enables/disables the de-emphasis filter.
VA_HP
5
Analog Power For Headphone (Input) - Positive power for the internal analog headphone section.
FLYP
6
Charge Pump Cap Positive Node (Input) - Positive node for the external charge pump capacitor.
GNDHP
7
Analog Ground (Input) - Ground reference for the internal headphone/charge pump section.
FLYN
8
Charge Pump Cap Negative Node (Input) - Negative node for the external charge pump capacitor.
VSS_HP
9
Negative Voltage From Charge Pump (Output) - Negative voltage rail for the internal analog head-
phone section.
AOUTB
AOUTA
10
11
Analog Audio Output (Output) - The full-scale output level is specified in the DAC Analog Characteris-
tics specification table.
VA
12
Analog Power (Input) - Positive power for the internal analog section.
AGND
13
Analog Ground (Input) - Ground reference for the internal analog section.
10
9
8
7
6
5
4
3
2
1
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
29
30
31
32
CS42L51
SDA/CDIN (MCLKDIV2)
SCL/CCLK (I²S/LJ)
AD0/CS (DEM)
FLYP
GNDHP
FLYN
AFILTA
AIN1A
AIN1B
AIN2A
AIN2B/BIAS
MICIN1/AIN3A
MICIN2/BIAS/AIN3B
AFILTB
VA_HP
LRCK


同様の部品番号 - CS42L51-DNZ

メーカー部品番号データシート部品情報
logo
Cirrus Logic
CS42L51-DNZ CIRRUS-CS42L51-DNZ Datasheet
1Mb / 88P
   Low Power, Stereo CODEC with Headphone Amp
CS42L51-DNZR CIRRUS-CS42L51-DNZR Datasheet
1Mb / 88P
   Low Power, Stereo CODEC with Headphone Amp
More results

同様の説明 - CS42L51-DNZ

メーカー部品番号データシート部品情報
logo
Cirrus Logic
CS42L51 CIRRUS-CS42L51_07 Datasheet
1Mb / 88P
   Low Power, Stereo CODEC with Headphone Amp
logo
Freescale Semiconductor...
SGTL5000XNAA3R2 FREESCALE-SGTL5000XNAA3R2 Datasheet
1Mb / 68P
   Low Power Stereo Codec with Headphone Amp
SGTL5000 FREESCALE-SGTL5000_13 Datasheet
1Mb / 68P
   Low Power Stereo Codec with Headphone Amp
SGTL5000XNAA3 FREESCALE-SGTL5000XNAA3 Datasheet
1Mb / 84P
   Low Power Stereo Codec with Headphone Amp
logo
NXP Semiconductors
SGTL5000 NXP-SGTL5000 Datasheet
3Mb / 68P
   Low Power Stereo Codec with Headphone Amp
Rev. 6.0, 11/2013
logo
Cirrus Logic
CS42L50 CIRRUS-CS42L50 Datasheet
1Mb / 48P
   Low Voltage, Stereo CODEC with headphone Amp
CS42L56 CIRRUS-CS42L56 Datasheet
3Mb / 92P
   Ultralow Power, Stereo Codec with Class H Headphone Amp
Version 2.1, January 2000
logo
Protek Devices
PA5155 PROTEC-PA5155 Datasheet
734Kb / 27P
   Low Power Stereo Audio CODEC With Headphone Amplifier
logo
Suzhou Everest Semicond...
ES8328 EVEREST-ES8328 Datasheet
527Kb / 37P
   Low Power Stereo Audio CODEC With Headphone Amplifier
Revision 1.0
ES8388 EVEREST-ES8388 Datasheet
830Kb / 36P
   Low Power Stereo Audio CODEC With Headphone Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com