データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MC1413PG データシート(PDF) 3 Page - ON Semiconductor

部品番号 MC1413PG
部品情報  High Voltage, High Current Darlington Transistor Arrays
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ONSEMI [ON Semiconductor]
ホームページ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC1413PG データシート(HTML) 3 Page - ON Semiconductor

  MC1413PG Datasheet HTML 1Page - ON Semiconductor MC1413PG Datasheet HTML 2Page - ON Semiconductor MC1413PG Datasheet HTML 3Page - ON Semiconductor MC1413PG Datasheet HTML 4Page - ON Semiconductor MC1413PG Datasheet HTML 5Page - ON Semiconductor MC1413PG Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
MC1413, MC1413B, NCV1413B
http://onsemi.com
3
1 Output Conducting at a Time
PIN 10
All Types
1
% DUTY CYCLE
VI, INPUT VOLTAGE (V)
VCE(sat), SATURATION VOLTAGE (V)
100
1000
700
500
300
3
10
2
4
5
6
200
100
70
50
30
20
1.0
2.5
2.0
1.5
1.0
0.5
0
0
7
7.0
4.0
5.0
8.0
3.0
6.0
2.0
0
100
200
400
300
500
700
600
0.4
0.6
0.8
1.0
1.2
1.4
800
1.6
0
0.2
PIN 13
All Types
100
400
300
350
250
200
150
100
400
0
300
200
0
II, INPUT CURRENT (mA)
50
TYPICAL PERFORMANCE CURVES − TA = 25°C
VI, INPUT VOLTAGE (V)
0
1.0
2.0
3.0
4.0
5.0
10
9.0
8.0
11
12
400
300
200
100
0
MC1413, B
Figure 3. Output Current versus Input Voltage
Figure 4. Output Current versus Input Current
Figure 5. Typical Output Characteristics
Figure 6. Input Characteristics − MC1413, B
Figure 7. Maximum Collector Current
versus Duty Cycle
(and Number of Drivers in Use)
PIN 16
Maximum
Typical


同様の部品番号 - MC1413PG

メーカー部品番号データシート部品情報
logo
ON Semiconductor
MC1413PG ONSEMI-MC1413PG Datasheet
76Kb / 8P
   High Voltage, High Current Darlington Transistor Arrays
July, 2006 ??Rev. 8
More results

同様の説明 - MC1413PG

メーカー部品番号データシート部品情報
logo
Texas Instruments
ULN2002A TI1-ULN2002A_16 Datasheet
1Mb / 34P
[Old version datasheet]   High-Voltage, High-Current Darlington Transistor Arrays
ULQ2003A-Q1 TI1-ULQ2003A-Q1_15 Datasheet
984Kb / 25P
[Old version datasheet]   High-Voltage High-Current Darlington Transistor Arrays
logo
Tiger Electronic Co.,Lt...
ULN2004 TGS-ULN2004_17 Datasheet
5Mb / 8P
   HIGH-VOLTAGE HIGH-CURRENT DARLINGTON TRANSISTOR ARRAYS
logo
ON Semiconductor
ULN2003A ONSEMI-ULN2003A Datasheet
82Kb / 5P
   High Voltage, High Current Darlington Transistor Arrays
November, 2007 - Rev. 0
logo
Texas Instruments
SN75424N TI-SN75424N Datasheet
112Kb / 7P
[Old version datasheet]   HIGH-VOLTAGE HIGH-CURRENT DARLINGTON TRANSISTOR ARRAYS
logo
ON Semiconductor
MC1413 ONSEMI-MC1413_06 Datasheet
76Kb / 8P
   High Voltage, High Current Darlington Transistor Arrays
July, 2006 ??Rev. 8
logo
Exar Corporation
XR-2004 EXAR-XR-2004 Datasheet
402Kb / 7P
   High-Voltage, High-Current Darlington Transistor Arrays
logo
IK Semicon Co., Ltd
ILN2003A IKSEMICON-ILN2003A_13 Datasheet
541Kb / 8P
   HIGH-VOLTAGE HIGH-CURRENT DARLINGTON TRANSISTOR ARRAYS
logo
Texas Instruments
ULN2003AN TI1-ULN2003AN Datasheet
1Mb / 28P
[Old version datasheet]   HIGH-VOLTAGE, HIGH-CURRENT DARLINGTON TRANSISTOR ARRAYS
logo
Integral Corp.
ILN2003A INTEGRAL-ILN2003A Datasheet
291Kb / 8P
   HIGH-VOLTAGE HIGH-CURRENT DARLINGTON TRANSISTOR ARRAYS
More results


Html Pages

1 2 3 4 5 6


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com