データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

CDB4270 データシート(PDF) 8 Page - Cirrus Logic

部品番号 CDB4270
部品情報  24-Bit, 192 kHz Stereo Audio CODEC
Download  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  CIRRUS [Cirrus Logic]
ホームページ  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CDB4270 データシート(HTML) 8 Page - Cirrus Logic

Back Button CDB4270 Datasheet HTML 4Page - Cirrus Logic CDB4270 Datasheet HTML 5Page - Cirrus Logic CDB4270 Datasheet HTML 6Page - Cirrus Logic CDB4270 Datasheet HTML 7Page - Cirrus Logic CDB4270 Datasheet HTML 8Page - Cirrus Logic CDB4270 Datasheet HTML 9Page - Cirrus Logic CDB4270 Datasheet HTML 10Page - Cirrus Logic CDB4270 Datasheet HTML 11Page - Cirrus Logic CDB4270 Datasheet HTML 12Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 48 page
background image
8
DS686A1
CS4270
3. CHARACTERISTICS AND SPECIFICATIONS
(All Min/Max characteristics and specifications are guaranteed over the Specified Operating Conditions. Typical
performance characteristics and specifications are derived from measurements taken at nominal supply voltages
and TA = 25°C.)
SPECIFIED OPERATING CONDITIONS
(AGND = 0 V; all voltages with respect to ground.)
ABSOLUTE MAXIMUM RATINGS
(AGND = DGND = 0 V, All voltages with respect to ground.) (Note 1)
Notes:
1.
Operation beyond these limits may result in permanent damage to the device.
Normal operation is not guaranteed at these extremes.
2.
Any pin except supplies. Transient currents of up to ±100 mA on the analog input pins will not cause SRC
latch-up.
THERMAL CHARACTERISTICS
3.
θJA is specified according to JEDEC specifications for multi-layer PCBs.
Parameters
Symbol
Min
Nom
Max
Units
DC Power Supplies:
Analog
Digital
Control Port Interface
VA
VD
VLC
3.1
3.1
1.7
5.0
3.3
3.3
5.25
5.25
5.25
V
V
V
Ambient Operating Temperature (Power Applied)
(-CZZ)
(-DZZ)
TA-CZZ
TA-DZZ
-10
-40
-
-
+70
+85
°C
°C
Parameter
Symbol
Min
Typ
Max
Units
DC Power Supplies:
Analog
Digital
Control Port Interface
VA
VD
VLC
-0.3
-0.3
-0.3
-
-
-
+6.0
+6.0
+6.0
V
V
V
Input Current
(Note 2)
Iin
-10
-
+10
mA
Analog Input Voltage
VIN
AGND-0.7
-
VA+0.7
V
Digital Input Voltage
Control Port Interface
Digital Interface
VIND-C
VIND-D
-0.3
-0.3
-VLC+0.3
VD+0.3
V
V
Ambient Operating Temperature (Power Applied)
TAC
-50
-
+95
°C
Storage Temperature
Tstg
-65
-
+150
°C
Parameters
Symbol
Min
Typ
Max
Units
Allowable Junction Temperature
-
-
135
°C
Junction to Ambient Thermal Impedance (Note 3)
(Multi-layer PCB) TSSOP
(Multi-layer PCB) SOIC
(Single-layer PCB) TSSOP
(Single-layer PCB) SOIC
θ
JA-TM
θ
JA-SM
θ
JA-TS
θ
JA-SS
-
-
-
-
70
60
105
80
-
-
-
-
°C/W
°C/W
°C/W
°C/W


同様の部品番号 - CDB4270

メーカー部品番号データシート部品情報
logo
Cirrus Logic
CDB4270 CIRRUS-CDB4270 Datasheet
980Kb / 49P
   24-Bit, 192 kHz Stereo Audio CODEC
More results

同様の説明 - CDB4270

メーカー部品番号データシート部品情報
logo
Cirrus Logic
CS4272-DZZ CIRRUS-CS4272-DZZ Datasheet
1Mb / 53P
   24-Bit, 192 kHz Stereo Audio CODEC
CS4272 CIRRUS-CS4272 Datasheet
1Mb / 53P
   24-Bit, 192 kHz Stereo Audio CODEC
CS4271 CIRRUS-CS4271 Datasheet
1Mb / 53P
   24-Bit, 192 kHz Stereo Audio CODEC
CS4270 CIRRUS-CS4270_06 Datasheet
980Kb / 49P
   24-Bit, 192 kHz Stereo Audio CODEC
logo
Protek Devices
PA5322 PROTEC-PA5322 Datasheet
280Kb / 17P
   100dB, 24-Bit, 192 kHz Stereo Audio CODEC
logo
Suzhou Everest Semicond...
ES7322 EVEREST-ES7322 Datasheet
908Kb / 23P
   100dB, 24-Bit, 192 kHz Stereo Audio CODEC
logo
Protek Devices
PA5388 PROTEC-PA5388 Datasheet
750Kb / 27P
   100dB, 24-Bit, 192 kHz Stereo Audio CODEC
logo
Wolfson Microelectronic...
WM8591 WOLFSON-WM8591 Datasheet
495Kb / 50P
   24 BIT, 192 KHZ STEREO CODEC
logo
Cirrus Logic
CS4265 CIRRUS-CS4265_07 Datasheet
1Mb / 56P
   104 dB, 24-Bit, 192 kHz Stereo Audio CODEC
logo
Burr-Brown (TI)
PCM3060 BURR-BROWN-PCM3060 Datasheet
505Kb / 45P
   24-BIT, 96/192-kHz ASYNCHRONOUS STEREO AUDIO CODEC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com