データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

CS4373 データシート(PDF) 7 Page - Cirrus Logic

部品番号 CS4373
部品情報  Low-power, High-performance Delta-Sigma Test DAC
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  CIRRUS [Cirrus Logic]
ホームページ  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4373 データシート(HTML) 7 Page - Cirrus Logic

Back Button CS4373 Datasheet HTML 3Page - Cirrus Logic CS4373 Datasheet HTML 4Page - Cirrus Logic CS4373 Datasheet HTML 5Page - Cirrus Logic CS4373 Datasheet HTML 6Page - Cirrus Logic CS4373 Datasheet HTML 7Page - Cirrus Logic CS4373 Datasheet HTML 8Page - Cirrus Logic CS4373 Datasheet HTML 9Page - Cirrus Logic CS4373 Datasheet HTML 10Page - Cirrus Logic CS4373 Datasheet HTML 11Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
CS4373
DS577F1
7
SWITCHING CHARACTERISTICS
Notes: 14. If MCLK is removed, the CS4373 enters a sleep mode state.
15. SYNC latched on MCLK falling edge, data output on next MCLK rising edge.
Parameter
Symbol
Min
Typ
Max
Unit
MCLK Frequency
Normal Power Mode
(Note 14)
Low Power Mode
fc
-
-
2.048
1.024
-
-
MHz
MHz
MCLK Duty Cycle
DCCLK
40
-
60
%
MCLK Jitter (In-band or aliased in-band)
CKJIB
--
300
ps
MCLK Jitter (Out-of-band)
CKJOB
--
1
ns
Rise Times:
Any Digital Input
trise
-
-
50
ns
Fall Times:
Any Digital Input
tfall
-
-
50
ns
SYNC Setup Time to MCLK falling
(Note 15)tmss
20
-
-
ns
SYNC Hold Time after MCLK falling
tmsh
20
-
-
ns
MCLK
MSYNC
t
TDATA
0
(2.048 MHz)
(256 kHz)
t
mss
t
mclk
t
msync
t
tdat
t
msh
Figure 2. Timing
0.9*VD
0.1*VD
t fall
t rise
Figure 1. Rise and Fall Times


同様の部品番号 - CS4373

メーカー部品番号データシート部品情報
logo
Cirrus Logic
CS4373A CIRRUS-CS4373A Datasheet
759Kb / 34P
   Low-power, High-performance Test DAC
CS4373A-ISZ CIRRUS-CS4373A-ISZ Datasheet
759Kb / 34P
   Low-power, High-performance Test DAC
More results

同様の説明 - CS4373

メーカー部品番号データシート部品情報
logo
Cirrus Logic
CS4373A CIRRUS-CS4373A Datasheet
759Kb / 34P
   Low-power, High-performance Test DAC
CS5373A CIRRUS-CS5373A Datasheet
863Kb / 40P
   Low-power, High-performance Modulator and Test DAC
logo
STMicroelectronics
TDA7535 STMICROELECTRONICS-TDA7535_06 Datasheet
128Kb / 9P
   DELTA/SIGMA CASCADE 20 BIT STEREO DAC
logo
Analog Devices
AD7729 AD-AD7729_17 Datasheet
177Kb / 17P
   Dual Sigma-Delta ADC with Auxiliary DAC
logo
STMicroelectronics
TDA7535 STMICROELECTRONICS-TDA7535 Datasheet
160Kb / 9P
   DELTA/SIGMA CASCADE 20 BIT STEREO DAC
logo
Analog Devices
AD7729ARZ AD-AD7729ARZ Datasheet
134Kb / 16P
   Dual Sigma-Delta ADC with Auxiliary DAC
REV. 0
AD7729 AD-AD7729 Datasheet
142Kb / 16P
   Dual Sigma-Delta ADC with Auxiliary DAC
REV. 0
AD7729 AD-AD7729_15 Datasheet
146Kb / 16P
   Dual Sigma-Delta ADC with Auxiliary DAC
REV. 0
logo
STMicroelectronics
TDA7535013TR STMICROELECTRONICS-TDA7535013TR Datasheet
157Kb / 12P
   Delta/sigma cascade 20 bit stereo DAC
logo
Analog Devices
AD7170 AD-AD7170 Datasheet
271Kb / 16P
   12-Bit Low Power Sigma-Delta ADC
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com