データシートサーチシステム |
|
CS4382A データシート(PDF) 3 Page - Cirrus Logic |
|
CS4382A データシート(HTML) 3 Page - Cirrus Logic |
3 / 47 page DS618PP1 3 CS4382A Mixing Control Pair 3 (Channels A3 & B3)(address 0Ch) Mixing Control Pair 4 (Channels A4 & B4)(address 0Fh) ............................................. 37 5.6.1 Channel A Volume = Channel B Volume (A=B)................................................... 37 5.6.2 ATAPI Channel Mixing and Muting (ATAPI) ........................................................ 37 5.6.3 Functional Mode (FM).......................................................................................... 38 5.7 Volume Control (addresses 07h, 08h, 0Ah, 0Bh, 0Dh, 0Eh) .......................................... 39 5.7.1 Mute (MUTE) ....................................................................................................... 39 5.7.2 Volume Control (xx_VOL) .................................................................................... 39 5.8 Chip Revision (address 12h) ........................................................................................... 40 5.8.1 Part Number ID (part) [Read Only] ...................................................................... 40 6. PARAMETER DEFINITIONS.................................................................................................... 41 7. REFERENCES.......................................................................................................................... 41 8. ORDERING INFORMATION .................................................................................................... 41 9. PACKAGE DIMENSIONS ........................................................................................................ 42 10. APPENDIX ............................................................................................................................. 43 |
同様の部品番号 - CS4382A |
|
同様の説明 - CS4382A |