データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

CS5550-IS データシート(PDF) 7 Page - Cirrus Logic

部品番号 CS5550-IS
部品情報  Two-channel, Low-cost A/D Converter
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  CIRRUS [Cirrus Logic]
ホームページ  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5550-IS データシート(HTML) 7 Page - Cirrus Logic

Back Button CS5550-IS Datasheet HTML 3Page - Cirrus Logic CS5550-IS Datasheet HTML 4Page - Cirrus Logic CS5550-IS Datasheet HTML 5Page - Cirrus Logic CS5550-IS Datasheet HTML 6Page - Cirrus Logic CS5550-IS Datasheet HTML 7Page - Cirrus Logic CS5550-IS Datasheet HTML 8Page - Cirrus Logic CS5550-IS Datasheet HTML 9Page - Cirrus Logic CS5550-IS Datasheet HTML 10Page - Cirrus Logic CS5550-IS Datasheet HTML 11Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
CS5550
DS630F1
7
5 V DIGITAL CHARACTERISTICS
3 V DIGITAL CHARACTERISTICS
RECOMMENDED OPERATING CONDITIONS
Parameter
Symbol
Min
Typ
Max
Unit
High-Level Input Voltage
All Pins Except XIN and SCLK and RESET
XIN
SCLK and RESET
VIH
0.6 VD+
(VD+) - 0.5
0.8 VD+
-
-
-
-
-
-
V
V
V
Low-Level Input Voltage
All Pins Except XIN and SCLK and RESET
XIN
SCLK and RESET
VIL
-
-
-
-
-
-
0.8
1.5
0.2 VD+
V
V
V
High-Level Output Voltage
Iout = +5 mA
VOH
(VD+) - 1.0
-
-
V
Low-Level Output Voltage
Iout = -5 mA
VOL
--
0.4
V
Input Leakage Current
Iin
-±1
±10
µA
3-State Leakage Current
IOZ
--
±10
µA
Digital Output Pin Capacitance
Cout
-5
-
pF
Parameter
Symbol
Min
Typ
Max
Unit
High-Level Input Voltage
All Pins Except XIN and SCLK and RESET
XIN
SCLK and RESET
VIH
0.6 VD+
(VD+) - 0.5
0.8 VD+
-
-
-
-
-
-
V
V
V
Low-Level Input Voltage
All Pins Except XIN and SCLK and RESET
XIN
SCLK and RESET
VIL
-
-
-
-
-
-
0.48
0.3
0.2 VD+
V
V
V
High-Level Output Voltage
Iout = +5 mA
VOH
(VD+) - 1.0
-
-
V
Low-Level Output Voltage
Iout = -5 mA
VOL
--
0.4
V
Input Leakage Current
Iin
-±1
±10
µA
3-State Leakage Current
IOZ
--
±10
µA
Digital Output Pin Capacitance
Cout
-5
-
pF
Parameter
Symbol
Min
Typ
Max
Unit
Positive Digital Power Supply
VD+
3.135
3.3
5.25
V
Positive Analog Power Supply
VA+
4.75
5
5.25
V
Negative Analog Power Supply
AGND
-0.25
0
0.25
V
Voltage Reference
VREF
-
2.5
-
V
Specified Temperature Range
TA
-40
-
+85
°C


同様の部品番号 - CS5550-IS

メーカー部品番号データシート部品情報
logo
Sumida Corporation
CS55 SUMIDA-CS55 Datasheet
41Kb / 2P
   RF COILS < SMD Type: CS Series>
logo
Cirrus Logic
CS5501 CIRRUS-CS5501 Datasheet
702Kb / 54P
   Non-aliasing, 16- & 20-bit A/D Converters
CS5501 CIRRUS-CS5501 Datasheet
520Kb / 54P
   Low-Cost, 16 & 20-Bit Measurement A/D Converter
CS5501-AP CIRRUS-CS5501-AP Datasheet
520Kb / 54P
   Low-Cost, 16 & 20-Bit Measurement A/D Converter
CS5501-AS CIRRUS-CS5501-AS Datasheet
520Kb / 54P
   Low-Cost, 16 & 20-Bit Measurement A/D Converter
More results

同様の説明 - CS5550-IS

メーカー部品番号データシート部品情報
logo
List of Unclassifed Man...
ZN429E8 ETC-ZN429E8 Datasheet
195Kb / 7P
   LOW COST 8-BIT D-A CONVERTER
logo
Analog Devices
ADC1100 AD-ADC1100_15 Datasheet
1Mb / 4P
   LOW COST DUAL SLOPE A/D CONVERTER
AD561 AD-AD561_15 Datasheet
213Kb / 8P
   Low Cost 10-Bit Monolithic D/A Converter
REV. A
logo
Intersil Corporation
HI-DAC80V INTERSIL-HI-DAC80V_01 Datasheet
92Kb / 8P
   12-Bit, Low Cost, Monolithic D/A Converter
logo
Analog Devices
AD561 AD-AD561 Datasheet
210Kb / 8P
   Low Cost 10-Bit Monolithic D/A Converter
REV. A
AD561SD-883B AD-AD561SD-883B Datasheet
524Kb / 6P
   Low Cost 10-Bit Monolithic D/A Converter
REV. G
logo
Renesas Technology Corp
HI-DAC80V RENESAS-HI-DAC80V Datasheet
483Kb / 8P
   12-Bit, Low Cost, Monolithic D/A Converter
logo
Analog Devices
AD6012 AD-AD6012_15 Datasheet
2Mb / 6P
   LOW COST MONOLITHIC 12 BIT D/A CONVERTER
AD561 AD-AD561_17 Datasheet
623Kb / 5P
   LOW COST, 10-BIT MONOLITHIC D/A CONVERTER
DAC1146 AD-DAC1146_15 Datasheet
1Mb / 4P
   LOW COST HIGH ACCURACY 18 BIT D/A CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com