データシートサーチシステム |
|
MC14538BDR2 データシート(PDF) 8 Page - ON Semiconductor |
|
MC14538BDR2 データシート(HTML) 8 Page - ON Semiconductor |
8 / 12 page MC14538B http://onsemi.com 8 THEORY OF OPERATION 2 Figure 10. Timing Operation Positive edge re–trigger (pulse lengthening) Positive edge trigger 1 2 3 4 5 1 3 4 5 RESET A B CX/RX Q Vref 1 Vref 1 Vref 1 Vref 1 Vref 2 Vref 2 Vref 2 Vref 2 T T T Negative edge trigger Positive edge trigger Positive edge re–trigger (pulse lengthening) TRIGGER OPERATION The block diagram of the MC14538B is shown in Figure 1, with circuit operation following. As shown in Figure 1 and 10, before an input trigger occurs, the monostable is in the quiescent state with the Q output low, and the timing capacitor CX completely charged to VDD. When the trigger input A goes from VSS to VDD (while inputs B and Reset are held to VDD) a valid trigger is recognized, which turns on comparator C1 and N–channel transistor N1 . At the same time the output latch is set. With transistor N1 on, the capacitor CX rapidly discharges toward VSS until Vref1 is reached. At this point the output of comparator C1 changes state and transistor N1 turns off. Comparator C1 then turns off while at the same time comparator C2 turns on. With transistor N1 off, the capacitor CX begins to charge through the timing resistor, RX, toward VDD. When the voltage across CX equals Vref 2, comparator C2 changes state, causing the output latch to reset (Q goes low) while at the same time disabling comparator C2 . This ends at the timing cycle with the monostable in the quiescent state, waiting for the next trigger. In the quiescent state, CX is fully charged to VDD causing the current through resistor RX to be zero. Both comparators are “off” with total device current due only to reverse junction leakages. An added feature of the MC14538B is that the output latch is set via the input trigger without regard to the capacitor voltage. Thus, propagation delay from trigger to Q is independent of the value of CX, RX, or the duty cycle of the input waveform. RETRIGGER OPERATION The MC14538B is retriggered if a valid trigger occurs followed by another valid trigger before the Q output has returned to the quiescent (zero) state. Any retrigger, after the timing node voltage at pin 2 or 14 has begun to rise from Vref 1, but has not yet reached Vref 2, will cause an increase in output pulse width T. When a valid retrigger is initiated , the voltage at CX/RX will again drop to Vref 1 before progressing along the RC charging curve toward VDD. The Q output will remain high until time T, after the last valid retrigger. RESET OPERATION The MC14538B may be reset during the generation of the output pulse. In the reset mode of operation, an input pulse on Reset sets the reset latch and causes the capacitor to be fast charged to VDD by turning on transistor P1 . When the voltage on the capacitor reaches Vref 2, the reset latch will clear, and will then be ready to accept another pulse. It the Reset input is held low, any trigger inputs that occur will be inhibited and the Q and Q outputs of the output latch will not change. Since the Q output is reset when an input low level is detected on the Reset input, the output pulse T can be made significantly shorter than the minimum pulse width specification. |
同様の部品番号 - MC14538BDR2 |
|
同様の説明 - MC14538BDR2 |