データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LM32CIMT データシート(PDF) 11 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
部品番号 LM32CIMT
部品情報  Dual Thermal Diode Temperature Sensor with SensorPath Bus
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  NSC [National Semiconductor (TI)]
ホームページ  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM32CIMT データシート(HTML) 11 Page - National Semiconductor (TI)

Back Button LM32CIMT Datasheet HTML 7Page - National Semiconductor (TI) LM32CIMT Datasheet HTML 8Page - National Semiconductor (TI) LM32CIMT Datasheet HTML 9Page - National Semiconductor (TI) LM32CIMT Datasheet HTML 10Page - National Semiconductor (TI) LM32CIMT Datasheet HTML 11Page - National Semiconductor (TI) LM32CIMT Datasheet HTML 12Page - National Semiconductor (TI) LM32CIMT Datasheet HTML 13Page - National Semiconductor (TI) LM32CIMT Datasheet HTML 14Page - National Semiconductor (TI) LM32CIMT Datasheet HTML 15Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
1.0 Functional Description (Continued)
1.3.2 Read Transaction
During a read transaction, the master reads data from a
register at a specified address within a slave. A read trans-
action begins with a Start Bit and ends with an ACK bit, as
shown in Figure 5.
Device Number This is the address of the LM32 device
accessed. Address "000" is a broadcast address and can
be responded to by all the slave devices. The LM32
ignores the broadcast address during a read transaction.
Internal Address The address of a register within the
LM32 that is read.
Read/Write (R/W) A "1" indicates a read transaction.
Data Bits During a read transaction the data bits are
driven by the LM32. Data is transferred serially with the
most significant bit first. This allows throughput optimiza-
tion based on the information that needs to be read.
The LM32 supports 8-bit or 16-bit data fields, as de-
scribed in Section 2.0 "Register Set".
Even Parity (EP) This bit is based on all preceding bits
(device number, internal address, Read/Write and data
bits) and the parity bit itself. The parity -number of 1’s - of
all the preceding bits and the parity bit must be even - i.e.,
the result must be 0. During a read transaction, the EP bit
is sent by the LM32 to the master to allow the master to
check the received data before using it.
Acknowledge (ACK) During a read transaction the ACK
bit is sent by the master indicating that the EP bit was
received and was found to be correct, when compared to
the data preceding it, and that no conflict was detected
on the bus (excluding Attention Request - see Section
1.3.5 "Attention Request Transaction"). A read transfer is
considered "complete" only when the ACK bit is received.
A transaction that was not positively acknowledged is not
considered "complete" by the LM32 and following are
performed:
— The BER bit in the LM32 Device Status register is set
— The LM32 generates an Attention Request before, or
together with the Start Bit of the next transaction
A transaction that was not positively acknowledged is
also not considered "complete" by the master (i.e. inter-
nal operations related to the transaction are not per-
formed). The transaction may be repeated by the master,
after detecting the source of the Attention Request (the
LM32 that has a set BER bit in the Device Status regis-
ter). Note that the SensorPath protocol neither forces, nor
automates re-execution of the transaction by the master.
The values of the ACK bit are:
— 1: Data was received correctly
— 0: An error was detected (no-acknowledge).
1.3.3 Write Transaction
In a write transaction, the master writes data to a register at
a specified address in the LM32. A write transaction begins
with a Start Bit and ends with an ACK Data Bit, as show in
Figure 6.
Device Number This is the address of the slave device
accessed. Address "000" is a broadcast address and is
responded to by all the slave devices. The LM32 re-
sponds to broadcast messages to the Device Control
Register.
Internal Address This is the register address in the
LM32 that will be written.
Read/Write (R/W) A "0" data bit directs a write transac-
tion.
20071108
FIGURE 4. Bus Reset Transaction
20071109
FIGURE 5. Read Transaction, master reads data from LM32
www.national.com
11


同様の部品番号 - LM32CIMT

メーカー部品番号データシート部品情報
logo
National Semiconductor ...
LM32 NSC-LM32 Datasheet
268Kb / 12P
   Series 3-Terminal Negative Regulators
LM32 NSC-LM32 Datasheet
281Kb / 14P
   Precision Timers
LM32 NSC-LM32 Datasheet
210Kb / 8P
   3-Terminal Negative Regulators
LM32 NSC-LM32 Datasheet
237Kb / 9P
   Low Power Single Op Amp
LM32 NSC-LM32 Datasheet
222Kb / 8P
   Dual Voltage Regulator
More results

同様の説明 - LM32CIMT

メーカー部品番号データシート部品情報
logo
Texas Instruments
LM95010 TI1-LM95010 Datasheet
1Mb / 28P
[Old version datasheet]   Digital Temperature Sensor with SensorPath Bus
logo
National Semiconductor ...
LM41 NSC-LM41 Datasheet
367Kb / 27P
   Hardware Monitor with Thermal Diode Inputs and SensorPath??Bus
LM96011 NSC-LM96011 Datasheet
80Kb / 2P
   Hardware Monitor with Thermal Diode Input and SensorPath??Bus
LM40 NSC-LM40 Datasheet
369Kb / 27P
   Hardware Monitor with Dual Thermal Diodes and SensorPath Bus
logo
Texas Instruments
TMP141 TI-TMP141 Datasheet
295Kb / 19P
[Old version datasheet]   Digital Out Temperature Sensor with Single-Wire SensorPath Bus
logo
National Semiconductor ...
LM95010 NSC-LM95010 Datasheet
275Kb / 19P
   Digital Temperature Sensor with SensorPath??Bus in MSOP8 Package
logo
Texas Instruments
TMP141AIDGKRG4 TI-TMP141AIDGKRG4 Datasheet
651Kb / 24P
[Old version datasheet]   Digital Out Temperature Sensor with Single-Wire SensorPath Bus
logo
SMSC Corporation
EMC1423 SMSC-EMC1423_12 Datasheet
812Kb / 51P
   1째C Temperature Sensor with Hardware Thermal Shutdown
EMC1422 SMSC-EMC1422 Datasheet
638Kb / 36P
   1C Temperature Sensor with Hardware Thermal Shutdown
EMC1422 SMSC-EMC1422_08 Datasheet
632Kb / 38P
   1째C Temperature Sensor with Hardware Thermal Shutdown
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com