データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SN74CBTD3384C データシート(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
部品番号 SN74CBTD3384C
部品情報  10-BIT FET BUS SWITCH WITH LEVEL SHIFTING 5-V BUS SWITCH WITH -2-V UNDERSHOOT PROTECTION
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI - Texas Instruments

SN74CBTD3384C データシート(HTML) 7 Page - Texas Instruments

Back Button SN74CBTD3384C Datasheet HTML 3Page - Texas Instruments SN74CBTD3384C Datasheet HTML 4Page - Texas Instruments SN74CBTD3384C Datasheet HTML 5Page - Texas Instruments SN74CBTD3384C Datasheet HTML 6Page - Texas Instruments SN74CBTD3384C Datasheet HTML 7Page - Texas Instruments SN74CBTD3384C Datasheet HTML 8Page - Texas Instruments SN74CBTD3384C Datasheet HTML 9Page - Texas Instruments SN74CBTD3384C Datasheet HTML 10Page - Texas Instruments SN74CBTD3384C Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
SN74CBTD3384C
10BIT FET BUS SWITCH WITH LEVEL SHIFTING
5V BUS SWITCH WITH 2V UNDERSHOOT PROTECTION
SCDS133A −SEPTEMBER 2003 − REVISED OCTOBER 2003
7
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
VCC − Supply Voltage − V
OUTPUT VOLTAGE HIGH
vs
SUPPLY VOLTAGE
TA = 85°C
VI = VCC
VCC − Supply Voltage − V
OUTPUT VOLTAGE HIGH
vs
SUPPLY VOLTAGE
TA = 25°C
VI = VCC
100
µA
6 mA
12 mA
24 mA
VCC − Supply Voltage − V
OUTPUT VOLTAGE HIGH
vs
SUPPLY VOLTAGE
TA = 0°C
VI = VCC
100
µA
6 mA
12 mA
24 mA
100
µA
6 mA
12 mA
24 mA
4
3.75
3.5
3.25
3
2.75
2.5
2.25
2
1.75
1.5
4
3.75
3.5
3.25
3
2.75
2.5
2.25
2
1.75
1.5
4
3.75
3.5
3.25
3
2.75
2.5
2.25
2
1.75
1.5
4.5
4.75
5
5.25
5.5
5.75
4.5
4.75
5
5.25
5.5
5.75
4.5
4.75
5
5.25
5.5
5.75
Figure 4. VOH Values


同様の部品番号 - SN74CBTD3384C

メーカー部品番号データシート部品情報
logo
Texas Instruments
SN74CBTD3384C TI-SN74CBTD3384C Datasheet
534Kb / 18P
[Old version datasheet]   10-BIT FET BUS SWITCH WITH LEVEL SHIFTING 5-V BUS SWITCH WITH -2-V UNDERSHOOT PROTECTION
SN74CBTD3384CDB TI-SN74CBTD3384CDB Datasheet
534Kb / 18P
[Old version datasheet]   10-BIT FET BUS SWITCH WITH LEVEL SHIFTING 5-V BUS SWITCH WITH -2-V UNDERSHOOT PROTECTION
SN74CBTD3384CDBQR TI-SN74CBTD3384CDBQR Datasheet
534Kb / 18P
[Old version datasheet]   10-BIT FET BUS SWITCH WITH LEVEL SHIFTING 5-V BUS SWITCH WITH -2-V UNDERSHOOT PROTECTION
SN74CBTD3384CDBR TI-SN74CBTD3384CDBR Datasheet
534Kb / 18P
[Old version datasheet]   10-BIT FET BUS SWITCH WITH LEVEL SHIFTING 5-V BUS SWITCH WITH -2-V UNDERSHOOT PROTECTION
SN74CBTD3384CDBRE4 TI-SN74CBTD3384CDBRE4 Datasheet
534Kb / 18P
[Old version datasheet]   10-BIT FET BUS SWITCH WITH LEVEL SHIFTING 5-V BUS SWITCH WITH -2-V UNDERSHOOT PROTECTION
More results

同様の説明 - SN74CBTD3384C

メーカー部品番号データシート部品情報
logo
Texas Instruments
SN74CBTD3384C TI-SN74CBTD3384C_08 Datasheet
534Kb / 18P
[Old version datasheet]   10-BIT FET BUS SWITCH WITH LEVEL SHIFTING 5-V BUS SWITCH WITH -2-V UNDERSHOOT PROTECTION
SN74CBTD3306C TI1-SN74CBTD3306C_16 Datasheet
1Mb / 18P
[Old version datasheet]   DUAL FET BUS SWITCH WITH LEVEL SHIFTING 5-V BUS SWITCH WITH-2-V UNDERSHOOT PROTECTION
SN74CBTD3305C TI-SN74CBTD3305C Datasheet
238Kb / 12P
[Old version datasheet]   DUAL FET BUS SWITCH WITH LEVEL SHIFTING 5-V BUS SWITCH WITH - 2-V UNDERSHOOT PROTECTION
SN74CBTD3306C TI-SN74CBTD3306C Datasheet
249Kb / 12P
[Old version datasheet]   DUAL FET BUS SWITCH WITH LEVEL SHIFTING 5-V BUS SWITCH WITH-2-V UNDERSHOOT PROTECTION
SN74CBTD3305C TI1-SN74CBTD3305C_15 Datasheet
1Mb / 18P
[Old version datasheet]   DUAL FET BUS SWITCH WITH LEVEL SHIFTING 5-V BUS SWITCH WITH ??-V UNDERSHOOT PROTECTION
SN74CBT16244C TI-SN74CBT16244C Datasheet
188Kb / 11P
[Old version datasheet]   16-BIT FET BUS SWITCH 5-V BUS SWITCH WITH-2-V UNDERSHOOT PROTECTION
SN74CBT3244C TI-SN74CBT3244C Datasheet
423Kb / 16P
[Old version datasheet]   B-BIT FET BUS SWITCH 5-V BUS SWITCH WITH 2-V UNDERSHOOT PROTECTION
SN74CBT16210C TI-SN74CBT16210C Datasheet
195Kb / 11P
[Old version datasheet]   20-BIT FET BUS SWITCH 5-V BUS SWITCH WITH -2-V UNDERSHOOT PROTECTION
SN74CBT16211C TI-SN74CBT16211C Datasheet
246Kb / 14P
[Old version datasheet]   24-BIT FET BUS SWITCH 5-V BUS SWITCH WITH 2-V UNDERSHOOT PROTECTION
SN74CBT3245C TI-SN74CBT3245C Datasheet
413Kb / 15P
[Old version datasheet]   8-BIT FET BUS SWITCH 5-V BUS SWITCH WITH -2-V UNDERSHOOT PROTECTION
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com