データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MC14551BF データシート(PDF) 4 Page - ON Semiconductor

部品番号 MC14551BF
部品情報  Quad 2-Channel Analog Multiplexer/Demultiplexer
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ONSEMI [ON Semiconductor]
ホームページ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC14551BF データシート(HTML) 4 Page - ON Semiconductor

  MC14551BF Datasheet HTML 1Page - ON Semiconductor MC14551BF Datasheet HTML 2Page - ON Semiconductor MC14551BF Datasheet HTML 3Page - ON Semiconductor MC14551BF Datasheet HTML 4Page - ON Semiconductor MC14551BF Datasheet HTML 5Page - ON Semiconductor MC14551BF Datasheet HTML 6Page - ON Semiconductor MC14551BF Datasheet HTML 7Page - ON Semiconductor MC14551BF Datasheet HTML 8Page - ON Semiconductor MC14551BF Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
MC14551B
http://onsemi.com
4
ELECTRICAL CHARACTERISTICS (CL = 50 pF, TA = 25_C, VEE v VSS)
Characteristic
Symbol
VDD – VEE
Vdc
Min
Typ (6.)
Max
Unit
Propagation Delay Times
Switch Input to Switch Output (RL = 10 kΩ)
tPLH, tPHL = (0.17 ns/pF) CL + 26.5 ns
tPLH, tPHL = (0.08 ns/pF) CL + 11 ns
tPLH, tPHL = (0.06 ns/pF) CL + 9.0 ns
tPLH, tPHL
5.0
10
15
35
15
12
90
40
30
ns
Control Input to Output (RL = 10 kΩ)
VEE = VSS (Figure 4)
tPLH, tPHL
5.0
10
15
350
140
100
875
350
250
ns
Second Harmonic Distortion
RL = 10 kΩ, f = 1 kHz, Vin = 5 Vp–p
10
0.07
%
Bandwidth (Figure 5)
RL = 1 kΩ, Vin = 1/2 (VDD – VEE) p–p,
20 Log (Vout/Vin) = – 3 dB, CL = 50 pF
BW
10
17
MHz
Off Channel Feedthrough Attenuation, Figure 5
RL = 1 kΩ, Vin = 1/2 (VDD – VEE) p–p,
fin = 55 MHz
10
– 50
dB
Channel Separation (Figure 6)
RL = 1 kΩ, Vin = 1/2 (VDD – VEE) p–p,
fin = 3 MHz
10
– 50
dB
Crosstalk, Control Input to Common O/I, Figure 7
R1 = 1 k
Ω, RL = 10 kΩ,
Control tr = tf = 20 ns
10
75
mV
6. Data labelled “Typ” is not to be used for design purposes but is intended as an indication of the IC’s potential performance.


同様の部品番号 - MC14551BF

メーカー部品番号データシート部品情報
logo
ON Semiconductor
MC14551BF ONSEMI-MC14551BF Datasheet
120Kb / 10P
   Quad 2?묬hannel Analog Multiplexer/Demultiplexer
June, 2006 ??Rev. 6
MC14551BFG ONSEMI-MC14551BFG Datasheet
120Kb / 10P
   Quad 2?묬hannel Analog Multiplexer/Demultiplexer
June, 2006 ??Rev. 6
More results

同様の説明 - MC14551BF

メーカー部品番号データシート部品情報
logo
Rohm
BU4551B ROHM-BU4551B Datasheet
86Kb / 6P
   Quad 2-channel analog multiplexer / demultiplexer
logo
ON Semiconductor
MC14551B ONSEMI-MC14551B_14 Datasheet
134Kb / 9P
   Quad 2-Channel Analog Multiplexer/Demultiplexer
July, 2014 ??Rev. 9
MC14551B ONSEMI-MC14551B_06 Datasheet
120Kb / 10P
   Quad 2?묬hannel Analog Multiplexer/Demultiplexer
June, 2006 ??Rev. 6
logo
Hitachi Semiconductor
HD74ALVC2G53 HITACHI-HD74ALVC2G53 Datasheet
115Kb / 14P
   2-channel Analog Multiplexer Demultiplexer
logo
NXP Semiconductors
74LVC1G53 NXP-74LVC1G53 Datasheet
130Kb / 22P
   2-channel analog multiplexer/demultiplexer
Rev. 03-29 August 2007
logo
Renesas Technology Corp
HD74LV2GT53A RENESAS-HD74LV2GT53A Datasheet
95Kb / 10P
   2-channel Analog Multiplexer / Demultiplexer
HD74LV1GW53A RENESAS-HD74LV1GW53A_06 Datasheet
101Kb / 7P
   2-channel Analog Multiplexer / Demultiplexer
HD74LVC1G53 RENESAS-HD74LVC1G53 Datasheet
2Mb / 13P
   2-channel Analog Multiplexer/Demultiplexer
logo
Toshiba Semiconductor
TC74LVX4051F TOSHIBA-TC74LVX4051F_08 Datasheet
269Kb / 13P
   8-Channel Analog Multiplexer/Demultiplexer , Dual 4-Channel Analog Multiplexer/Demultiplexer , Triple 2-Channel Analog Multiplexer/Demultiplexer
logo
Renesas Technology Corp
HD74LV2G53A RENESAS-HD74LV2G53A Datasheet
99Kb / 12P
   2-channel Analog Multiplexer / Demultiplexer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com