データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SI3016-KSR データシート(PDF) 8 Page - Texas Instruments

部品番号 SI3016-KSR
部品情報  EMBEDDED V.90 MODEM DSP
Download  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI - Texas Instruments

SI3016-KSR データシート(HTML) 8 Page - Texas Instruments

Back Button SI3016-KSR Datasheet HTML 4Page - Texas Instruments SI3016-KSR Datasheet HTML 5Page - Texas Instruments SI3016-KSR Datasheet HTML 6Page - Texas Instruments SI3016-KSR Datasheet HTML 7Page - Texas Instruments SI3016-KSR Datasheet HTML 8Page - Texas Instruments SI3016-KSR Datasheet HTML 9Page - Texas Instruments SI3016-KSR Datasheet HTML 10Page - Texas Instruments SI3016-KSR Datasheet HTML 11Page - Texas Instruments SI3016-KSR Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 87 page
background image
TMS320C54V90
EMBEDDED V.90 MODEM DSP
SPRS165F − JULY 2001 − REVISED OCTOBER 2003
8
POST OFFICE BOX 1443
HOUSTON, TEXAS 77251−1443
TMS320C54V90 Terminal Functions (Continued)
TERMINAL
NAME
DESCRIPTION
I/O
OSCILLATOR/TIMER PINS
CLKOUT
O/Z
Master clock output signal. CLKOUT cycles at the machine-cycle rate of the CPU. The internal machine
cycle is bounded by the rising edges of this signal. CLKOUT also goes into the high-impedance state when
OFF is low.
CLKMD1
CLKMD2
CLKMD3
I
Clock mode external/internal input signals. CLKMD1−CLKMD3 allows you to select and configure different
clock modes such as crystal, external clock, various PLL factors.
X2/CLKIN
I
Input pin to internal oscillator from the crystal. If the internal oscillator is not being used, an external clock
source can be applied to this pin. The internal machine cycle time is determined by the clock operating
mode pins (CLKMD1, CLKMD2 and CLKMD3).
X1
O
Output pin from the internal oscillator for the crystal. If the internal oscillator is not used, X1 should be left
unconnected. X1 does not go into the high-impedance state when OFF is low.
TOUT
O
Timer output. TOUT signals a pulse when the on-chip timer counts down past zero. The pulse is a CLKOUT
cycle wide. TOUT also goes into the high-impedance state when OFF is low.
TOUT1
I/O/Z
Timer1 output. TOUT1 signals a pulse when the on-chip timer1 counts down past zero. The pulse is a
CLKOUT cycle wide. The TOUT1 output is multiplexed with the HINT pin of the HPI, and TOUT1 is only
available when the HPI is disabled.
MULTICHANNEL BUFFERED SERIAL PORT PINS
BCLKR0
BCLKR1
I/O/Z
Receive clock input. CLKR serves as the serial shift clock for the buffered serial port receiver. BCLKRX2 is
McBSP2 transmit AND receive clock. This pin is optionally bondable as C1A (see DAA section).
BDR0
BDR1
I
Serial data receive input.
BFSR0
BFSR1
BFSRX2
I/O/Z
Frame synchronization pulse for receive input. The FSR pulse initiates the receive data process over DR.
BFSRX2 is McBSP2 transit AND receive frame sync
BCLKX0
BCLKX1
I/O/Z
Transmit clock. CLKX serves as the serial shift clock for the buffered serial port transmitter. The CLKX pins
are configured as inputs after reset. CLKX goes into the high-impedance state when OFF is low.
BDX0
BDX1
O/Z
Serial data transmit output. DX is placed in the high-impedance state when not transmitting, when RS is
asserted or when OFF is low.
BFSX0
BFSX1
I/O/Z
Frame synchronization pulse for transmit output. The FSX pulse initiates the transmit data process over
DX. The FSX pins are configured as inputs after reset. FSX goes into the high-impedance state when OFF
is low.
INTEGRATED DAA
C1A
I/O
DAA I/O connection.
C1A5V
S
Dedicated 5.0-V power supply for I/O pin C1A.
DAAEN
I
DAA Enable Input. Enables the DAA when low.
UART
TX
O
UART asynchronous serial transmit data output.
RX
I
UART asynchronous serial receive data input.
I = Input, O = Output, Z = High-impedance, S = Supply


同様の部品番号 - SI3016-KSR

メーカー部品番号データシート部品情報
logo
Silicon Laboratories
SI3016-KS SILABS-SI3016-KS Datasheet
972Kb / 50P
   3.3 V ENHANCED GLOBAL DIRECT ACCESS ARRANGEMENT
More results

同様の説明 - SI3016-KSR

メーカー部品番号データシート部品情報
logo
List of Unclassifed Man...
ES2898 ETC-ES2898 Datasheet
66Kb / 6P
   V.90 PCI DSP Modem Solution
logo
Bel Fuse Inc.
2811B BEL-2811B Datasheet
30Kb / 2P
   MODEM MAGNETICS V.90 Modem Transformer
2791C BEL-2791C Datasheet
34Kb / 2P
   MODEM MAGNETICS V.90 Modem Transformer
2802A BEL-2802A Datasheet
38Kb / 2P
   MODEM MAGNETICS V.90 Modem Transformers
logo
Filtran LTD
7197 FILTRAN-7197 Datasheet
183Kb / 1P
   V.90 Modem transformer
6647 FILTRAN-6647 Datasheet
87Kb / 1P
   V.90 Modem Transformer
7352 FILTRAN-7352 Datasheet
183Kb / 1P
   V.90 Modem Transformer
6648 FILTRAN-6648 Datasheet
109Kb / 1P
   V.90 Modem Transformer
7250 FILTRAN-7250 Datasheet
118Kb / 1P
   V.90 Modem Transformer
logo
Allied Components Inter...
AEL127-4435 ALLIED-AEL127-4435 Datasheet
612Kb / 1P
   EL12.7 V.90 Modem Transformer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com