データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MC1494 データシート(PDF) 2 Page - ON Semiconductor

部品番号 MC1494
部品情報  LINEAR FOUR-QUADRANT MULTIPLIER INTEGRATED CIRCUIT
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ONSEMI [ON Semiconductor]
ホームページ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC1494 データシート(HTML) 2 Page - ON Semiconductor

  MC1494 Datasheet HTML 1Page - ON Semiconductor MC1494 Datasheet HTML 2Page - ON Semiconductor MC1494 Datasheet HTML 3Page - ON Semiconductor MC1494 Datasheet HTML 4Page - ON Semiconductor MC1494 Datasheet HTML 5Page - ON Semiconductor MC1494 Datasheet HTML 6Page - ON Semiconductor MC1494 Datasheet HTML 7Page - ON Semiconductor MC1494 Datasheet HTML 8Page - ON Semiconductor MC1494 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
MC1494
2
MOTOROLA ANALOG IC DEVICE DATA
MAXIMUM RATINGS (TA = + 25°C, unless otherwise noted.)
Rating
Symbol
Value
Unit
Power Supply Voltages
± V
± 18
Vdc
Differential Input Signal
V9–V6
V10–V13
±|6 + I1RY|<30
±|6 + I1RX|<30
Vdc
Common Mode Input Voltage
VCMY = V9 = V6
VCMX = V10 = V13
VCMY
VCMX
±11.5
±11.5
Vdc
Power Dissipation (Package Limitation)
TA = + 25°C
Derate above TA = + 25°C
PD
1/
θJA
1.25
20
W
mW/
°C
Operating Temperature Range
TA
0 to +70
°C
Storage Temperature Range
Tstg
– 65 to +150
°C
ELECTRICAL CHARACTERISTICS (
±V = ±15 V, TA = + 25°C, R1 = 16 kΩ, RX = 30 kΩ, RY = 62 kΩ, RL = 47 kΩ,
unless otherwise noted.)
Characteristics
Figure
Symbol
Min
Typ
Max
Unit
Linearity
Output error in percent of full scale
–10 V <VX < +10 V (VY = ±10 V)
–10 V <VY < +10 V (VX = ±10 V)
TA = +25°C
TA = Thigh or Tlow (Note 1)
3
ERXorERY
±0.5
±1.0
±1.3
%
Input
Voltage Range (VX = VY = Vin)
Resistance (X or Y Input)
Offset Voltage
(X Input) (Note 1)
(Y Input) (Note 1)
Bias Current
(X or Y Input)
Offset Current
(X or Y Input)
4, 5, 6
Vin
Rin
|Viox|
|Vioy|
Ib
|Iio|
±10
300
0.2
0.8
1.0
50
2.5
2.5
2.5
400
Vpk
M
V
µA
nA
Output
Voltage Swing Capability
Impedance
Offset Voltage (Note 1)
Offset Current (Note 1)
5, 6
VO
RO
|VOO|
|IOO|
±10
850
1.2
25
2.5
52
Vpk
k
V
µA
Temperature Stability (Drift)
TA = Thigh to Tlow
Output Offset (X = 0, Y = 0)
Voltage
Current
X Input Offset (Y = 0)
Y Input Offset (X = 0)
Scale Factor
Total DC Accuracy Drift (X = 10, Y = 10)
|TCVOO|
|TCIOO|
|TCViox|
|TCVioy|
|TCK|
|TCE|
1.3
27
0.3
1.5
0.07
0.09
mV/
°C
nA/
°C
mV/
°C
%/
°C
Dynamic Response
Small Signal (3.0 dB)
Power Bandwidth (47 k)
3
° Relative Phase Shift
1% Absolute Error
7
BW3dB (X)
BW3dB (Y)
PBW
f
φ
f
θ
0.8
1.0
440
240
30
MHz
kHz
Common Mode
Input Swing
(X or Y)
Gain
(X or Y)
8
CMV
ACM
±10.5
–65
Vpk
dB
Power Supply
Current
Quiescent Power Dissipation
Sensitivity
9
Id+
Id–
PD
S+
S–
6.0
6.5
185
13
30
12
12
350
100
200
mAdc
mW
mV/V
Regulated Offset Adjust Voltages
Positive/Negative
Temperature Coefficient (VR+ or VR–)
Power Supply Sensitivity (VR+ or VR–)
9
VR+, VR–
TCVR
SR+, SR–
3.5
4.3
0.03
0.6
5.0
Vdc
mV/
°C
mV/V
NOTE: 1. Offsets can be adjusted to zero with external potentiomers. THigh = +70°C, TLow = 0°C


同様の部品番号 - MC1494

メーカー部品番号データシート部品情報
logo
Motorola, Inc
MC1494L MOTOROLA-MC1494L Datasheet
519Kb / 14P
   MONOLITHIC FOUR-QUADRANT MULTIPLIER
More results

同様の説明 - MC1494

メーカー部品番号データシート部品情報
logo
ON Semiconductor
MC1495 ONSEMI-MC1495 Datasheet
332Kb / 16P
   LINEAR FOUR-QUADRANT MULTIPLIER
August, 2001 ??Rev. 1
logo
Motorola, Inc
MC1495 MOTOROLA-MC1495 Datasheet
973Kb / 15P
   Wideband Linear Four-Quadrant Multiplier
logo
Elantec Semiconductor
EL4450C ELANTEC-EL4450C Datasheet
266Kb / 14P
   Wideband Four-Quadrant Multiplier
logo
Intersil Corporation
EL4450 INTERSIL-EL4450 Datasheet
170Kb / 10P
   Wideband Four-Quadrant Multiplier
logo
Motorola, Inc
MC1494L MOTOROLA-MC1494L Datasheet
519Kb / 14P
   MONOLITHIC FOUR-QUADRANT MULTIPLIER
logo
IC-Haus GmbH
IC-BM ICHAUS-IC-BM Datasheet
329Kb / 7P
   FOUR-CHANNEL FOUR-QUADRANT ANALOG MULTIPLIER
logo
Analog Devices
MLT04 AD-MLT04 Datasheet
428Kb / 12P
   Four-Channel, Four-Quadrant Analog Multiplier
REV. B
logo
IC-Haus GmbH
IC-BM ICHAUS-IC-BM_11 Datasheet
332Kb / 7P
   FOUR-CHANNEL FOUR-QUADRANT ANALOG MULTIPLIER
logo
Analog Devices
AD834 AD-AD834 Datasheet
258Kb / 8P
   500 MHz Four-Quadrant Multiplier
REV. C
AD834 AD-AD834_12 Datasheet
351Kb / 20P
   500 MHz Four-Quadrant Multiplier
Rev. F
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com