データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MC1489D データシート(PDF) 7 Page - ON Semiconductor

部品番号 MC1489D
部品情報  Quad Line Receivers
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ONSEMI [ON Semiconductor]
ホームページ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC1489D データシート(HTML) 7 Page - ON Semiconductor

Back Button MC1489D Datasheet HTML 2Page - ON Semiconductor MC1489D Datasheet HTML 3Page - ON Semiconductor MC1489D Datasheet HTML 4Page - ON Semiconductor MC1489D Datasheet HTML 5Page - ON Semiconductor MC1489D Datasheet HTML 6Page - ON Semiconductor MC1489D Datasheet HTML 7Page - ON Semiconductor MC1489D Datasheet HTML 8Page - ON Semiconductor MC1489D Datasheet HTML 9Page - ON Semiconductor MC1489D Datasheet HTML 10Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
MC1489, MC1489A
http://onsemi.com
7
Figure 12. Typical Translator Application − MOS to DTL or TTL
Response−Control Pin
1/2 MC1489
Response−Control Pin
Input
VCC
8.0 k
VCC
Input
Output
Output
+5.0 Vdc
+5.0 Vdc
DTL or TTL
R
+5.0 Vdc
−VDD
MC1489
−VGG
MOS
Logic
Figure 13. Typical Paralleling of Two MC1489, A Receivers to Meet EIA−232D
8.0 k


同様の部品番号 - MC1489D

メーカー部品番号データシート部品情報
logo
STMicroelectronics
MC1489D STMICROELECTRONICS-MC1489D Datasheet
338Kb / 13P
   QUAD LINE RECEIVERS
logo
Texas Instruments
MC1489D TI-MC1489D Datasheet
149Kb / 10P
[Old version datasheet]   QUADRUPLE LINE RECEIVERS
logo
ON Semiconductor
MC1489D ONSEMI-MC1489D Datasheet
156Kb / 12P
   Quad Line EIA??32D Receivers
October, 2006 ??Rev. 10
logo
STMicroelectronics
MC1489D1 STMICROELECTRONICS-MC1489D1 Datasheet
338Kb / 13P
   QUAD LINE RECEIVERS
MC1489D1013TR STMICROELECTRONICS-MC1489D1013TR Datasheet
338Kb / 13P
   QUAD LINE RECEIVERS
More results

同様の説明 - MC1489D

メーカー部品番号データシート部品情報
logo
STMicroelectronics
MC1489 STMICROELECTRONICS-MC1489_06 Datasheet
242Kb / 17P
   Quad line receivers
MC1489 STMICROELECTRONICS-MC1489 Datasheet
338Kb / 13P
   QUAD LINE RECEIVERS
logo
ARTSCHIP ELECTRONICS CO...
MC1489 ARTSCHIP-MC1489 Datasheet
2Mb / 9P
   QUAD LINE RECEIVERS
logo
National Semiconductor ...
DS26LS32C NSC-DS26LS32C Datasheet
140Kb / 6P
   Quad Differential Line Receivers
DS3650 NSC-DS3650 Datasheet
197Kb / 10P
   Quad Differential Line Receivers
DS1650 NSC-DS1650 Datasheet
217Kb / 8P
   Quad Differential Line Receivers
logo
Texas Instruments
MC3450 TI1-MC3450_08 Datasheet
152Kb / 9P
[Old version datasheet]   QUAD DIFFERENTIAL LINE RECEIVERS
MC3450 TI-MC3450 Datasheet
139Kb / 9P
[Old version datasheet]   QUAD DIFFERENTIAL LINE RECEIVERS
logo
National Semiconductor ...
DS26F32M NSC-DS26F32M Datasheet
207Kb / 6P
   Quad Differential Line Receivers
DS26LS32AC NSC-DS26LS32AC Datasheet
201Kb / 8P
   Quad Differential Line Receivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com