データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MC14C89ABP データシート(PDF) 1 Page - ON Semiconductor

部品番号 MC14C89ABP
部品情報  QUAD LOW POWER LINE RECEIVERS
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ONSEMI [ON Semiconductor]
ホームページ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC14C89ABP データシート(HTML) 1 Page - ON Semiconductor

  MC14C89ABP Datasheet HTML 1Page - ON Semiconductor MC14C89ABP Datasheet HTML 2Page - ON Semiconductor MC14C89ABP Datasheet HTML 3Page - ON Semiconductor MC14C89ABP Datasheet HTML 4Page - ON Semiconductor MC14C89ABP Datasheet HTML 5Page - ON Semiconductor MC14C89ABP Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Device
Operating
Temperature Range
Package
MC14C89B, AB
SEMICONDUCTOR
TECHNICAL DATA
QUAD LOW POWER
LINE RECEIVERS
ORDERING INFORMATION
MC14C89BP
TA = – 40° to +85°C
Plastic DIP
Order this document by MC14C89B/D
PIN CONNECTIONS
P SUFFIX
PLASTIC PACKAGE
CASE 646
D SUFFIX
PLASTIC PACKAGE
CASE 751A
(SO–14)
(Top View)
Ground
9
10
11
12
14
13
7
6
5
4
3
1
2
8
Output A
Input A
Input B
Output B
Input D
VCC
Output D
Output C
Response
Control D
Input C
Response
Control C
Response
Control B
Response
Control A
MC14C89ABP
Plastic DIP
MC14C89ABD
SO–14
1
MOTOROLA ANALOG IC DEVICE DATA
Quad Low Power
Line Receivers
The MC14C89B and MC14C89AB are low monolithic quad line receivers
using bipolar technology, which conform to the EIA–232–E, EIA–562 and
CCITT V.28 Recommendations. The outputs feature LSTTL and CMOS
compatibility for easy interface to +5.0 V digital systems. Internal
time–domain filtering eliminates the need for external filter capacitors in most
cases.
The MC14C89B has an input hysteresis of 0.35 V, while the MC14C89AB
hysteresis is 0.95 V. The response control pins allow adjustment of the
threshold level if desired. Additionally, an external capacitor may be added
for additional noise filtering.
The MC14C89B and MC14C89AB are available in both a 14 pin
dual–in–line plastic DIP and SOIC package.
Features:
Low Power Consumption
Meets EIA–232–E, EIA–562, and CCITT V.28 Recommendations
TTL/CMOS Compatible Outputs
Standard Power Supply: + 5.0 V ±10%
Pin Equivalent to MC1489, MC1489A, TI’s SN75C189/A, SN75189/A
and National Semiconductor’s DS14C89/A
External Filtering Not Required in Most Cases
Threshold Level Externally Adjustable
Hysteresis: 0.35 V for MC14C89B, 0.95 V for MC14C89AB
Available in Plastic DIP, and Surface Mount Packaging
Operating Ambient Temperature: –40° to +85°C
Representative Block Diagram
(Each Receiver)
Input
VCC
Output
Response
Control
© Motorola, Inc. 1996
Rev 0


同様の部品番号 - MC14C89ABP

メーカー部品番号データシート部品情報
logo
Motorola, Inc
MC14C88B MOTOROLA-MC14C88B Datasheet
119Kb / 8P
   QUAD LOW POWER LINE DRIVER
MC14C88BD MOTOROLA-MC14C88BD Datasheet
119Kb / 8P
   QUAD LOW POWER LINE DRIVER
MC14C88BP MOTOROLA-MC14C88BP Datasheet
119Kb / 8P
   QUAD LOW POWER LINE DRIVER
More results

同様の説明 - MC14C89ABP

メーカー部品番号データシート部品情報
logo
STMicroelectronics
MC1489 STMICROELECTRONICS-MC1489_06 Datasheet
242Kb / 17P
   Quad line receivers
logo
ON Semiconductor
MC1489 ONSEMI-MC1489 Datasheet
98Kb / 10P
   Quad Line Receivers
April, 2004 ??Rev. 8
logo
STMicroelectronics
MC1489 STMICROELECTRONICS-MC1489 Datasheet
338Kb / 13P
   QUAD LINE RECEIVERS
logo
ARTSCHIP ELECTRONICS CO...
MC1489 ARTSCHIP-MC1489 Datasheet
2Mb / 9P
   QUAD LINE RECEIVERS
logo
National Semiconductor ...
DS26LS32C NSC-DS26LS32C Datasheet
140Kb / 6P
   Quad Differential Line Receivers
DS3650 NSC-DS3650 Datasheet
197Kb / 10P
   Quad Differential Line Receivers
DS1650 NSC-DS1650 Datasheet
217Kb / 8P
   Quad Differential Line Receivers
logo
Texas Instruments
MC3450 TI1-MC3450_08 Datasheet
152Kb / 9P
[Old version datasheet]   QUAD DIFFERENTIAL LINE RECEIVERS
MC3450 TI-MC3450 Datasheet
139Kb / 9P
[Old version datasheet]   QUAD DIFFERENTIAL LINE RECEIVERS
logo
National Semiconductor ...
DS26F32M NSC-DS26F32M Datasheet
207Kb / 6P
   Quad Differential Line Receivers
More results


Html Pages

1 2 3 4 5 6


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com