データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MC1496B データシート(PDF) 9 Page - ON Semiconductor

部品番号 MC1496B
部品情報  BALANCED MODULATORS/DEMODULATORS
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ONSEMI [ON Semiconductor]
ホームページ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC1496B データシート(HTML) 9 Page - ON Semiconductor

Back Button MC1496B Datasheet HTML 5Page - ON Semiconductor MC1496B Datasheet HTML 6Page - ON Semiconductor MC1496B Datasheet HTML 7Page - ON Semiconductor MC1496B Datasheet HTML 8Page - ON Semiconductor MC1496B Datasheet HTML 9Page - ON Semiconductor MC1496B Datasheet HTML 10Page - ON Semiconductor MC1496B Datasheet HTML 11Page - ON Semiconductor MC1496B Datasheet HTML 12Page - ON Semiconductor MC1496B Datasheet HTML 13Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
MC1496, MC1496B
http://onsemi.com
9
Table 1. Voltage Gain and Output Frequencies
Carrier Input Signal (VC)
Approximate Voltage Gain
Output Signal Frequency(s)
Low−level dc
R
L
V
C
2(R
E )
2re)
KT
q
fM
High−level dc
R
L
R
E )
2re
fM
Low−level ac
R
L
V
C
(rms)
22
KT
q
(R
E )
2re)
fC ± fM
High−level ac
0.637 R
L
R
E )
2re
fC ± fM, 3fC ± fM, 5fC ± fM, . . .
2. Low−level Modulating Signal, VM, assumed in all cases. VC is Carrier Input Voltage.
3. When the output signal contains multiple frequencies, the gain expression given is for the output amplitude ofeach of the two desired outputs,
fC + fM and fC − fM.
4. All gain expressions are for a single−ended output. For a differential output connection, multiply each expression by two.
5. RL = Load resistance.
6. RE = Emitter resistance between Pins 2 and 3.
7. re = Transistor dynamic emitter resistance, at 25°C;
re
[
26 mV
I5 (mA)
8. K = Boltzmann
′s Constant, T = temperature in degrees Kelvin, q = the charge on an electron.
The gain from the modulating signal input port to the
output is the MC1496 gain parameter which is most often of
interest to the designer. This gain has significance only when
the lower differential amplifier is operated in a linear mode,
but this includes most applications of the device.
As previously mentioned, the upper quad differential
amplifier may be operated either in a linear or a saturated
mode. Approximate gain expressions have been developed
for the MC1496 for a low−level modulating signal input and
the following carrier input conditions:
1) Low−level dc
2) High−level dc
3) Low−level ac
4) High−level ac
These gains are summarized in Table 1, along with the
frequency components contained in the output signal.
APPLICATIONS INFORMATION
Double sideband suppressed carrier modulation is the
basic application of the MC1496. The suggested circuit for
this application is shown on the front page of this data sheet.
In some applications, it may be necessary to operate the
MC1496 with a single dc supply voltage instead of dual
supplies. Figure 25 shows a balanced modulator designed
for operation with a single 12 Vdc supply. Performance of
this circuit is similar to that of the dual supply modulator.
AM Modulator
The circuit shown in Figure 26 may be used as an
amplitude modulator with a minor modification.
All that is required to shift from suppressed carrier to AM
operation is to adjust the carrier null potentiometer for the
proper amount of carrier insertion in the output signal.
However, the suppressed carrier null circuitry as shown in
Figure 26 does not have sufficient adjustment range.
Therefore, the modulator may be modified for AM
operation by changing two resistor values in the null circuit
as shown in Figure 27.
Product Detector
The MC1496 makes an excellent SSB product detector
(see Figure 28).
This product detector has a sensitivity of 3.0
mV and a
dynamic range of 90 dB when operating at an intermediate
frequency of 9.0 MHz.
The detector is broadband for the entire high frequency
range. For operation at very low intermediate frequencies
down to 50 kHz the 0.1
mF capacitors on Pins 8 and 10 should
be increased to 1.0
mF. Also, the output filter at Pin 12 can
be tailored to a specific intermediate frequency and audio
amplifier input impedance.
As in all applications of the MC1496, the emitter
resistance between Pins 2 and 3 may be increased or
decreased to adjust circuit gain, sensitivity, and dynamic
range.
This circuit may also be used as an AM detector by
introducing carrier signal at the carrier input and an AM
signal at the SSB input.
The carrier signal may be derived from the intermediate
frequency signal or generated locally. The carrier signal may


同様の部品番号 - MC1496B

メーカー部品番号データシート部品情報
logo
ON Semiconductor
MC1496B ONSEMI-MC1496B Datasheet
329Kb / 14P
   Balanced Modulators/Demodulators
October, 2006 ??Rev. 10
MC1496BD ONSEMI-MC1496BD Datasheet
329Kb / 14P
   Balanced Modulators/Demodulators
October, 2006 ??Rev. 10
MC1496BDG ONSEMI-MC1496BDG Datasheet
329Kb / 14P
   Balanced Modulators/Demodulators
October, 2006 ??Rev. 10
MC1496BDR2 ONSEMI-MC1496BDR2 Datasheet
329Kb / 14P
   Balanced Modulators/Demodulators
October, 2006 ??Rev. 10
MC1496BDR2G ONSEMI-MC1496BDR2G Datasheet
329Kb / 14P
   Balanced Modulators/Demodulators
October, 2006 ??Rev. 10
More results

同様の説明 - MC1496B

メーカー部品番号データシート部品情報
logo
ON Semiconductor
MC1496 ONSEMI-MC1496_06 Datasheet
329Kb / 14P
   Balanced Modulators/Demodulators
October, 2006 ??Rev. 10
logo
Anaren Microwave
70668 ANAREN-70668 Datasheet
197Kb / 1P
   Modulators Balanced
70666 ANAREN-70666 Datasheet
192Kb / 1P
   Modulators Balanced
logo
List of Unclassifed Man...
SL1641C ETC1-SL1641C Datasheet
202Kb / 2P
   DOUBLE BALANCED MODULATORS
logo
Marki Microwave
M1B-0618 MARKIMICROWAVE-M1B-0618 Datasheet
215Kb / 2P
   DOUBLE-BALANCED MIXERS BI-PHASE MODULATORS
logo
Merrimac Industries, In...
BPM-2A-250 MERRIMAC-BPM-2A-250 Datasheet
186Kb / 1P
   BIPHASE MODULATORS
JPF-21F-1200B MERRIMAC-JPF-21F-1200B Datasheet
154Kb / 2P
   QUADRAPHASE MODULATORS
JTM-2A-10B MERRIMAC-JTM-2A-10B Datasheet
118Kb / 1P
   QUADRAPHASE MODULATORS
JPP-21R-10B MERRIMAC-JPP-21R-10B Datasheet
124Kb / 2P
   QUADRAPHASE MODULATORS
logo
SYNERGY MICROWAVE CORPO...
SBM-C4 SYNERGY-SBM-C4 Datasheet
267Kb / 3P
   BPSK MODULATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com