データシートサーチシステム |
|
MC1496B データシート(PDF) 4 Page - ON Semiconductor |
|
MC1496B データシート(HTML) 4 Page - ON Semiconductor |
4 / 14 page MC1496, MC1496B http://onsemi.com 4 GENERAL OPERATING INFORMATION Carrier Feedthrough Carrier feedthrough is defined as the output voltage at carrier frequency with only the carrier applied (signal voltage = 0). Carrier null is achieved by balancing the currents in the differential amplifier by means of a bias trim potentiometer (R1 of Figure 5). Carrier Suppression Carrier suppression is defined as the ratio of each sideband output to carrier output for the carrier and signal voltage levels specified. Carrier suppression is very dependent on carrier input level, as shown in Figure 22. A low value of the carrier does not fully switch the upper switching devices, and results in lower signal gain, hence lower carrier suppression. A higher than optimum carrier level results in unnecessary device and circuit carrier feedthrough, which again degenerates the suppression figure. The MC1496 has been characterized with a 60 mVrms sinewave carrier input signal. This level provides optimum carrier suppression at carrier frequencies in the vicinity of 500 kHz, and is generally recommended for balanced modulator applications. Carrier feedthrough is independent of signal level, VS. Thus carrier suppression can be maximized by operating with large signal levels. However, a linear operating mode must be maintained in the signal−input transistor pair − or harmonics of the modulating signal will be generated and appear in the device output as spurious sidebands of the suppressed carrier. This requirement places an upper limit on input−signal amplitude (see Figure 20). Note also that an optimum carrier level is recommended in Figure 22 for good carrier suppression and minimum spurious sideband generation. At higher frequencies circuit layout is very important in order to minimize carrier feedthrough. Shielding may be necessary in order to prevent capacitive coupling between the carrier input leads and the output leads. Signal Gain and Maximum Input Level Signal gain (single−ended) at low frequencies is defined as the voltage gain, A VS + Vo V S + R L Re)2re where re + 26 mV I5(mA) A constant dc potential is applied to the carrier input terminals to fully switch two of the upper transistors “on” and two transistors “off” (VC = 0.5 Vdc). This in effect forms a cascode differential amplifier. Linear operation requires that the signal input be below a critical value determined by RE and the bias current I5. VS p I5 RE (Volts peak) Note that in the test circuit of Figure 10, VS corresponds to a maximum value of 1.0 V peak. Common Mode Swing The common−mode swing is the voltage which may be applied to both bases of the signal differential amplifier, without saturating the current sources or without saturating the differential amplifier itself by swinging it into the upper switching devices. This swing is variable depending on the particular circuit and biasing conditions chosen. Power Dissipation Power dissipation, PD, within the integrated circuit package should be calculated as the summation of the voltage−current products at each port, i.e. assuming V12 = V6, I5 = I6 = I12 and ignoring base current, PD = 2 I5 (V6 − V14) + I5)V5 − V14 where subscripts refer to pin numbers. Design Equations The following is a partial list of design equations needed to operate the circuit with other supply voltages and input conditions. A. Operating Current The internal bias currents are set by the conditions at Pin 5. Assume: I5 = I6 = I12, IB ttIC for all transistors then : R5 + V **f I5 *500 W where: R5 is the resistor between where: Pin 5 and ground where: f = 0.75 at TA = +25°C The MC1496 has been characterized for the condition I5 = 1.0 mA and is the generally recommended value. B. Common−Mode Quiescent Output Voltage V6 = V12 = V+ − I5 RL Biasing The MC1496 requires three dc bias voltage levels which must be set externally. Guidelines for setting up these three levels include maintaining at least 2.0 V collector−base bias on all transistors while not exceeding the voltages given in the absolute maximum rating table; 30 Vdc w [(V6, V12) − (V8, V10)] w 2 Vdc 30 Vdc w [(V8, V10) − (V1, V4)] w 2.7 Vdc 30 Vdc w [(V1, V4) − (V5)] w 2.7 Vdc The foregoing conditions are based on the following approximations: V6 = V12, V8 = V10, V1 = V4 |
同様の部品番号 - MC1496B |
|
同様の説明 - MC1496B |