データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MC33030DW データシート(PDF) 11 Page - ON Semiconductor

部品番号 MC33030DW
部品情報  DC SERVO MOTOR CONTROLLER/DRIVER
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ONSEMI [ON Semiconductor]
ホームページ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC33030DW データシート(HTML) 11 Page - ON Semiconductor

Back Button MC33030DW Datasheet HTML 7Page - ON Semiconductor MC33030DW Datasheet HTML 8Page - ON Semiconductor MC33030DW Datasheet HTML 9Page - ON Semiconductor MC33030DW Datasheet HTML 10Page - ON Semiconductor MC33030DW Datasheet HTML 11Page - ON Semiconductor MC33030DW Datasheet HTML 12Page - ON Semiconductor MC33030DW Datasheet HTML 13Page - ON Semiconductor MC33030DW Datasheet HTML 14Page - ON Semiconductor MC33030DW Datasheet HTML 15Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
MC33030
11
MOTOROLA ANALOG IC DEVICE DATA
20 k
20 k
For 60 Hz R = 53.6 k, C = 0.05
Vin
20 k
7
8
VB
R2
R3
R4
VA
R
C
R/2
2C
C
R
8
7
6
Figure 25. Notch Filter
Figure 26. Differential Input Amplifier
Error Amp
Error Amp
9
R1
6
+
9
+
20 k
f
notch +
1
2
pRC
V
Pin 6 +
V
A
R
3 )
R
4
R
1 )
R
2
R
2
R
3
R
4
R
3
V
B
R1
R
R
VRef
R +
∆R
R
VB
6
20 k
R2
Set
Temperature
Cabin
Temperature
Sensor
VCC
R4
R3
R2
T
R1
VCC
1
6
7
8
8
7
VA
20 k
20 k
20 k
Figure 27. Temperature Sensing Servo System
R4
Error Amp
+
9
+
Error Amp
In this application the servo motor drives the
heat/air conditioner modulator door in a duct system.
9
R3
V
Pin 6 +
R
4
R
3
(V
A
–V
B
)
V
Pin 6 +
V
CC
R
4
R
3
) 1
R
1
R
2
) 1
V
A *
V
B +
V
Ref
DR
4R
) 2DR
R
1 +
R
3
,R
2 +
R
4
,R
1 uu
R
Figure 28. Bridge Amplifier
CDLY
16
4.7 k
VCC
LM311
ROC
15
7
1
8
4
2
3
VRef
Vin
+
O.C.
R
S
Q
7.5 V
470
A
D2
D1
D1
Q
RE
D2
RE
Figure 29. Remote Latched Shutdown
VCC
Motor
A direction change signal is required at Pins 2 or 3 to
reset the over–current latch.
R
E [
VF(D
1
) ) VF(D
2
)–VBE(ON)
IMOTOR–IDRV(max)
+
B
This circuit maintains the brake and over–current
features of the MC33030. Set ROC to 15 k for
IDRV(max) ≈ 0.5 A.
From Drive
Outputs
Figure 30. Power H–Switch Buffer


同様の部品番号 - MC33030DW

メーカー部品番号データシート部品情報
logo
ON Semiconductor
MC33030DW ONSEMI-MC33030DW Datasheet
214Kb / 17P
   DC Servo Motor Controller/Driver
June, 2006 ??Rev. 6
MC33030DWG ONSEMI-MC33030DWG Datasheet
214Kb / 17P
   DC Servo Motor Controller/Driver
June, 2006 ??Rev. 6
MC33030DWR2 ONSEMI-MC33030DWR2 Datasheet
214Kb / 17P
   DC Servo Motor Controller/Driver
June, 2006 ??Rev. 6
MC33030DWR2G ONSEMI-MC33030DWR2G Datasheet
214Kb / 17P
   DC Servo Motor Controller/Driver
June, 2006 ??Rev. 6
More results

同様の説明 - MC33030DW

メーカー部品番号データシート部品情報
logo
ON Semiconductor
MC33030 ONSEMI-MC33030_06 Datasheet
214Kb / 17P
   DC Servo Motor Controller/Driver
June, 2006 ??Rev. 6
logo
Toshiba Semiconductor
TB9056FNG TOSHIBA-TB9056FNG Datasheet
778Kb / 45P
   Automotive DC Servo Motor Driver
2017-08-09
logo
Infineon Technologies A...
TLE4209 INFINEON-TLE4209 Datasheet
93Kb / 12P
   DC Motor Driver for Servo Driver Applications
2000-09-05
TLE4209A INFINEON-TLE4209A_16 Datasheet
404Kb / 14P
   DC Motor Driver for Servo Driver Applications
Rev.1.2, 2016-07-25
TLE4209A INFINEON-TLE4209A Datasheet
329Kb / 14P
   DC Motor Driver for Servo Driver Applications
Rev.1.1, 2007-07-24
logo
IK Semicon Co., Ltd
IK8508 IKSEMICON-IK8508 Datasheet
723Kb / 12P
   DC Motor Driver for Servo Driver Applications
logo
Agamem Microelectronic ...
AA51880 AGAMEM-AA51880 Datasheet
387Kb / 10P
   SERVO MOTOR CONTROLLER
AA51882 AGAMEM-AA51882 Datasheet
239Kb / 8P
   SERVO MOTOR CONTROLLER
AA51883 AGAMEM-AA51883 Datasheet
110Kb / 7P
   SERVO MOTOR CONTROLLER
AA51890 AGAMEM-AA51890 Datasheet
233Kb / 7P
   SERVO MOTOR CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com