データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MC33033 データシート(PDF) 6 Page - ON Semiconductor

部品番号 MC33033
部品情報  BRUSHLESS DC MOTOR CONTROLLER
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ONSEMI [ON Semiconductor]
ホームページ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC33033 データシート(HTML) 6 Page - ON Semiconductor

Back Button MC33033 Datasheet HTML 2Page - ON Semiconductor MC33033 Datasheet HTML 3Page - ON Semiconductor MC33033 Datasheet HTML 4Page - ON Semiconductor MC33033 Datasheet HTML 5Page - ON Semiconductor MC33033 Datasheet HTML 6Page - ON Semiconductor MC33033 Datasheet HTML 7Page - ON Semiconductor MC33033 Datasheet HTML 8Page - ON Semiconductor MC33033 Datasheet HTML 9Page - ON Semiconductor MC33033 Datasheet HTML 10Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
MC33033
6
MOTOROLA ANALOG IC DEVICE DATA
0
ISink, SINK CURRENT (mA)
040
30
20
10
1.2
0.8
0.4
0
TA, AMBIENT TEMPERATURE (°C)
–25
–40
–20
–55
0
40
20
125
100
75
50
25
0
Iref, REFERENCE OUTPUT SOURCE CURRENT (mA)
0
60
50
40
30
20
10
–24
–20
– 4.0
– 8.0
– 12
– 16
Figure 7. Reference Output Voltage Change
versus Output Source Current
Figure 8. Reference Output Voltage versus
Supply Voltage
Figure 9. Reference Output Voltage
versus Temperature
Figure 10. Output Duty Cycle versus
PWM Input Voltage
Figure 11. Bottom Drive Response Time versus
Current Sense Input Voltage
Figure 12. Top Drive Output Saturation Voltage
versus Sink Current
0
0
7.0
0
0
VCC, SUPPLY VOLTAGE (V)
6.0
40
30
20
10
5.0
4.0
3.0
2.0
1.0
5.0
4.0
3.0
2.0
1.0
100
80
60
40
20
PWM INPUT VOLTAGE (V)
0
VSense, CURRENT SENSE INPUT VOLTAGE (NORMALIZED TO Vth)
50
100
150
200
250
1.0
2.0
3.0
4.0
5.0
7.0 8.0
10
No Load
TA = 25°C
VCC = 20 V
TA = 25°C
VCC = 20 V
RL = 1
CL = 1.0 nF
TA = 25°C
VCC = 20 V
RT = 4.7 k
CT = 10 nF
TA = 25°C
VCC = 20 V
No Load
VCC = 20 V
TA = 25°C
6.0
9.0


同様の部品番号 - MC33033

メーカー部品番号データシート部品情報
logo
ON Semiconductor
MC33033DW ONSEMI-MC33033DW Datasheet
413Kb / 27P
   Brushless DC Motor Controller
January, 2007 ??Rev. 9
MC33033DWG ONSEMI-MC33033DWG Datasheet
413Kb / 27P
   Brushless DC Motor Controller
January, 2007 ??Rev. 9
MC33033DWR2 ONSEMI-MC33033DWR2 Datasheet
413Kb / 27P
   Brushless DC Motor Controller
January, 2007 ??Rev. 9
MC33033DWR2G ONSEMI-MC33033DWR2G Datasheet
413Kb / 27P
   Brushless DC Motor Controller
January, 2007 ??Rev. 9
MC33033P ONSEMI-MC33033P Datasheet
413Kb / 27P
   Brushless DC Motor Controller
January, 2007 ??Rev. 9
More results

同様の説明 - MC33033

メーカー部品番号データシート部品情報
logo
ON Semiconductor
MC33033 ONSEMI-MC33033_07 Datasheet
413Kb / 27P
   Brushless DC Motor Controller
January, 2007 ??Rev. 9
logo
LSI Computer Systems
LS7560 LSI-LS7560 Datasheet
97Kb / 8P
   BRUSHLESS DC MOTOR CONTROLLER
logo
Texas Instruments
UCC2626DW TI1-UCC2626DW Datasheet
685Kb / 23P
[Old version datasheet]   BRUSHLESS DC MOTOR CONTROLLER
logo
Sensitron
UC1625L SENSITRON-UC1625L Datasheet
62Kb / 4P
   BRUSHLESS DC MOTOR CONTROLLER
logo
Integral Corp.
IL33035 INTEGRAL-IL33035 Datasheet
124Kb / 3P
   BRUSHLESS DC MOTOR CONTROLLER
logo
Texas Instruments
UC1625 TI-UC1625 Datasheet
313Kb / 15P
[Old version datasheet]   Brushless DC Motor Controller
logo
ON Semiconductor
MC33035 ONSEMI-MC33035_06 Datasheet
527Kb / 28P
   Brushless DC Motor Controller
April, 2006 ??Rev. 8
logo
Texas Instruments
UCC2626 TI-UCC2626 Datasheet
209Kb / 15P
[Old version datasheet]   Brushless DC Motor Controller
DRV8307 TI1-DRV8307_16 Datasheet
1,007Kb / 33P
[Old version datasheet]   Brushless DC Motor Controller
logo
FOSLINK SEMICONDUCTOR C...
FSP33035 FOSLINK-FSP33035 Datasheet
1Mb / 28P
   BRUSHLESS DC MOTOR CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com