データシートサーチシステム |
|
ST92195C3B1 データシート(PDF) 1 Page - STMicroelectronics |
|
ST92195C3B1 データシート(HTML) 1 Page - STMicroelectronics |
1 / 249 page October 2003 1/249 ST92195C/D 48-96 Kbyte ROM HCMOS MCU WITH ON-SCREEN DISPLAY AND TELETEXT DATA SLICER s Register File based 8/16 bit Core Architecture with RUN, WFI, SLOW and HALT modes s 0°C to +70°C operating temperature range s Up to 24 MHz. operation @ 5V±10% s Min. instruction cycle time: 165ns at 24 MHz. s 48, 56, 64, 84 or 96 Kbytes ROM s 256 bytes RAM of Register file (accumulators or index registers) s 256 to 512 bytes of on-chip static RAM s 2 or 8 Kbytes of TDSRAM (Teletext and Display Storage RAM) s 28 fully programmable I/O pins s Serial Peripheral Interface s Flexible Clock controller for OSD, Data Slicer and Core clocks running from a single low frequency external crystal. s Enhanced display controller with 26 rows of 40/80 characters –2 sets of 512 characters – Serial and Parallel attributes – 10x10 dot matrix, definable by user – 4/3 and 16/9 supported in 50/60Hz and 100/ 120 Hz mode – Rounding, fringe, double width, double height, scrolling, cursor, full background color, half- intensity color, translucency and half-tone modes s Teletext unit, including Data Slicer, Acquisition Unit and up to 8 Kbytes RAM for data storage s VPS and Wide Screen Signalling slicer s Integrated Sync Extractor and Sync Controller s 14-bit Voltage Synthesis for tuning reference voltage s Up to 6 external interrupts plus one Non- Maskable Interrupt s 8 x 8-bit programmable PWM outputs with 5V open-drain or push-pull capability s 16-bit watchdog timer with 8-bit prescaler s 1 or 2 16-bit standard timer(s) with 8-bit prescaler s I²C Master/Slave (on some devices) s 4-channel A/D converter; 5-bit guaranteed s Rich instruction set and 14 addressing modes s Versatile development tools, including Assembler, Linker, C-compiler, Archiver, Source Level Debugger and hardware emulators with Real-Time Operating System available from third parties s Pin-compatible EPROM and OTP devices available Device Summary Device ROM RAM TDSRAM I²C Timer ST92195C3 48K 256 2K No 1 ST92195C4 512 6K ST92195C5 8K ST92195C6 56K ST92195C7 64K ST92195C8 84K ST92195C9 96K ST92195D5 48K 512 8K Yes 2 ST92195D6 56K ST92195D7 64K TQFP64 PSDIP56 See end of Datasheet for ordering information 1 |
同様の部品番号 - ST92195C3B1 |
|
同様の説明 - ST92195C3B1 |
|
|
リンク URL |
プライバシーポリシー |
ALLDATASHEET.JP |
ALLDATASHEETはお客様のビジネスに役立ちますか? [ DONATE ] |
Alldatasheetは | 広告 | お問い合わせ | プライバシーポリシー | リンク交換 | メーカーリスト All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |