データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

74AC16541TTR データシート(PDF) 3 Page - STMicroelectronics

部品番号 74AC16541TTR
部品情報  16-BIT BUS BUFFER WITH 3-STATE OUTPUTS (NON INVERTED)
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

74AC16541TTR データシート(HTML) 3 Page - STMicroelectronics

  74AC16541TTR Datasheet HTML 1Page - STMicroelectronics 74AC16541TTR Datasheet HTML 2Page - STMicroelectronics 74AC16541TTR Datasheet HTML 3Page - STMicroelectronics 74AC16541TTR Datasheet HTML 4Page - STMicroelectronics 74AC16541TTR Datasheet HTML 5Page - STMicroelectronics 74AC16541TTR Datasheet HTML 6Page - STMicroelectronics 74AC16541TTR Datasheet HTML 7Page - STMicroelectronics 74AC16541TTR Datasheet HTML 8Page - STMicroelectronics 74AC16541TTR Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
74AC16541
3/9
ABSOLUTE MAXIMUM RATINGS
Absolute Maximum Ratings are those values beyond which damage to the device may occur. Functional operation under these conditions is
not implied
RECOMMENDED OPERATING CONDITIONS
1) VIN from 30% to 70% of VCC
Symbol
Parameter
Value
Unit
VCC
Supply Voltage
-0.5 to +7.0
V
VI
DC Input Voltage
-0.5 to +7.0
V
VO
DC Output Voltage
-0.5 to VCC + 0.5
V
IIK
DC Input Diode Current
± 20
mA
IOK
DC Output Diode Current
± 50
mA
IO
DC Output Current
± 50
mA
ICC or IGND DC VCC or Ground Current
± 400
mA
Tstg
Storage Temperature
-65 to +150
°C
TL
Lead Temperature (10 sec)
300
°C
Symbol
Parameter
Value
Unit
VCC
Supply Voltage
2to 6
V
VI
Input Voltage
0 to VCC
V
VO
Output Voltage
0 to VCC
V
Top
Operating Temperature
-55 to 125
°C
dt/dv
Input Rise and Fall Time (note 1) VCC = 3.0, 4.5 or 5.5
0to 8
ns/V


同様の部品番号 - 74AC16541TTR

メーカー部品番号データシート部品情報
logo
Texas Instruments
74AC16543 TI-74AC16543 Datasheet
162Kb / 9P
[Old version datasheet]   16-BIT REGISTERED TRANSCEIVERS WITH 3-STATE OUTPUTS
74AC16543 TI1-74AC16543 Datasheet
176Kb / 9P
[Old version datasheet]   16-BIT REGISTERED TRANSCEIVERS WITH 3-STATE OUTPUTS
74AC16543DL TI-74AC16543DL Datasheet
162Kb / 9P
[Old version datasheet]   16-BIT REGISTERED TRANSCEIVERS WITH 3-STATE OUTPUTS
74AC16543DL TI1-74AC16543DL Datasheet
176Kb / 9P
[Old version datasheet]   16-BIT REGISTERED TRANSCEIVERS WITH 3-STATE OUTPUTS
74AC16543DLR TI-74AC16543DLR Datasheet
162Kb / 9P
[Old version datasheet]   16-BIT REGISTERED TRANSCEIVERS WITH 3-STATE OUTPUTS
More results

同様の説明 - 74AC16541TTR

メーカー部品番号データシート部品情報
logo
STMicroelectronics
74ACT16244 STMICROELECTRONICS-74ACT16244_03 Datasheet
217Kb / 9P
   16-BIT BUS BUFFER WITH 3-STATE OUTPUTS (NON INVERTED)
74VHCT16244 STMICROELECTRONICS-74VHCT16244 Datasheet
213Kb / 9P
   16-BIT BUS BUFFER WITH 3-STATE OUTPUTS (NON INVERTED)
February 2003
74VHC16244 STMICROELECTRONICS-74VHC16244 Datasheet
148Kb / 10P
   16-BIT BUS BUFFER WITH 3-STATE OUTPUTS (NON INVERTED)
74ACT16244 STMICROELECTRONICS-74ACT16244 Datasheet
62Kb / 8P
   16-BIT BUS BUFFER WITH 3 STATE OUTPUTS NON INVERTED
February 2000
74AC16244 STMICROELECTRONICS-74AC16244 Datasheet
186Kb / 9P
   16-BIT BUS BUFFER WITH 3-STATE OUTPUTS (NON INVERTED)
74ACT16541 STMICROELECTRONICS-74ACT16541 Datasheet
249Kb / 9P
   16-BIT BUS BUFFER WITH 3-STATE OUTPUTS (NON INVERTED)
February 2003
74VHC16240 STMICROELECTRONICS-74VHC16240 Datasheet
149Kb / 10P
   16-BIT BUS BUFFER WITH 3-STATE OUTPUTS (INVERTED)
74VHCT16240A STMICROELECTRONICS-74VHCT16240A Datasheet
151Kb / 10P
   16-BIT BUS BUFFER WITH 3-STATE OUTPUTS (INVERTED)
74VHCT16245A STMICROELECTRONICS-74VHCT16245A Datasheet
254Kb / 10P
   16-BIT BUS TRANSCEIVER WITH 3-STATE OUTPUTS (NON INVERTED)
logo
Toshiba Semiconductor
TC74VHC367F TOSHIBA-TC74VHC367F Datasheet
248Kb / 7P
   HEX BUS BUFFER NON-INVERTED/INVERTED, 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com