データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MC33025P データシート(PDF) 4 Page - ON Semiconductor

部品番号 MC33025P
部品情報  High Speed Double-Ended PWM Controller
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ONSEMI [ON Semiconductor]
ホームページ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC33025P データシート(HTML) 4 Page - ON Semiconductor

  MC33025P Datasheet HTML 1Page - ON Semiconductor MC33025P Datasheet HTML 2Page - ON Semiconductor MC33025P Datasheet HTML 3Page - ON Semiconductor MC33025P Datasheet HTML 4Page - ON Semiconductor MC33025P Datasheet HTML 5Page - ON Semiconductor MC33025P Datasheet HTML 6Page - ON Semiconductor MC33025P Datasheet HTML 7Page - ON Semiconductor MC33025P Datasheet HTML 8Page - ON Semiconductor MC33025P Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
MC34025 MC33025
4
MOTOROLA ANALOG IC DEVICE DATA
Gain
Phase
1
CT=
1. 100 nF
2. 47 nF
3. 22 nF
4. 10 nF
5. 4.7 nF
6. 2.2 nF
7. 1.0 nF
8. 470 pF
9. 220 pF
2
3
4
5
6
7
8
9
– 55
– 25
0
25
75
100
125
Figure 1. Timing Resistor versus
Oscillator Frequency
100
1000
104
105
106
107
fosc, OSCILLATOR FREQUENCY (Hz)
Figure 2. Oscillator Frequency versus Temperature
TA, AMBIENT TEMPERATURE (°C)
Figure 3. Error Amp Open Loop Gain and
Phase versus Frequency
10
100
1.0 k
10 k
100 k
1.0 M
10 M
f, FREQUENCY (Hz)
Figure 4. PWM Comparator Zero Duty Cycle
Threshold Voltage versus Temperature
–55
–25
0
25
50
75
100
TA, AMBIENT TEMPERATURE (°C)
Figure 5. Error Amp Small Signal
Transient Response
Figure 6. Error Amp Large Signal
Transient Response
125
0
45
90
135
0.1
µs/DIV
0.1
µs/DIV
VCC = 15 V
RT = 3.6 k
CT = 1.0 nF
RT = 1.2 k
CT = 1.0 nF
RT = 36 k
CT = 1.0 nF
50
50 kHz
400 kHz
1.0 MHz
VCC = 15 V
Pin 7(9) = 0 V
VCC = 15 V
TA = + 25°C
1.3
1.28
1.26
1.24
1.22
1.2
100 k
10 k
1.0 k
470
1200
1000
800
600
400
200
120
100
80
60
40
20
0
0
–20
2.55 V
2.5 V
2.45 V
3.0 V
2.5 V
2.0 V


同様の部品番号 - MC33025P

メーカー部品番号データシート部品情報
logo
ON Semiconductor
MC33025P ONSEMI-MC33025P Datasheet
473Kb / 20P
   High Speed Double?묮nded PWM Controller
October, 2005 ??Rev. 7
MC33025PG ONSEMI-MC33025PG Datasheet
473Kb / 20P
   High Speed Double?묮nded PWM Controller
October, 2005 ??Rev. 7
MC33025PG ONSEMI-MC33025PG Datasheet
499Kb / 20P
   High Speed Double-Ended PWM Controller
October, 2012 ??Rev. 9
More results

同様の説明 - MC33025P

メーカー部品番号データシート部品情報
logo
ON Semiconductor
MC33025 ONSEMI-MC33025_12 Datasheet
499Kb / 20P
   High Speed Double-Ended PWM Controller
October, 2012 ??Rev. 9
MC34025 ONSEMI-MC34025_12 Datasheet
499Kb / 20P
   High Speed Double-Ended PWM Controller
October, 2012 ??Rev. 9
MC34023 ONSEMI-MC34023 Datasheet
470Kb / 19P
   High Speed Single-Ended PWM Controller
Rev 2
MC34025 ONSEMI-MC34025_05 Datasheet
473Kb / 20P
   High Speed Double?묮nded PWM Controller
October, 2005 ??Rev. 7
logo
Renesas Technology Corp
ISL6742B RENESAS-ISL6742B Datasheet
969Kb / 20P
   Advanced Double-Ended PWM Controller
logo
Intersil Corporation
ISL6742AAZA INTERSIL-ISL6742AAZA Datasheet
404Kb / 18P
   Advanced Double-Ended PWM Controller
October 31, 2008
logo
Renesas Technology Corp
ISL6742 RENESAS-ISL6742 Datasheet
912Kb / 18P
   Advanced Double-Ended PWM Controller
logo
Intersil Corporation
ISL6742 INTERSIL-ISL6742 Datasheet
407Kb / 18P
   Advanced Double-Ended PWM Controller
ISL6742BAAZA INTERSIL-ISL6742BAAZA Datasheet
575Kb / 20P
   Advanced Double-Ended PWM Controller
January 31, 2014
ISL6742B INTERSIL-ISL6742B Datasheet
589Kb / 20P
   Advanced Double-Ended PWM Controller
November 3, 2015
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com