データシートサーチシステム |
|
KMOC308X データシート(PDF) 2 Page - COSMO Electronics Corporation |
|
KMOC308X データシート(HTML) 2 Page - COSMO Electronics Corporation |
2 / 4 page 2004 COSMO Electronics Corp. Marketing Dept. COSMO New COSMO New Product Product Photo Photo Triac Triac KMOC308X Series 800V KMOC308X Series 800V Released in Q2 2004 Released in Q2 2004 Improve off-state output terminal voltage VDRM Variety selections of trigger current IFT dv/dt=1000V/us custom-made Acquired safety approval UL, VDE, TUV, FIMKO,NEMKO,SEMKO Lead free production KMOC308X Series is COSMO new design photo triac with the function of 800V VDRM & Zero Crossing after 400V 600V series products which is very suitable for applying in SSR, SPS…etc . Pin assignment Package dimensions Product Features Product Features High isolation voltage 5000Vrms High Off-state Output Terminal voltage VDRM=800V Available package:DIP/SMD/H Type. Trigger current IFT=5mA(3083),10mA(3082),15mA(3081) On-state current ITM=300mA Photo Triac Product Family DIP/SMD/H PackageType Mini Flat Type KMOC308X KTLP160X KTLP161X KMOC306X KMOC305X KMOC302X KMOC304X |
同様の部品番号 - KMOC308X |
|
同様の説明 - KMOC308X |