データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

KMOC308X データシート(PDF) 3 Page - COSMO Electronics Corporation

部品番号 KMOC308X
部品情報  COSMO New Product Photo Triac KMOC308X Series 800V
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  COSMO [COSMO Electronics Corporation]
ホームページ  http://www.cosmo-ic.com
Logo COSMO - COSMO  Electronics Corporation

KMOC308X データシート(HTML) 3 Page - COSMO Electronics Corporation

  KMOC308X Datasheet HTML 1Page - COSMO  Electronics Corporation KMOC308X Datasheet HTML 2Page - COSMO  Electronics Corporation KMOC308X Datasheet HTML 3Page - COSMO  Electronics Corporation KMOC308X Datasheet HTML 4Page - COSMO  Electronics Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
2004 COSMO Electronics Corp. Marketing Dept.
COSMO New
COSMO New Product
Product
Photo
Photo Triac
Triac KMOC308X Series 800V
KMOC308X Series 800V
Electrical characteristics
Electrical characteristics (Ta=25
(Ta=25
))
V rms
5000
Viso
Isolation voltage
260(10Sec)
Tsol
Soldering Temperature
-40~125
Tstg
Storage Temperature
-40~80
Topr
Operation Temperature
A
1
ITSM
Peak repetitive surge current
V
800
VDRM
Off-state output voltage
Output
V
5
VR
Reverse Voltage
mA
50
IF
Forward Current
Input
Unit
Rating
Symbol
Characteristic
V
3
1.8
ITM=100mA
VTM
On-state Voltage
V
20
5
IF=5mA
VINH
Inhibit Voltage
V/uS
1000
600
dv/dt
Critical rate of rise of
OFF-state voltage
nA
500
60
VDRM=800V
IDRM
Peak Blocking Current
V
1.5
1.2
IF=10mA
VF
Forward current
Unit
Max.
Typ.
Min.
Test conditions
Symbol
Characteristic
5
KMOC3083
10
KMOC3082
mA
15
KMOC3081
Unit
Max.
Item
Minimum trigger current (IFT)
Application
Application
Solenoid/valve Controls
Static Power Switches
AC Motor Drives
Temperature Controls
AC Motor Starters
E.M. Contactors
Solid State Relay


同様の部品番号 - KMOC308X

メーカー部品番号データシート部品情報
logo
COSMO Electronics Corp...
KMOC308X COSMO-KMOC308X_15 Datasheet
268Kb / 10P
   5PIN ZERO-CROSS TRIAC DRIVER PHOTOCOUPLER
More results

同様の説明 - KMOC308X

メーカー部品番号データシート部品情報
logo
Renesas Technology Corp
BCR16FM-16LH RENESAS-BCR16FM-16LH Datasheet
492Kb / 8P
   800V - 16A - Triac
Oct. 10, 2019
BCR10CM-16LH RENESAS-BCR10CM-16LH Datasheet
501Kb / 9P
   800V - 10A - Triac
Feb. 1, 2019
BCR8FM-16LB RENESAS-BCR8FM-16LB Datasheet
792Kb / 8P
   800V - 8A - Triac
BCR2PM-14LE RENESAS-BCR2PM-14LE_14 Datasheet
294Kb / 7P
   800V ??2A - Triac
logo
List of Unclassifed Man...
CTA30 ETC1-CTA30 Datasheet
830Kb / 2P
   400/600/800V - TRIAC
logo
Marktech Corporate
MT30610 MARKTECH-MT30610 Datasheet
132Kb / 4P
   PHOTO TRIAC COUPLER???
MT30310 MARKTECH-MT30310 Datasheet
131Kb / 4P
   PHOTO TRIAC COUPLER???
MT30200 MARKTECH-MT30200 Datasheet
147Kb / 5P
   PHOTO TRIAC COUPLER?
MT30410 MARKTECH-MT30410 Datasheet
132Kb / 4P
   PHOTO TRIAC COUPLER???
logo
Richco, Inc.
ML-L-2 RICHCO-ML-L-2 Datasheet
213Kb / 1P
   NEW PRODUCT BULLETIN
More results


Html Pages

1 2 3 4


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com