データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AD7877ACP-REEL データシート(PDF) 6 Page - Analog Devices

部品番号 AD7877ACP-REEL
部品情報  Touch Screen Controller
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AD [Analog Devices]
ホームページ  http://www.analog.com
Logo AD - Analog Devices

AD7877ACP-REEL データシート(HTML) 6 Page - Analog Devices

Back Button AD7877ACP-REEL Datasheet HTML 2Page - Analog Devices AD7877ACP-REEL Datasheet HTML 3Page - Analog Devices AD7877ACP-REEL Datasheet HTML 4Page - Analog Devices AD7877ACP-REEL Datasheet HTML 5Page - Analog Devices AD7877ACP-REEL Datasheet HTML 6Page - Analog Devices AD7877ACP-REEL Datasheet HTML 7Page - Analog Devices AD7877ACP-REEL Datasheet HTML 8Page - Analog Devices AD7877ACP-REEL Datasheet HTML 9Page - Analog Devices AD7877ACP-REEL Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 44 page
background image
AD7877
Rev. A | Page 6 of 44
ABSOLUTE MAXIMUM RATINGS
TA = 25°C, unless otherwise noted.
Table 3.
Parameter
Rating
VCC to GND
−0.3 V to +7 V
Analog Input Voltage to GND
−0.3 V to VCC + 0.3 V
Digital Input Voltage to GND
−0.3 V to VCC + 0.3 V
Digital Output Voltage to GND
−0.3 V to VCC + 0.3 V
VREF to GND
−0.3 V to VCC + 0.3 V
Input Current to Any Pin Except Supplies1
10 mA
ESD Rating
2.5 kV
Operating Temperature Range
−40°C to +85°C
Storage Temperature Range
−65°C to +150°C
Junction Temperature
150°C
LFCSP Package
Power Dissipation
450 mW
θJA Thermal Impedance
135.7°C/W
IR Reflow Peak Temperature
220°C
Pb-Free Parts Only
260°C (±0.5°C)
Lead Temperature (Soldering 10 s)
300°C
1 Transient currents of up to 100 mA do not cause SCR latch-up.
Stresses above those listed under Absolute Maximum Ratings
may cause permanent damage to the device. This is a stress
rating only and functional operation of the device at these or
any other conditions above those listed in the operational
sections of this specification is not implied. Exposure to
absolute maximum rating conditions for extended periods may
affect device reliability.
200
µAI
OL
200
µAI
OH
1.6V
TO OUTPUT
PIN
CL
50pF
Figure 3. Load Circuit for Digital Output Timing Specifications
ESD CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily accumulate on
the human body and test equipment and can discharge without detection. Although this product features
proprietary ESD protection circuitry, permanent damage may occur on devices subjected to high energy
electrostatic discharges. Therefore, proper ESD precautions are recommended to avoid performance
degradation or loss of functionality.


同様の部品番号 - AD7877ACP-REEL

メーカー部品番号データシート部品情報
logo
Analog Devices
AD7877ACPZ-500RL7 AD-AD7877ACPZ-500RL7 Datasheet
825Kb / 46P
   Touch Screen Controller
AD7877ACPZ-REEL AD-AD7877ACPZ-REEL Datasheet
825Kb / 46P
   Touch Screen Controller
AD7877ACPZ-REEL7 AD-AD7877ACPZ-REEL7 Datasheet
825Kb / 46P
   Touch Screen Controller
More results

同様の説明 - AD7877ACP-REEL

メーカー部品番号データシート部品情報
logo
Integrated Device Techn...
MK712 IDT-MK712 Datasheet
418Kb / 21P
   TOUCH SCREEN CONTROLLER
logo
Texas Instruments
ADS7843 TI1-ADS7843 Datasheet
652Kb / 18P
[Old version datasheet]   TOUCH SCREEN CONTROLLER
logo
Burr-Brown (TI)
ADS7843 BURR-BROWN-ADS7843 Datasheet
163Kb / 12P
   TOUCH SCREEN CONTROLLER
ADS7846 BURR-BROWN-ADS7846 Datasheet
520Kb / 23P
   TOUCH-SCREEN CONTROLLER
logo
Asahi Kasei Microsystem...
AK4182 AKM-AK4182 Datasheet
190Kb / 18P
   Touch Screen Controller
logo
List of Unclassifed Man...
XPT2046 ETC2-XPT2046 Datasheet
821Kb / 30P
   Touch Screen Controller
2007
logo
Burr-Brown (TI)
ADS7845 BURR-BROWN-ADS7845 Datasheet
173Kb / 12P
   TOUCH SCREEN CONTROLLER
logo
Integrated Circuit Syst...
MK715 ICST-MK715 Datasheet
376Kb / 22P
   Touch Screen Controller
logo
Anpec Electronics Corop...
APT7846 ANPEC-APT7846 Datasheet
583Kb / 15P
   Touch Screen Controller
logo
Silicon Standard Corp.
SS7646 SSC-SS7646 Datasheet
836Kb / 13P
   Touch Screen Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com