データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AD7877ACPZ-REEL データシート(PDF) 10 Page - Analog Devices

部品番号 AD7877ACPZ-REEL
部品情報  Touch Screen Controller
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AD [Analog Devices]
ホームページ  http://www.analog.com
Logo AD - Analog Devices

AD7877ACPZ-REEL データシート(HTML) 10 Page - Analog Devices

Back Button AD7877ACPZ-REEL Datasheet HTML 6Page - Analog Devices AD7877ACPZ-REEL Datasheet HTML 7Page - Analog Devices AD7877ACPZ-REEL Datasheet HTML 8Page - Analog Devices AD7877ACPZ-REEL Datasheet HTML 9Page - Analog Devices AD7877ACPZ-REEL Datasheet HTML 10Page - Analog Devices AD7877ACPZ-REEL Datasheet HTML 11Page - Analog Devices AD7877ACPZ-REEL Datasheet HTML 12Page - Analog Devices AD7877ACPZ-REEL Datasheet HTML 13Page - Analog Devices AD7877ACPZ-REEL Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 44 page
background image
AD7877
Rev. A | Page 10 of 44
TYPICAL PERFORMANCE CHARACTERISTICS
TA = 25°C, VCC = 2.7 V, VREF = 2.5 V, fSAMPLE = 125 kHz, fDCLK = 16 × fSAMPLE = 2 MHz, unless otherwise noted.
800
700
600
500
–50
–30
–10
0
30
50
70
90
TEMPERATURE (
°C)
ADC AND REF
ADC, REF, AND DAC
Figure 5. Supply Current vs. Temperature
1000
400
500
600
700
800
900
2.0
2.3
2.6
2.9
3.2
3.5
3.8
4.1
4.4
4.7
5.0
VCC (V)
ADC AND REF
ADC, REF, AND DAC
Figure 6. Supply Current vs. VCC
0.6
–0.6
–0.5
–0.4
–0.3
–0.2
–0.1
0
0.1
0.2
0.3
0.4
0.5
–50
–30
–10
10305070
90
TEMPERATURE (
°C)
Figure 7. Change in ADC Gain vs. Temperature
200
80
100
120
140
160
180
–50
–30
–10
10305070
90
TEMPERATURE (
°C)
Figure 8. Full Power-Down IDD vs. Temperature
0.6
–0.6
–0.5
–0.4
–0.3
–0.2
–0.1
0
0.1
0.2
0.3
0.4
0.5
–50
–30
–10
10305070
90
TEMPERATURE (
°C)
Figure 9. Change in ADC Offset vs. Temperature
1.0
–1.0
–0.8
–0.6
–0.4
–0.2
0
0.2
0.4
0.6
0.8
0
500
1000
1500
2000
2500
3000
3500
4000
CODE
Figure 10. ACD INL Plot


同様の部品番号 - AD7877ACPZ-REEL

メーカー部品番号データシート部品情報
logo
Analog Devices
AD7877ACPZ-REEL AD-AD7877ACPZ-REEL Datasheet
825Kb / 46P
   Touch Screen Controller
AD7877ACPZ-REEL7 AD-AD7877ACPZ-REEL7 Datasheet
825Kb / 46P
   Touch Screen Controller
More results

同様の説明 - AD7877ACPZ-REEL

メーカー部品番号データシート部品情報
logo
Integrated Device Techn...
MK712 IDT-MK712 Datasheet
418Kb / 21P
   TOUCH SCREEN CONTROLLER
logo
Texas Instruments
ADS7843 TI1-ADS7843 Datasheet
652Kb / 18P
[Old version datasheet]   TOUCH SCREEN CONTROLLER
logo
Burr-Brown (TI)
ADS7843 BURR-BROWN-ADS7843 Datasheet
163Kb / 12P
   TOUCH SCREEN CONTROLLER
ADS7846 BURR-BROWN-ADS7846 Datasheet
520Kb / 23P
   TOUCH-SCREEN CONTROLLER
logo
Asahi Kasei Microsystem...
AK4182 AKM-AK4182 Datasheet
190Kb / 18P
   Touch Screen Controller
logo
List of Unclassifed Man...
XPT2046 ETC2-XPT2046 Datasheet
821Kb / 30P
   Touch Screen Controller
2007
logo
Burr-Brown (TI)
ADS7845 BURR-BROWN-ADS7845 Datasheet
173Kb / 12P
   TOUCH SCREEN CONTROLLER
logo
Integrated Circuit Syst...
MK715 ICST-MK715 Datasheet
376Kb / 22P
   Touch Screen Controller
logo
Anpec Electronics Corop...
APT7846 ANPEC-APT7846 Datasheet
583Kb / 15P
   Touch Screen Controller
logo
Silicon Standard Corp.
SS7646 SSC-SS7646 Datasheet
836Kb / 13P
   Touch Screen Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com