データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ADC081500CIYB データシート(PDF) 8 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
部品番号 ADC081500CIYB
部品情報  High Performance, Low Power, 8-Bit, 1.5 GSPS A/D Converter
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  NSC [National Semiconductor (TI)]
ホームページ  http://www.national.com
Logo NSC - National Semiconductor (TI)

ADC081500CIYB データシート(HTML) 8 Page - National Semiconductor (TI)

Back Button ADC081500CIYB Datasheet HTML 4Page - National Semiconductor (TI) ADC081500CIYB Datasheet HTML 5Page - National Semiconductor (TI) ADC081500CIYB Datasheet HTML 6Page - National Semiconductor (TI) ADC081500CIYB Datasheet HTML 7Page - National Semiconductor (TI) ADC081500CIYB Datasheet HTML 8Page - National Semiconductor (TI) ADC081500CIYB Datasheet HTML 9Page - National Semiconductor (TI) ADC081500CIYB Datasheet HTML 10Page - National Semiconductor (TI) ADC081500CIYB Datasheet HTML 11Page - National Semiconductor (TI) ADC081500CIYB Datasheet HTML 12Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 28 page
background image
Converter Electrical Characteristics (Continued)
The following specifications apply after calibration for V
A =VDR = +1.9VDC, OutV = 1.9V, VIN (a.c. coupled) Full Scale Range =
differential 870mV
P-P,CL = 10 pF, Differential (a.c. coupled) sinewave input clock, fCLK = 1.5 GHz at 0.5VP-P with 50% duty
cycle, V
BG = Floating, Normal Control Mode, Single Data Rate Mode, REXT = 3300
±0.1%, Analog Signal Source Impedance
= 100
Ω Differential. Boldface limits apply for T
A =TMIN to TMAX. All other limits TA = 25˚C, unless otherwise noted. (Notes 6,
7)
Symbol
Parameter
Conditions
Typical
(Note 8)
Limits
(Note 8)
Units
(Limits)
DYNAMIC CONVERTER CHARACTERISTICS
THD
Total Harmonic Distortion
f
IN = 373 MHz, VIN = FSR − 0.5 dB
-54.5
-47
dB (max)
f
IN = 748 MHz, VIN = FSR − 0.5 dB
-53
dB (max)
2nd Harm
Second Harmonic Distortion
f
IN = 373 MHz, VIN = FSR − 0.5 dB
−60
dB
f
IN = 748 MHz, VIN = FSR − 0.5 dB
-57
dB
3rd Harm
Third Harmonic Distortion
f
IN = 373 MHz, VIN = FSR − 0.5 dB
−62
dB
f
IN = 748 MHz, VIN = FSR − 0.5 dB
-65
dB
SFDR
Spurious-Free dynamic Range
f
IN = 373 MHz, VIN = FSR − 0.5 dB
56
48.5
dB (min)
f
IN = 748 MHz, VIN = FSR − 0.5 dB
53
dB (min)
IMD
Intermodulation Distortion
f
IN1 = 321 MHz, VIN =FSR−7dB
f
IN2 = 326 MHz, VIN =FSR−7dB
-50
dB
Out of Range Output Code
(In addition to OR Output high)
(V
IN+)−(VIN−) > + Full Scale
255
(V
IN+)−(VIN−) < − Full Scale
0
ANALOG INPUT AND REFERENCE CHARACTERISTICS
V
IN
Full Scale Analog Differential
Input Range
FSR pin 14 Low
650
570
mV
P-P (min)
730
mV
P-P (max)
FSR pin 14 High
870
790
mV
P-P (min)
950
mV
P-P (max)
V
CMI
Analog Input Common Mode
Voltage
V
CMO
V
CMO −50
V
CMO +50
mV (min)
mV (max)
C
IN
Analog Input Capacitance
(Notes 10, 11)
Differential
0.02
pF
Each input pin to ground
1.6
pF
R
IN
Differential Input Resistance
100
94
Ω (min)
106
Ω (max)
ANALOG OUTPUT CHARACTERISTICS
V
CMO
Common Mode Output Voltage
1.26
0.95
1.45
V (min)
V (max)
TC V
CMO
Common Mode Output Voltage
Temperature Coefficient
T
A = −40˚C to +85˚C
118
ppm/˚C
V
CMO_LVL
V
CMO input threshold to set DC
Coupling mode
V
A = 1.8V
0.60
V
V
A = 2.0V
0.66
V
C
LOAD
V
CMO
Maximum V
CMO load
Capacitance
80
pF
V
BG
Bandgap Reference Output
Voltage
I
BG = ±100 µA
1.26
1.20
1.33
V (min)
V (max)
TC V
BG
Bandgap Reference Voltage
Temperature Coefficient
T
A = −40˚C to +85˚C,
I
BG = ±100 µA
28
ppm/˚C
C
LOAD
V
BG
Maximum Bandgap Reference
load Capacitance
80
pF
TEMPERATURE DIODE CHARACTERISTICS
∆V
BE
Temperature Diode Voltage
192 µA vs. 12 µA,
T
J = 25˚C
71.23
mV
192 µA vs. 12 µA,
T
J = 85˚C
85.54
mV
www.national.com
8


同様の部品番号 - ADC081500CIYB

メーカー部品番号データシート部品情報
logo
National Semiconductor ...
ADC081500CIYB NSC-ADC081500CIYB Datasheet
1,016Kb / 32P
   High Performance, Low Power, 8-Bit, 1.5 GSPS A/D Converter
ADC081500CIYB NSC-ADC081500CIYB Datasheet
1Mb / 34P
   High Performance, Low Power, 8-Bit, 1.5 GSPS A/D Converter
logo
Texas Instruments
ADC081500CIYB/NOPB TI1-ADC081500CIYB/NOPB Datasheet
1,011Kb / 47P
[Old version datasheet]   High Performance, Low Power, 8-Bit, 1.5 GSPS A/D Converter
More results

同様の説明 - ADC081500CIYB

メーカー部品番号データシート部品情報
logo
National Semiconductor ...
ADC081500 NSC-ADC081500_09 Datasheet
1Mb / 34P
   High Performance, Low Power, 8-Bit, 1.5 GSPS A/D Converter
logo
Texas Instruments
ADC081500 TI1-ADC081500 Datasheet
1,011Kb / 47P
[Old version datasheet]   High Performance, Low Power, 8-Bit, 1.5 GSPS A/D Converter
logo
National Semiconductor ...
ADC081500 NSC-ADC081500_06 Datasheet
1,016Kb / 32P
   High Performance, Low Power, 8-Bit, 1.5 GSPS A/D Converter
ADC08D1500 NSC-ADC08D1500_09 Datasheet
1Mb / 40P
   High Performance, Low Power, Dual 8-Bit, 1.5 GSPS A/D Converter
ADC08D1500 NSC-ADC08D1500 Datasheet
868Kb / 33P
   High Performance, Low Power, Dual 8-Bit, 1.5 GSPS A/D Converter
logo
Texas Instruments
ADC08D1500 TI1-ADC08D1500 Datasheet
1Mb / 54P
[Old version datasheet]   High Performance, Low Power, Dual 8-Bit, 1.5 GSPS A/D Converter
logo
National Semiconductor ...
ADC082500 NSC-ADC082500 Datasheet
856Kb / 33P
   High Performance, Low Power, 8-Bit, 2.5 GSPS A/D Converter
ADC083000 NSC-ADC083000_09 Datasheet
1Mb / 40P
   8-Bit, 3 GSPS, High Performance, Low Power A/D Converter
ADC081000 NSC-ADC081000_09 Datasheet
595Kb / 30P
   High Performance, Low Power 8-Bit, 1 GSPS A/D Converter
ADC083000 NSC-ADC083000 Datasheet
856Kb / 33P
   High Performance, Low Power, 8-Bit, 3 GSPS A/D Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com