データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MC33065P データシート(PDF) 5 Page - ON Semiconductor

部品番号 MC33065P
部品情報  HIGH PERFORMANCE DUAL CHANNEL CURRENT MODE CONTROLLER
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ONSEMI [ON Semiconductor]
ホームページ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC33065P データシート(HTML) 5 Page - ON Semiconductor

  MC33065P Datasheet HTML 1Page - ON Semiconductor MC33065P Datasheet HTML 2Page - ON Semiconductor MC33065P Datasheet HTML 3Page - ON Semiconductor MC33065P Datasheet HTML 4Page - ON Semiconductor MC33065P Datasheet HTML 5Page - ON Semiconductor MC33065P Datasheet HTML 6Page - ON Semiconductor MC33065P Datasheet HTML 7Page - ON Semiconductor MC33065P Datasheet HTML 8Page - ON Semiconductor MC33065P Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
MC34065 MC33065
5
MOTOROLA ANALOG IC DEVICE DATA
Figure 3. Error Amp Small–Signal
Transient Response
Figure 4. Error Amp Large–Signal
Transient Response
Figure 5. Error Amp Open Loop Gain and
Phase versus Frequency
Figure 6. Current Sense Input Threshold
versus Error Amp Output Voltage
1.0
µs/DIV
1.0
µs/DIV
f, FREQUENCY (Hz)
10
100
1.0 k
10 k
100 k
1.0 M
10 M
0
30
60
90
120
150
180
Phase
Gain
0
1.0
2.0
3.0
4.0
7.0
5.0
6.0
VO, ERROR AMP OUTPUT VOLTAGE (V)
VCC =15 V
AV = –1.0
TA =25°C
VCC =15 V
AV = –1.0
TA =25°C
Figure 7. Reference Voltage Change
versus Source Current
Figure 8. Reference Short Circuit Current
versus Temperature
Iref, REFERENCE SOURCE CURRENT (mA)
0
20
40
60
80
100
120
TA, AMBIENT TEMPERATURE (°C)
–55
–25
0
25
50
75
100
125
VCC =15 V
RL ≤ 0.1 Ω
2.55 V
2.50 V
2.45 V
3.0 V
2.5 V
2.0 V
100
80
60
40
20
0
–20
0.3
0.6
0.5
0.1
0.2
0.4
0
0
–4.0
–8.0
–12
–16
–20
–24
120
100
80
60
VCC = 15 V
TA = 125°C
VCC = 15 V
TA = –55°C
TA = 25°C
TA = 125°C
TA = 25°C
TA = –55°C
VCC =15 V
VO = 1.5 V to 2.5 V
RL = 100 k
TA =25°C


同様の部品番号 - MC33065P

メーカー部品番号データシート部品情報
logo
ON Semiconductor
MC33065P-H ONSEMI-MC33065P-H Datasheet
417Kb / 14P
   HIGH PERFORMANCE DUAL CHANNEL CURRENT MODE CONTROLLERS
1996 REV 0
MC33065P-H ONSEMI-MC33065P-H Datasheet
571Kb / 18P
   High Performance Dual Channel Current Mode Controllers
July, 2006 ??Rev. 2
MC33065P-L ONSEMI-MC33065P-L Datasheet
417Kb / 14P
   HIGH PERFORMANCE DUAL CHANNEL CURRENT MODE CONTROLLERS
1996 REV 0
MC33065P-L ONSEMI-MC33065P-L Datasheet
571Kb / 18P
   High Performance Dual Channel Current Mode Controllers
July, 2006 ??Rev. 2
More results

同様の説明 - MC33065P

メーカー部品番号データシート部品情報
logo
ON Semiconductor
CS5661 ONSEMI-CS5661 Datasheet
78Kb / 8P
   High Performance Dual Channel Current Mode Controller
December, 2001 - Rev. 3
logo
Cherry Semiconductor Co...
CS5661 CHERRY-CS5661 Datasheet
167Kb / 8P
   High Performance Dual Channel Current Mode Controller with ENABLE
CS3865C CHERRY-CS3865C Datasheet
171Kb / 8P
   High Performance Dual Channel Current Mode Controller with ENABLE
CS5651 CHERRY-CS5651 Datasheet
166Kb / 8P
   High Performance Dual Channel Current Mode Controller with ENABLE
logo
List of Unclassifed Man...
PJ3842 ETC-PJ3842 Datasheet
375Kb / 15P
   High Performance Current Mode Controller
logo
Taiwan Semiconductor Co...
TS3842B TSC-TS3842B Datasheet
402Kb / 20P
   High Performance Current Mode Controller
logo
Unisonic Technologies
UC3842G UTC-UC3842G_17 Datasheet
208Kb / 7P
   HIGH PERFORMANCE CURRENT MODE CONTROLLER
logo
E-Tech Electronics LTD
UC3842G ETL-UC3842G Datasheet
236Kb / 8P
   HIGH PERFORMANCE CURRENT MODE CONTROLLER
logo
List of Unclassifed Man...
TS3842B ETC-TS3842B Datasheet
521Kb / 20P
   High Performance Current Mode Controller
logo
ON Semiconductor
MC44602 ONSEMI-MC44602 Datasheet
332Kb / 18P
   HIGH PERFORMANCE CURRENT MODE CONTROLLER
1996 REV 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com