データシートサーチシステム |
|
BZX884-B4V7 データシート(PDF) 2 Page - NXP Semiconductors |
|
BZX884-B4V7 データシート(HTML) 2 Page - NXP Semiconductors |
2 / 10 page 2004 Mar 26 2 Philips Semiconductors Product specification Voltage regulator diodes BZX884 series FEATURES • Two tolerance series: ±2% and ±5% • Working voltage range: nominal 2.4 V to 75 V (E24 range) • Leadless ultra small plastic package (1 mm × 0.6 mm × 0.5 mm) • Boardspace 1.17 mm2 (approximately 10% of SOT23) • Power dissipation comparable to SOT23. APPLICATIONS • General regulation functions • ESD ultra high-speed switching • High frequency applications • Mobile communication, digital (still) cameras, PDAs and PCMCIA cards. DESCRIPTION Low-power voltage regulator diodes encapsulated in SOD882 leadless ultra small plastic packages. handbook, halfpage MAM472 Bottom view Fig.1 Simplified outline (SOD882) and symbol. The marking bar indicates the cathode. MARKING TYPE NUMBER MARKING CODE TYPE NUMBER MARKING CODE TYPE NUMBER MARKING CODE TYPE NUMBER MARKING CODE Marking codes for BZX884-B2V4 to BZX884-B75 BZX884-B2V4 A1 BZX884-B6V2 AB BZX884-B16 C1 BZX884-B43 CB BZX884-B2V7 A2 BZX884-B6V8 AC BZX884-B18 C2 BZX884-B47 CC BZX884-B3V0 A3 BZX884-B7V5 AD BZX884-B20 C3 BZX884-B51 CD BZX884-B3V3 A4 BZX884-B8V2 AE BZX884-B22 C4 BZX884-B56 CE BZX884-B3V6 A5 BZX884-B9V1 AF BZX884-B24 C5 BZX884-B62 CF BZX884-B3V9 A6 BZX884-B10 AG BZX884-B27 C6 BZX884-B68 CG BZX884-B4V3 A7 BZX884-B11 AH BZX884-B30 C7 BZX884-B75 CH BZX884-B4V7 A8 BZX884-B12 AJ BZX884-B33 C8 BZX884-B5V1 A9 BZX884-B13 AK BZX884-B36 C9 BZX884-B5V6 AA BZX884-B15 AL BZX884-B39 CA Marking codes for BZX884-C2V4 to BZX884-C75 BZX884-C2V4 B1 BZX884-C6V2 BB BZX884-C16 D1 BZX884-C43 DB BZX884-C2V7 B2 BZX884-C6V8 BC BZX884-C18 D2 BZX884-C47 DC BZX884-C3V0 B3 BZX884-C7V5 BD BZX884-C20 D3 BZX884-C51 DD BZX884-C3V3 B4 BZX884-C8V2 BE BZX884-C22 D4 BZX884-C56 DE BZX884-C3V6 B5 BZX884-C9V1 BF BZX884-C24 D5 BZX884-C62 DF BZX884-C3V9 B6 BZX884-C10 BG BZX884-C27 D6 BZX884-C68 DG BZX884-C4V3 B7 BZX884-C11 BH BZX884-C30 D7 BZX884-C75 DH BZX884-C4V7 B8 BZX884-C12 BJ BZX884-C33 D8 BZX884-C5V1 B9 BZX884-C13 BK BZX884-C36 D9 BZX884-C5V6 BA BZX884-C15 BL BZX884-C39 DA |
同様の部品番号 - BZX884-B4V7 |
|
同様の説明 - BZX884-B4V7 |