データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

BZX884-B39 データシート(PDF) 6 Page - NXP Semiconductors

部品番号 BZX884-B39
部品情報  Voltage regulator diodes
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  PHILIPS [NXP Semiconductors]
ホームページ  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BZX884-B39 データシート(HTML) 6 Page - NXP Semiconductors

Back Button BZX884-B39 Datasheet HTML 2Page - NXP Semiconductors BZX884-B39 Datasheet HTML 3Page - NXP Semiconductors BZX884-B39 Datasheet HTML 4Page - NXP Semiconductors BZX884-B39 Datasheet HTML 5Page - NXP Semiconductors BZX884-B39 Datasheet HTML 6Page - NXP Semiconductors BZX884-B39 Datasheet HTML 7Page - NXP Semiconductors BZX884-B39 Datasheet HTML 8Page - NXP Semiconductors BZX884-B39 Datasheet HTML 9Page - NXP Semiconductors BZX884-B39 Datasheet HTML 10Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
This text is here in white to force landscape pages to be rotated correctly when browsing through the pdf in the Acrobat reader.This text is here in
_white to force landscape pages to be rotated correctly when browsing through the pdf in the Acrobat reader.This text is here inThis text is here in
white to force landscape pages to be rotated correctly when browsing through the pdf in the Acrobat reader. white to force landscape pages to be ...
Table 2
Per type BZX884-B/C27 to B/C75
Tj =25 °C unless otherwise specified.
BZX884-
BorC
XXX
WORKING VOLTAGE
VZ (V)
at IZ =2mA
DIFFERENTIAL RESISTANCE
rdif (Ω)
TEMP. COEFF.
SZ (mV/K)
at IZtest =2mA
(see Figs 3 and 4)
DIODE CAP.
Cd (pF)
at f = 1 MHz;
VR =0V
NON-REPETITIVE PEAK
REVERSE CURRENT
IZSM (A) at tp = 100 µs;
Tamb =25 °C
Tol.
±2% (B)
Tol.
±5% (C) at I
Ztest = 0.5 mA
at IZtest =2mA
MIN.
MAX.
MIN.
MAX.
TYP.
MAX.
TYP.
MAX.
TYP.
MAX.
MAX.
27
26.46
27.54
25.65
28.35
65
300
25
80
23.4
50
1.0
30
29.40
30.60
28.50
31.50
70
300
30
80
26.6
50
1.0
33
32.34
33.66
31.35
34.65
75
325
35
80
29.7
45
0.9
36
35.28
36.72
34.20
37.80
80
350
35
90
33.0
45
0.8
39
38.22
39.78
37.05
40.95
80
350
40
130
36.4
45
0.7
43
42.14
43.86
40.85
45.15
85
375
45
150
41.2
40
0.6
47
46.06
47.94
44.65
49.35
85
375
50
170
46.1
40
0.5
51
49.98
52.02
48.45
53.55
90
400
60
180
51.0
40
0.4
56
54.88
57.12
53.20
58.80
100
425
70
200
57.0
40
0.3
62
60.76
63.24
58.90
65.10
120
450
80
215
64.4
35
0.3
68
66.64
69.36
64.60
71.40
150
475
90
240
71.7
35
0.25
75
73.50
76.50
71.25
78.75
170
500
95
255
80.2
35
0.2


同様の部品番号 - BZX884-B39

メーカー部品番号データシート部品情報
logo
Nexperia B.V. All right...
BZX884-B39 NEXPERIA-BZX884-B39 Datasheet
300Kb / 13P
   Voltage regulator diodes
Rev. 5 - 14 December 2020
More results

同様の説明 - BZX884-B39

メーカー部品番号データシート部品情報
logo
NXP Semiconductors
BZX384 PHILIPS-BZX384 Datasheet
73Kb / 11P
   Voltage regulator diodes
2004 Mar 22
1N4728A PHILIPS-1N4728A Datasheet
31Kb / 6P
   Voltage regulator diodes
1996 Apr 26
BZD23 PHILIPS-BZD23 Datasheet
40Kb / 9P
   Voltage regulator diodes
1996 Jun 10
BZD27 PHILIPS-BZD27 Datasheet
38Kb / 9P
   Voltage regulator diodes
1996 Jun 10
BZW03 PHILIPS-BZW03 Datasheet
48Kb / 9P
   Voltage regulator diodes
1996 May 14
BZX84-A36215 PHILIPS-BZX84-A36215 Datasheet
458Kb / 16P
   Voltage regulator diodes
Rev. 6-6 March 2014
BZX585-B15 PHILIPS-BZX585-B15 Datasheet
646Kb / 10P
   Voltage regulator diodes
2004 Jun 22
PDZ11B PHILIPS-PDZ11B Datasheet
192Kb / 9P
   Voltage regulator diodes
2004 Mar 22
BZX84-C47215 NXP-BZX84-C47215 Datasheet
458Kb / 16P
   Voltage regulator diodes
Rev. 6-6 March 2014
BZV55C3V6115 NXP-BZV55C3V6115 Datasheet
126Kb / 14P
   Voltage regulator diodes
Rev. 5-26 January 2011
BZX84-B3V3 NXP-BZX84-B3V3 Datasheet
741Kb / 11P
   Voltage regulator diodes
2003 Apr 10
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com