データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

STB130NS04ZB データシート(PDF) 11 Page - STMicroelectronics

部品番号 STB130NS04ZB
部品情報  N-CHANNEL CLAMPED - 7 mohm - 80A TO-220/D2PAK/TO-247 FULLY PROTECTED MESH OVERLAY MOSFET
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STB130NS04ZB データシート(HTML) 11 Page - STMicroelectronics

Back Button STB130NS04ZB Datasheet HTML 4Page - STMicroelectronics STB130NS04ZB Datasheet HTML 5Page - STMicroelectronics STB130NS04ZB Datasheet HTML 6Page - STMicroelectronics STB130NS04ZB Datasheet HTML 7Page - STMicroelectronics STB130NS04ZB Datasheet HTML 8Page - STMicroelectronics STB130NS04ZB Datasheet HTML 9Page - STMicroelectronics STB130NS04ZB Datasheet HTML 10Page - STMicroelectronics STB130NS04ZB Datasheet HTML 11Page - STMicroelectronics STB130NS04ZB Datasheet HTML 12Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
11/12
STP130NS04ZB - STB130NS04ZB - STW130NS04ZB
Table 9: Revision History
Date
Revision
Description of Changes
10-June-2004
1
First Release.
14-Jan-2005
2
Inserted D²PAK, Complete version.


同様の部品番号 - STB130NS04ZB

メーカー部品番号データシート部品情報
logo
STMicroelectronics
STB130NS04ZB STMICROELECTRONICS-STB130NS04ZB Datasheet
382Kb / 16P
   N-channel clamped - 7 mOHM - 80A TO-220/I2/D2PAK/TO-247 Fully protected mesh overlay TM MOSFET
STB130NS04ZB-1 STMICROELECTRONICS-STB130NS04ZB-1 Datasheet
382Kb / 16P
   N-channel clamped - 7 mOHM - 80A TO-220/I2/D2PAK/TO-247 Fully protected mesh overlay TM MOSFET
More results

同様の説明 - STB130NS04ZB

メーカー部品番号データシート部品情報
logo
STMicroelectronics
STW130NS04ZB STMICROELECTRONICS-STW130NS04ZB_06 Datasheet
382Kb / 16P
   N-channel clamped - 7 mOHM - 80A TO-220/I2/D2PAK/TO-247 Fully protected mesh overlay TM MOSFET
STP80NS04Z STMICROELECTRONICS-STP80NS04Z Datasheet
90Kb / 8P
   N - CHANNEL CLAMPED 7.5mohm - 80A - TO-220 FULLY PROTECTED MESH OVERLAY MOSFET
STP80NS04ZB STMICROELECTRONICS-STP80NS04ZB Datasheet
115Kb / 6P
   N-CHANNEL CLAMPED 7.5mohm - 80A TO-220 FULLY PROTECTED MESH OVERLAY MOSFET
STP75NS04Z STMICROELECTRONICS-STP75NS04Z Datasheet
231Kb / 12P
   N-channel Clamped - 7mohm - 80A - TO-220 Fully protected MESH Overlay III Power MOSFET
STP62NS04Z STMICROELECTRONICS-STP62NS04Z Datasheet
249Kb / 8P
   N-CHANNEL CLAMPED 12.5m - 62A TO-220 FULLY PROTECTED MESH OVERLAY MOSFET
STP60NS04Z STMICROELECTRONICS-STP60NS04Z Datasheet
91Kb / 8P
   N - CHANNEL CLAMPED 10mohm - 60A - TO-220 FULLY PROTECTED MESH OVERLAY MOSFET
STP60NS04ZB STMICROELECTRONICS-STP60NS04ZB Datasheet
292Kb / 8P
   N-CHANNEL CLAMPED 10mohm - 60A TO-220 FULLY PROTECTED MESH OVERLAY??MOSFET
STP60NS04ZB STMICROELECTRONICS-STP60NS04ZB_06 Datasheet
256Kb / 13P
   N-channel clamped - 10mohm - 60A - TO-220 Fully protected Mesh Overlay Power MOSFET
STP62NS04Z STMICROELECTRONICS-STP62NS04Z_06 Datasheet
267Kb / 12P
   N-channel clamped 12.5mOHM - 62A - TO-220 Fully protected MESH OVERLAY Power MOSFET
STP22NS25Z STMICROELECTRONICS-STP22NS25Z Datasheet
449Kb / 10P
   N-CHANNEL 250V - 0.13ohm - 22A TO-220/D2PAK Zener-Protected MESH OVERLAY??MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com