データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MC33064D-5R2 データシート(PDF) 5 Page - ON Semiconductor

部品番号 MC33064D-5R2
部品情報  UNDERVOLTAGE SENSING CIRCUIT
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ONSEMI [ON Semiconductor]
ホームページ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC33064D-5R2 データシート(HTML) 5 Page - ON Semiconductor

  MC33064D-5R2 Datasheet HTML 1Page - ON Semiconductor MC33064D-5R2 Datasheet HTML 2Page - ON Semiconductor MC33064D-5R2 Datasheet HTML 3Page - ON Semiconductor MC33064D-5R2 Datasheet HTML 4Page - ON Semiconductor MC33064D-5R2 Datasheet HTML 5Page - ON Semiconductor MC33064D-5R2 Datasheet HTML 6Page - ON Semiconductor MC33064D-5R2 Datasheet HTML 7Page - ON Semiconductor MC33064D-5R2 Datasheet HTML 8Page - ON Semiconductor MC33064D-5R2 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
Figure 11. Voltage Monitor
Figure 12. Solar Powered Battery Charger
Figure 13. Low Power Switching Regulator
Figure 14. MOSFET Low Voltage Gate Drive Protection
Overheating of the logic level power MOSFET due to insufficient gate voltage can be prevented with the above
circuit. When the input signal is below the 4.6 V threshold of the MC34064, its output grounds the gate of the L2
MOSFET.
270
4.6V
VCC
RL
MTP3055EL
2 (2)
1 (1)
3 (4)
+
1.2Vref
2 (2)
1 (1)
3 (4)
+
1.2Vref
Power
Supply
+
1.0k
2 (2)
1 (1)
3 (4)
+
1.2Vref
+
Solar
Cells
2 (2)
1 (1)
3 (4)
+
1.2Vref
Vin = 11.5
to 14.5V
470
+
MPSW51A
25
mH
VO = 5.0 V
IO = 50 mA
470
+
680
22
+
1N5819
1.2k
330
1N756
4.7k
MC34064, MC33064, NCV33064
http://onsemi.com
5
Test
Conditions
Results
Line Regulation
Vin = 11.5 V to 14.5 V, IO = 50 mA
35 mV
Load Regulation
Vin = 12.6 V, IO = 0 mA to 50 mA
12 mV
Output Ripple
Vin = 12.6 V, IO = 50 mA
60 mVpp
Efficiency
Vin = 12.6 V, IO = 50 mA
77%


同様の部品番号 - MC33064D-5R2

メーカー部品番号データシート部品情報
logo
ON Semiconductor
MC33064D-5R2 ONSEMI-MC33064D-5R2 Datasheet
167Kb / 11P
   Undervoltage Sensing Circuit
August, 2008 ??Rev. 18
MC33064D-5R2G ONSEMI-MC33064D-5R2G Datasheet
167Kb / 11P
   Undervoltage Sensing Circuit
August, 2008 ??Rev. 18
MC33064D-5R2G ONSEMI-MC33064D-5R2G Datasheet
126Kb / 11P
   Undervoltage Sensing Circuit
October, 2016 ??Rev. 19
More results

同様の説明 - MC33064D-5R2

メーカー部品番号データシート部品情報
logo
ON Semiconductor
MC34064 ONSEMI-MC34064_16 Datasheet
126Kb / 11P
   Undervoltage Sensing Circuit
October, 2016 ??Rev. 19
logo
Microsemi Corporation
MC33064 MICROSEMI-MC33064_04 Datasheet
328Kb / 10P
   UNDERVOLTAGE SENSING CIRCUIT
MC33064 MICROSEMI-MC33064 Datasheet
150Kb / 10P
   UNDERVOLTAGE SENSING CIRCUIT
logo
ON Semiconductor
MC34064D-5G ONSEMI-MC34064D-5G Datasheet
167Kb / 11P
   Undervoltage Sensing Circuit
August, 2008 ??Rev. 18
logo
Motorola, Inc
MC34064 MOTOROLA-MC34064 Datasheet
147Kb / 8P
   Undervoltage sensing circuit
logo
Texas Instruments
LM8365 TI1-LM8365 Datasheet
1Mb / 22P
[Old version datasheet]   Micropower Undervoltage-Sensing Circuit
logo
Microsemi Corporation
MC33164-3 MICROSEMI-MC33164-3 Datasheet
126Kb / 9P
   3V UNDERVOLTAGE SENSING CIRCUIT
MC33164 MICROSEMI-MC33164 Datasheet
159Kb / 7P
   5V UNDERVOLTAGE SENSING CIRCUIT
MC33164-3 MICROSEMI-MC33164-3_05 Datasheet
277Kb / 9P
   3V UNDERVOLTAGE SENSING CIRCUIT
logo
List of Unclassifed Man...
MC341643DM ETC2-MC341643DM Datasheet
278Kb / 9P
   3V UNDERVOLTAGE SENSING CIRCUIT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com