データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MC34261D データシート(PDF) 2 Page - Motorola, Inc

部品番号 MC34261D
部品情報  POWER FACTOR CONTROLLERS
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MOTOROLA [Motorola, Inc]
ホームページ  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC34261D データシート(HTML) 2 Page - Motorola, Inc

  MC34261D Datasheet HTML 1Page - Motorola, Inc MC34261D Datasheet HTML 2Page - Motorola, Inc MC34261D Datasheet HTML 3Page - Motorola, Inc MC34261D Datasheet HTML 4Page - Motorola, Inc MC34261D Datasheet HTML 5Page - Motorola, Inc MC34261D Datasheet HTML 6Page - Motorola, Inc MC34261D Datasheet HTML 7Page - Motorola, Inc MC34261D Datasheet HTML 8Page - Motorola, Inc MC34261D Datasheet HTML 9Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
MC34261 MC33261
2
MOTOROLA ANALOG IC DEVICE DATA
MAXIMUM RATINGS
Rating
Symbol
Value
Unit
Total Power Supply and Zener Current
(ICC + IZ)
30
mA
Output Current, Source or Sink (Note 1)
IO
500
mA
Current Sense, Multiplier, and Voltage Feedback Inputs
Vin
–1.0 to 10
V
Zero Current Detect Input
High State Forward Current
Low State Reverse Current
Iin
50
–10
mA
Power Dissipation and Thermal Characteristics
P Suffix, Plastic Package Case 626
Maximum Power Dissipation @ TA = 70°C
Thermal Resistance, Junction–to–Air
D Suffix, Plastic Package Case 626
Maximum Power Dissipation @ TA = 70°C
Thermal Resistance, Junction–to–Air
PD
R
θJA
PD
R
θJA
800
100
450
178
mW
°C/W
mW
°C/W
Operating Junction Temperature
TJ
+150
°C
Operating Ambient Temperature (Note 3)
MC34261
MC33261
TA
0 to +70
–40 to +85
°C
Storage Temperature
Tstg
–55 to +150
°C
ELECTRICAL CHARACTERISTICS (VCC = 12 V, for typical values TA = 25°C, for min/max values TA is the operating ambient
temperature range that applies [Note 3], unless otherwise noted.)
Characteristic
Symbol
Min
Typ
Max
Unit
ERROR AMPLIFIER
Voltage Feedback Input Threshold
TA = 25°C
TA = Tlow to Thigh (VCC = 12 V to 28 V)
VFB
2.465
2.44
2.5
2.535
2.54
V
Line Regulation (VCC = 12 V to 28 V, TA = 25°C)
Regline
1.0
10
mV
Input Bias Current (VFB = 0 V)
IIB
–0.3
–1.0
µA
Open Loop Voltage Gain
AVOL
65
85
dB
Gain Bandwidth Product (TA = 25°C)
GBW
0.7
1.0
MHz
Output Source Current (VO = 4.0 V, VFB = 2.3 V)
ISource
0.25
0.5
0.75
mA
Output Voltage Swing
High State (ISource = 0.2 mA, VFB = 2.3 V)
Low State (ISink = 0.4 mA, VFB = 2.7 V)
VOH
VOL
5.0
5.7
2.1
2.44
V
MULTIPLIER
Dynamic Input Voltage Range
Multiplier Input (Pin 3)
Compensation (Pin 2)
VPin 3
VPin 2
0 to 2.5
VFB to
(VFB + 1.0)
0 to 3.5
VFB to
(VFB + 1.5)
V
Input Bias Current (VFB = 0 V)
IIB
–0.3
–1.0
µA
Multiplier Gain (VPin 3 = 0.5 V, VPin 2 = VFB + 1.0 V) (Note 2)
K
0.4
0.62
0.8
1/V
ZERO CURRENT DETECTOR
Input Threshold Voltage (Vin Increasing)
Vth
1.3
1.6
1.8
V
Hysteresis (Vin Decreasing)
VH
40
110
200
mV
Input Clamp Voltage
High State (IDET = 3.0 mA)
Low State (IDET = –3.0 mA)
VIH
VIL
6.1
0.3
6.7
0.7
1.0
V
NOTES: 1. Maximum package power dissipation limits must be observed.
3. Tlow = –40°C for MC34261
3. Tlow = –40°C for MC33261
Thigh = +70°C for MC34261
Thigh = +85°C for MC33261
Pin 4 Threshold Voltage
VPin 3(VPin 2 – VFB)
2. K =


同様の部品番号 - MC34261D

メーカー部品番号データシート部品情報
logo
ON Semiconductor
MC34261D ONSEMI-MC34261D Datasheet
500Kb / 13P
   Power Factor Controllers
July, 2006 ??Rev. 3
More results

同様の説明 - MC34261D

メーカー部品番号データシート部品情報
logo
ON Semiconductor
MC34261 ONSEMI-MC34261 Datasheet
500Kb / 13P
   Power Factor Controllers
July, 2006 ??Rev. 3
MC34262 ONSEMI-MC34262_05 Datasheet
394Kb / 19P
   Power Factor Controllers
November, 2005 ??Rev. 9
logo
IK Semicon Co., Ltd
IL34262 IKSEMICON-IL34262_11 Datasheet
549Kb / 9P
   Power Factor Controllers
logo
ON Semiconductor
MC34262 ONSEMI-MC34262_13 Datasheet
399Kb / 19P
   Power Factor Controllers
August, 2013 ??Rev. 14
MC34262 ONSEMI-MC34262 Datasheet
393Kb / 16P
   POWER FACTOR CONTROLLERS
1996 REV 1
logo
IK Semicon Co., Ltd
IL34262 IKSEMICON-IL34262 Datasheet
696Kb / 9P
   Power Factor Controllers
logo
List of Unclassifed Man...
IL34262 ETC-IL34262 Datasheet
316Kb / 12P
   Power Factor Controllers
logo
Guangdong Kexin Industr...
MC34262 KEXIN-MC34262 Datasheet
676Kb / 8P
   Power Factor Controllers
logo
Unisonic Technologies
MC34262 UTC-MC34262 Datasheet
206Kb / 6P
   POWER FACTOR CONTROLLERS
logo
ON Semiconductor
MC34262 ONSEMI-MC34262_11 Datasheet
401Kb / 19P
   Power Factor Controllers
September, 2011 ??Rev. 13
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com