データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MAX5042 データシート(PDF) 3 Page - Maxim Integrated Products

部品番号 MAX5042
部品情報  Two-Switch Power ICs with Integrated Power MOSFETs and Hot-Swap Controller
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MAXIM [Maxim Integrated Products]
ホームページ  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX5042 データシート(HTML) 3 Page - Maxim Integrated Products

  MAX5042 Datasheet HTML 1Page - Maxim Integrated Products MAX5042 Datasheet HTML 2Page - Maxim Integrated Products MAX5042 Datasheet HTML 3Page - Maxim Integrated Products MAX5042 Datasheet HTML 4Page - Maxim Integrated Products MAX5042 Datasheet HTML 5Page - Maxim Integrated Products MAX5042 Datasheet HTML 6Page - Maxim Integrated Products MAX5042 Datasheet HTML 7Page - Maxim Integrated Products MAX5042 Datasheet HTML 8Page - Maxim Integrated Products MAX5042 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 22 page
background image
_______________________________________________________________________________________
3
Two-Switch Power ICs with Integrated
Power MOSFETs and Hot-Swap Controller
ELECTRICAL CHARACTERISTICS
(VPOSINPWM = 20V to 76V, VREG15 = 18V, CREG15 = 4.7µF, CREG9 = 1µF, CREG5 = 1µF, RRCOSC = 24k
Ω, CRCOSC = 100pF, CBST =
0.22µF, RDRVDEL = 10k
Ω, CDRVDEL = 0.22µF, VCSS = VCSP = VCSN = VRAMP = VPWMNEG = VNEGIN = 0, TA = TMIN to TMAX, unless
otherwise noted. Typical values are at VPOSINPWM = 48V, TA = +25°C, unless otherwise noted. All voltages are referred to PWMNEG,
unless otherwise noted.)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Input Supply Range
VPOSINPWM
20
76
V
REG15 REGULATOR
REG15 Output Voltage Range
VREG15
VPOSINPWM = 20V to 76V
13.0
16.6
V
REG15 Output Voltage Load
Regulation
VPOSINPWM = 20V, IREG15 = 0 to 80mA
1.5
V
REG15 Output Current
Inferred from load regulation test
80
mA
REG15 Current Limit
REG15 shorted to PWMNEG with 10
140
mA
REG15 Overdrive Voltage
18
40
V
REG9 REGULATOR
REG9 Output Voltage Range
VREG15 = 18V to 40V
8.3
10.1
V
REG9 Output Voltage Load
Regulation
IREG9 = 0 to 40mA
0.35
V
REG9 Output Current
Inferred from load regulation test
40
mA
REG9 Current Limit
REG9 shorted to PWMNEG with 10
100
mA
REG5 REGULATOR
REG5 Output Voltage Range
VREG15 = 18V to 40V
4.5
5.5
V
REG5 Output Voltage Load
Regulation
IREG5 = 0 to 20mA
0.35
V
REG5 Output Current
Inferred from load regulation test
20
mA
REG5 Current Limit
REG5 shorted to PWMNEG with 10
40
mA
PWM COMPARATOR
Common-Mode Range
VCM-PWM
0
5.5
V
Input Offset Voltage
10
mV
Input Bias Current
-2.5
+2.5
µA
Propagation Delay
50mV overdrive, 0 ≤ VCM-PWM ≤ 5.5V
70
ns
RCOSC OSCILLATOR
PWM Period
tOSC-PWM
3.9
µs
Maximum Duty Cycle
47
%
Maximum RCOSC Frequency
fRCOSC
1.2
MHz
RCOSC Peak Trip Level
VTH
2.55
V
RCOSC Valley Trip Level
0.2
V
RCOSC Input Bias Current
-0.3
µA
RCOSC Discharge MOSFET
RDS(ON)
Sinking 10mA
60
120
RCOSC Discharge Pulse Width
50
ns
SYNC High Level
3.5
V
SYNC Low Level
0.8
V


同様の部品番号 - MAX5042

メーカー部品番号データシート部品情報
logo
Maxim Integrated Produc...
MAX5042 MAXIM-MAX5042 Datasheet
439Kb / 9P
   fully assembled and tested circuit board
Rev 0; 12/03
MAX5042 MAXIM-MAX5042 Datasheet
1Mb / 22P
   Power MOSFETs and Hot-Swap Controller
2014
MAX5042ATN MAXIM-MAX5042ATN Datasheet
1Mb / 22P
   Power MOSFETs and Hot-Swap Controller
2014
MAX5042EVKIT MAXIM-MAX5042EVKIT Datasheet
439Kb / 9P
   fully assembled and tested circuit board
Rev 0; 12/03
MAX5042 MAXIM-MAX5042_V01 Datasheet
1Mb / 22P
   Power MOSFETs and Hot-Swap Controller
2014
More results

同様の説明 - MAX5042

メーカー部品番号データシート部品情報
logo
Maxim Integrated Produc...
MAX5042 MAXIM-MAX5042_V01 Datasheet
1Mb / 22P
   Power MOSFETs and Hot-Swap Controller
2014
logo
Analog Devices
EVAL-ADM1275EBZ AD-EVAL-ADM1275EBZ Datasheet
741Kb / 48P
   Hot-Swap Controller and Digital Power
REV. D
logo
Summit Microelectronics...
SMH4803 SUMMIT-SMH4803 Datasheet
178Kb / 22P
   Distributed Power Hot-Swap Controller
SMH4812 SUMMIT-SMH4812_09 Datasheet
428Kb / 18P
   Distributed Power Hot-Swap Controller
logo
Micrel Semiconductor
MIC2580A MICREL-MIC2580A_05 Datasheet
258Kb / 21P
   Hot-Swap PCI Power Controller
logo
Linear Technology
LTC4219 LINER-LTC4219 Datasheet
203Kb / 16P
   5A Integrated Hot Swap Controller
LTC4217 LINER-LTC4217_15 Datasheet
248Kb / 18P
   2A Integrated Hot Swap Controller
LTC4217 LINER-LTC4217 Datasheet
185Kb / 18P
   2A Integrated Hot Swap Controller
LTC4212 LINER-LTC4212 Datasheet
230Kb / 24P
   Hot Swap Controller with Power-Up Timeout
logo
Summit Microelectronics...
SMH4811 SUMMIT-SMH4811 Datasheet
358Kb / 16P
   DISTRIBUTED POWER HOT SWAP CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com