データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SPI-8001TW-TL データシート(PDF) 2 Page - Allegro MicroSystems

部品番号 SPI-8001TW-TL
部品情報  Dual 1.5 A, DC/DC Step-Down Converter
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ALLEGRO [Allegro MicroSystems]
ホームページ  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

SPI-8001TW-TL データシート(HTML) 2 Page - Allegro MicroSystems

  SPI-8001TW-TL Datasheet HTML 1Page - Allegro MicroSystems SPI-8001TW-TL Datasheet HTML 2Page - Allegro MicroSystems SPI-8001TW-TL Datasheet HTML 3Page - Allegro MicroSystems SPI-8001TW-TL Datasheet HTML 4Page - Allegro MicroSystems SPI-8001TW-TL Datasheet HTML 5Page - Allegro MicroSystems SPI-8001TW-TL Datasheet HTML 6Page - Allegro MicroSystems SPI-8001TW-TL Datasheet HTML 7Page - Allegro MicroSystems SPI-8001TW-TL Datasheet HTML 8Page - Allegro MicroSystems SPI-8001TW-TL Datasheet HTML 9Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
SPI-8001TW
Dual 1.5 A, DC/DC
Step-Down Converter
115 Northeast Cutoff, Box 15036
Worcester, Massachusetts 01615-0036
Switching
Regulators
2
FUNCTIONAL BLOCK DIAGRAM
Copyright © 2004, 2005 Allegro MicroSystems, Inc.
Recommended Operating Conditions
Min
Max
Units
DC Input Voltage, V
I *VO + 3
20
V
DC Input Voltage, V
CC
4.5
20
V
DC Output Current, I
O
0
1.5
A
DC Output Voltage, V
O
116
V
Operating Junction Temp.
-30
+135
°C†
*The recommended maximum value is 20 V when the
output value is more than 2 V, derated linearly to 10 V
when the output is 1 V.
†For the availability of parts meeting -40°C require-
ments, contact Allegro’s Sales Representative.
Allowable Package Power Dissipation
This data sheet is based on Sanken data sheet SSJ-02097E


同様の部品番号 - SPI-8001TW-TL

メーカー部品番号データシート部品情報
logo
Sanken electric
SPI-8001TW SANKEN-SPI-8001TW Datasheet
474Kb / 4P
   2-Output Step-down Switching Mode Regulator ICs
SPI-8001TW SANKEN-SPI-8001TW Datasheet
89Kb / 4P
   2-Output, Step-down Switching Mode
SPI-8001TW SANKEN-SPI-8001TW_11 Datasheet
117Kb / 4P
   2-Output, Step-down Switching Mode
More results

同様の説明 - SPI-8001TW-TL

メーカー部品番号データシート部品情報
logo
Allegro MicroSystems
SPI-8002TW ALLEGRO-SPI-8002TW Datasheet
444Kb / 10P
   Dual 1.5 A, DC/DC Step-Down Converter
SI-8033JD ALLEGRO-SI-8033JD Datasheet
546Kb / 10P
   Step-Down to 3.3 V, 1.5 A, DC/DC Converter
SI-8120JD ALLEGRO-SI-8120JD Datasheet
574Kb / 10P
   Step-Down to 12.0 V, 1.5 A, DC/DC Converter
SI-8120JF ALLEGRO-SI-8120JF Datasheet
363Kb / 9P
   Step-Down to 12.0 V, 1.5 A, DC/DC Converter
SI-8025JF ALLEGRO-SI-8025JF Datasheet
320Kb / 9P
   Step-Down to 2.5 V, 1.5 A, DC/DC Converter
SI-8090JF ALLEGRO-SI-8090JF Datasheet
326Kb / 9P
   Step-Down to 9.0 V, 1.5 A, DC/DC Converter
SI-8050JF ALLEGRO-SI-8050JF Datasheet
326Kb / 9P
   Step-Down to 5.0 V, 1.5 A, DC/DC Converter
SI-8033JF ALLEGRO-SI-8033JF Datasheet
335Kb / 9P
   Step-Down to 3.3 V, 1.5 A, DC/DC Converter
logo
Sanken electric
SI-8025JF SANKEN-SI-8025JF Datasheet
319Kb / 9P
   Step-Down to 2.5 V, 1.5 A, DC/DC Converter
logo
Allegro MicroSystems
SI-8050JD ALLEGRO-SI-8050JD Datasheet
538Kb / 10P
   Step-Down to 5.0 V, 1.5 A, DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com