データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

74HC4016J データシート(PDF) 1 Page - ON Semiconductor

部品番号 74HC4016J
部品情報  Quad Analog Switch/ Multiplexer/Demultiplexer
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ONSEMI [ON Semiconductor]
ホームページ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

74HC4016J データシート(HTML) 1 Page - ON Semiconductor

  74HC4016J Datasheet HTML 1Page - ON Semiconductor 74HC4016J Datasheet HTML 2Page - ON Semiconductor 74HC4016J Datasheet HTML 3Page - ON Semiconductor 74HC4016J Datasheet HTML 4Page - ON Semiconductor 74HC4016J Datasheet HTML 5Page - ON Semiconductor 74HC4016J Datasheet HTML 6Page - ON Semiconductor 74HC4016J Datasheet HTML 7Page - ON Semiconductor 74HC4016J Datasheet HTML 8Page - ON Semiconductor 74HC4016J Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
MOTOROLA
SEMICONDUCTOR TECHNICAL DATA
1
REV 6
© Motorola, Inc. 1995
10/95
Quad Analog Switch/
Multiplexer/Demultiplexer
High–Performance Silicon–Gate CMOS
The MC54/74HC4016 utilizes silicon–gate CMOS technology to achieve
fast propagation delays, low ON resistances, and low OFF–channel leakage
current. This bilateral switch/multiplexer/demultiplexer controls analog and
digital voltages that may vary across the full power–supply range (from VCC
to GND).
The HC4016 is identical in pinout to the metal–gate CMOS MC14016 and
MC14066. Each device has four independent switches. The device has
been designed so that the ON resistances (RON) are much more linear over
input voltage than RON of metal–gate CMOS analog switches.
This device is identical in both function and pinout to the HC4066. The
ON/OFF Control inputs are compatible with standard CMOS outputs; with
pullup resistors, they are compatible with LSTTL outputs. For analog
switches with voltage–level translators, see the HC4316. For analog
switches with lower RON characteristics, use the HC4066.
• Fast Switching and Propagation Speeds
• High ON/OFF Output Voltage Ratio
• Low Crosstalk Between Switches
• Diode Protection on All Inputs/Outputs
• Wide Power–Supply Voltage Range (VCC – GND) = 2.0 to 12.0 Volts
• Analog Input Voltage Range (VCC – GND) = 2.0 to 12.0 Volts
• Improved Linearity and Lower ON Resistance over Input Voltage than
the MC14016 or MC14066
• Low Noise
• Chip Complexity: 32 FETs or 8 Equivalent Gates
LOGIC DIAGRAM
1
13
4
5
8
6
11
12
2
3
9
10
A ON/OFF CONTROL
B ON/OFF CONTROL
C ON/OFF CONTROL
D ON/OFF CONTROL
XA
XB
XC
XD
YA
YB
YC
YD
ANALOG
OUTPUTS/INPUTS
ANALOG INPUTS/OUTPUTS = XA, XB, XC, XD
PIN 14 = VCC
PIN 7 = GND
MC54/74HC4016
FUNCTION TABLE
PIN ASSIGNMENT
XB
YB
YA
XA
GND
C ON/OFF
CONTROL
B ON/OFF
CONTROL
11
12
13
14
8
9
10
5
4
3
2
1
7
6
YD
XD
D ON/OFF
CONTROL
A ON/OFF
CONTROL
VCC
XC
YC
On/Off Control
State of
Input
Analog Switch
L
Off
H
On
D SUFFIX
SOIC PACKAGE
CASE 751A–03
N SUFFIX
PLASTIC PACKAGE
CASE 646–06
ORDERING INFORMATION
MC54HCXXXXJ
MC74HCXXXXN
MC74HCXXXXD
Ceramic
Plastic
SOIC
1
14
1
14
J SUFFIX
CERAMIC PACKAGE
CASE 632–08
1
14


同様の部品番号 - 74HC4016J

メーカー部品番号データシート部品情報
logo
National Semiconductor ...
74HC4016J NSC-74HC4016J Datasheet
171Kb / 8P
   Quad Analog Switch
More results

同様の説明 - 74HC4016J

メーカー部品番号データシート部品情報
logo
ON Semiconductor
MC74LVX4066 ONSEMI-MC74LVX4066_11 Datasheet
196Kb / 13P
   Quad Analog Switch/Multiplexer/Demultiplexer
May, 2011 ??Rev. 5
MC74LVXT4066 ONSEMI-MC74LVXT4066 Datasheet
265Kb / 12P
   Quad Analog Switch/Multiplexer/Demultiplexer
March, 2000 ??Rev. 1
MC74HCT4066A ONSEMI-MC74HCT4066A Datasheet
174Kb / 13P
   Quad Analog Switch Multiplexer/Demultiplexer
November, 2010 ??Rev. 1
MC74HC4316A ONSEMI-MC74HC4316A_14 Datasheet
157Kb / 10P
   Quad Analog Switch/ Multiplexer/Demultiplexer
August, 2014 ??Rev. 9
MC74VHC4066 ONSEMI-MC74VHC4066_11 Datasheet
194Kb / 14P
   Quad Analog Switch/Multiplexer/Demultiplexer
May, 2011 ??Rev. 6
MC74LVXT4066DTRG ONSEMI-MC74LVXT4066DTRG Datasheet
194Kb / 13P
   Quad Analog Switch/ Multiplexer/Demultiplexer
May, 2011 ??Rev. 3
MC74HC4067ADTG ONSEMI-MC74HC4067ADTG Datasheet
170Kb / 12P
   Quad Analog Switch Multiplexer/Demultiplexer
June, 2013 ??Rev. 1
logo
Motorola, Inc
MC54HC4016A MOTOROLA-MC54HC4016A Datasheet
336Kb / 12P
   Quad Analog Switch Multiplexer/Demultiplexer
logo
ON Semiconductor
MC74HC4066A ONSEMI-MC74HC4066A_06 Datasheet
239Kb / 16P
   Quad Analog Switch/Multiplexer/Demultiplexer
October, 2006 ??Rev. 8
MC74HC4066A ONSEMI-MC74HC4066A_14 Datasheet
190Kb / 14P
   Quad Analog Switch/ Multiplexer/Demultiplexer
March, 2014 ??Rev. 12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com