データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ISL59442IB-T13 データシート(PDF) 3 Page - Intersil Corporation

部品番号 ISL59442IB-T13
部品情報  1GHz, 4 x 1 Multiplexing Amplifier
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  INTERSIL [Intersil Corporation]
ホームページ  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL59442IB-T13 データシート(HTML) 3 Page - Intersil Corporation

  ISL59442IB-T13 Datasheet HTML 1Page - Intersil Corporation ISL59442IB-T13 Datasheet HTML 2Page - Intersil Corporation ISL59442IB-T13 Datasheet HTML 3Page - Intersil Corporation ISL59442IB-T13 Datasheet HTML 4Page - Intersil Corporation ISL59442IB-T13 Datasheet HTML 5Page - Intersil Corporation ISL59442IB-T13 Datasheet HTML 6Page - Intersil Corporation ISL59442IB-T13 Datasheet HTML 7Page - Intersil Corporation ISL59442IB-T13 Datasheet HTML 8Page - Intersil Corporation ISL59442IB-T13 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
3
FN7452.2
September 21, 2005
PSRR
Power Supply Rejection Ratio
DC, PSRR V+ and V- combined
V
± = ±4.5V to ±5.5V
-50
-57
dB
ISO
Channel Isolation
f = 10MHz, Ch-Ch X-Talk and Off Isolation,
CL = 1.6pF
75
dB
SWITCHING CHARACTERISTICS
VGLITCH
Channel-to-Channel Switching Glitch VIN = 0V, CL = 23.6pF, RS = 25Ω
2mVP-P
HIZ Switching Glitch
VIN = 0V, CL = 23.6pF, RS = 25Ω
135
mVP-P
tSW-L-H
Channel Switching Time Low to High 1.2V logic threshold to 10% movement of
analog output
30
ns
tSW-H-L
Channel Switching Time High to Low 1.2V logic threshold to 10% movement of
analog output
28
ns
TRANSIENT RESPONSE
tr, tf
Rise & Fall Time, 10% to 90%
VOUT = 200mVP-P, CL = 1.6pF
0.69
ns
VOUT = 2VP-P, CL = 23.6pF, RS =25Ω
1.4
ns
tS
0.1% Settling Time
VOUT = 2VP-P, CL = 23.6pF, RS =25Ω
6.6
ns
tPLH
Propagation Delay - Low to High,
10% to 10%
VOUT = 200mVP-P, CL = 1.6pF
0.46
ns
VOUT = 2VP-P, CL = 23.6pF, RS =25Ω
0.92
ns
tPHL
Propagation Delay- High to Low,
10% to 10%
VOUT = 200mVP-P, CL = 1.6pF
0.52
ns
VOUT = 2VP-P, CL = 23.6pF, RS =25Ω
0.97
ns
OS
Overshoot
VOUT = 200mVP-P, CL = 1.6pF
8.3
%
VOUT = 2VP-P, CL = 23.6pF, RS =25Ω
13.3
%
Electrical Specifications
V+ = +5V, V- = -5V, GND = 0V, TA = 25°C, Input Video = 1VP-P & RL = 500Ω to GND, VHIZ = 0.8V, Unless
Otherwise Specified (Continued)
PARAMETER
DESCRIPTION
CONDITIONS
MIN
TYP
MAX
UNIT
Typical Performance Curves VS = ±5V, RL = 500Ω to GND, TA = 25°C, unless otherwise specified.
FIGURE 1. SMALL SIGNAL GAIN vs FREQUENCY vs CL
FIGURE 2. SMALL SIGNAL GAIN vs FREQUENCY vs RL
0.001
0.01
0.1
1
FREQUENCY (GHz)
CL = 7.2pF
CL = 1.6pF
CL INCLUDES 1.6pF
BOARD CAPACITANCE
CL = 9.7pF
-5
-4
-3
-2
-1
0
1
2
3
4
5
1.5
VOUT = 200mVP-P
CL = 5.5pF
0.001
0.01
0.1
1
1.5
-5
-4
-3
-2
-1
0
1
2
3
4
5
FREQUENCY (MHz)
RL = 1kΩ
RL = 150Ω
VOUT = 200mVP-P
RL = 500Ω
RL = 75Ω
CL = 1.6pF
ISL59442


同様の部品番号 - ISL59442IB-T13

メーカー部品番号データシート部品情報
logo
Intersil Corporation
ISL59442IB-T13 INTERSIL-ISL59442IB-T13 Datasheet
420Kb / 11P
   1GHz, 4 x 1 Multiplexing Amplifier
logo
Renesas Technology Corp
ISL59442IB-T13 RENESAS-ISL59442IB-T13 Datasheet
681Kb / 11P
   1GHz, 4 x 1 Multiplexing Amplifier
More results

同様の説明 - ISL59442IB-T13

メーカー部品番号データシート部品情報
logo
Intersil Corporation
ISL59442 INTERSIL-ISL59442_07 Datasheet
420Kb / 11P
   1GHz, 4 x 1 Multiplexing Amplifier
logo
Renesas Technology Corp
ISL59442 RENESAS-ISL59442 Datasheet
681Kb / 11P
   1GHz, 4 x 1 Multiplexing Amplifier
logo
Intersil Corporation
ISL59444 INTERSIL-ISL59444 Datasheet
579Kb / 11P
   1GHz, 4 x 1 Multiplexing Amplifier with Synchronous Controls
logo
Renesas Technology Corp
ISL59444 RENESAS-ISL59444 Datasheet
770Kb / 13P
   1GHz, 4x1 Multiplexing Amplifier with Synchronous Controls
logo
Intersil Corporation
ISL59424 INTERSIL-ISL59424 Datasheet
780Kb / 13P
   1GHz Triple Multiplexing Amplifiers
logo
Renesas Technology Corp
ISL59424 RENESAS-ISL59424 Datasheet
885Kb / 14P
   1GHz Triple Multiplexing Amplifiers
logo
Intersil Corporation
ISL59424IRZ INTERSIL-ISL59424IRZ Datasheet
707Kb / 14P
   1GHz Triple Multiplexing Amplifiers
September 30, 2011
ISL59452 INTERSIL-ISL59452 Datasheet
1Mb / 15P
   Triple 4:1 Single Supply Video Multiplexing Amplifier
logo
Renesas Technology Corp
ISL59452 RENESAS-ISL59452 Datasheet
1Mb / 15P
   Triple 4:1 Single Supply Video Multiplexing Amplifier
logo
Intersil Corporation
ISL59446 INTERSIL-ISL59446 Datasheet
766Kb / 13P
   500MHz Triple 4:1 Gain-of-2, Multiplexing Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com