データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ISL59445IR データシート(PDF) 9 Page - Intersil Corporation

部品番号 ISL59445IR
部品情報  1GHz Triple Multiplexing Amplifiers
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  INTERSIL [Intersil Corporation]
ホームページ  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL59445IR データシート(HTML) 9 Page - Intersil Corporation

Back Button ISL59445IR Datasheet HTML 5Page - Intersil Corporation ISL59445IR Datasheet HTML 6Page - Intersil Corporation ISL59445IR Datasheet HTML 7Page - Intersil Corporation ISL59445IR Datasheet HTML 8Page - Intersil Corporation ISL59445IR Datasheet HTML 9Page - Intersil Corporation ISL59445IR Datasheet HTML 10Page - Intersil Corporation ISL59445IR Datasheet HTML 11Page - Intersil Corporation ISL59445IR Datasheet HTML 12Page - Intersil Corporation ISL59445IR Datasheet HTML 13Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
9
FN7456.2
September 8, 2005
Figure 20A illustrates the optimum output load for testing AC
performance. Figure 20B illustrates the optimum output load
when connecting to 50
Ω input terminated equipment.
Application Information
General
The ISL59424 and ISL59445 are triple 2:1 and 4:1 muxes
that are ideal for the matrix element of high performance
switchers and routers. The ISL59424 and ISL59445 are
optimized to drive a 1.5pF in parallel with a 500
Ω load. The
capacitance can be split between the PCB capacitance an
and external load capacitance. Their low input capacitance
and high input resistance provide excellent 50
Ω or 75Ω
terminations.
Ground Connections
For the best isolation and crosstalk rejection, all GND pins
and NIC pins must connect to the GND plane.
Control Signals
S0, S1, ENABLE, LE, HIZ - These pins are binary coded,
TTL/CMOS compatible control inputs. The S0, S1 pins select
which one of the inputs connect to the output. All three
amplifiers are switched simultaneously from their respective
inputs. The ENABLE, LE, HIZ pins are used to disable the part
to save power, latch in the last logic state and three-state the
output amplifiers, respectively. For control signal rise and fall
times less than 10ns the use of termination resistors close to
the part should be considered to minimize transients coupled
to the output.
Power-Up Considerations
The ESD protection circuits use internal diodes from all pins
the V+ and V- supplies. In addition, a dV/dT- triggered clamp
is connected between the V+ and V- pins, as shown in the
Equivalent Circuits 1 through 4 section of the Pin Description
table. The dV/dT triggered clamp imposes a maximum
supply turn-on slew rate of 1V/µs. Damaging currents can
flow for power supply rates-of-rise in excess of 1V/µs, such
as during hot plugging. Under these conditions, additional
methods should be employed to ensure the rate of rise is not
exceeded.
Consideration must be given to the order in which power is
applied to the V+ and V- pins, as well as analog and logic
input pins. Schottky diodes (Motorola MBR0550T or
equivalent) connected from V+ to ground and V- to ground
(Figure 21) will shunt damaging currents away from the
internal V+ and V- ESD diodes in the event that the V+
supply is applied to the device before the V- supply.
If positive voltages are applied to the logic or analog video
input pins before V+ is applied, current will flow through the
internal ESD diodes to the V+ pin. The presence of large
decoupling capacitors and the loading effect of other circuits
connected to V+, can result in damaging currents through
the ESD diodes and other active circuits within the device.
Therefore, adequate current limiting on the digital and
analog inputs is needed to prevent damage during the time
the voltages on these inputs are more positive than V+.
AC Test Circuits
FIGURE 20A. TEST CIRCUIT WITH OPTIMAL OUTPUT LOAD
FIGURE 20B. TEST CIRCUIT FOR MEASURING WITH 50
Ω OR
75
Ω INPUT TERMINATED EQUIPMENT
FIGURE 20C. BACKLOADED TEST CIRCUIT FOR VIDEO CABLE APPLICATION. BANDWIDTH AND LINEARITY FOR RL LESS THAN 500Ω
WILL BE DEGRADED.
FIGURE 20. TEST CIRCUITS
ISL59424 & ISL59445
CL
50
VIN
500
RL
1.5pF
or
75
ISL59424 & ISL59445
RS
CL
VIN
475
TEST
1.5pF
50
or
75
50
or
75
50
or
75
EQUIPMENT
or
462.5
ISL59424 & ISL59445
RS
CL
VIN
50
Ω or 75Ω
TEST
1.5pF
50
or
75
50
or
75
EQUIPMENT
ISL59424, ISL59445


同様の部品番号 - ISL59445IR

メーカー部品番号データシート部品情報
logo
Intersil Corporation
ISL59445IRZ INTERSIL-ISL59445IRZ Datasheet
707Kb / 14P
   1GHz Triple Multiplexing Amplifiers
September 30, 2011
logo
Renesas Technology Corp
ISL59445IRZ RENESAS-ISL59445IRZ Datasheet
885Kb / 14P
   1GHz Triple Multiplexing Amplifiers
logo
Intersil Corporation
ISL59445IRZ-EVAL INTERSIL-ISL59445IRZ-EVAL Datasheet
707Kb / 14P
   1GHz Triple Multiplexing Amplifiers
September 30, 2011
logo
Renesas Technology Corp
ISL59445IRZ-EVAL RENESAS-ISL59445IRZ-EVAL Datasheet
885Kb / 14P
   1GHz Triple Multiplexing Amplifiers
logo
Intersil Corporation
ISL59445IRZ-T13 INTERSIL-ISL59445IRZ-T13 Datasheet
707Kb / 14P
   1GHz Triple Multiplexing Amplifiers
September 30, 2011
More results

同様の説明 - ISL59445IR

メーカー部品番号データシート部品情報
logo
Renesas Technology Corp
ISL59424 RENESAS-ISL59424 Datasheet
885Kb / 14P
   1GHz Triple Multiplexing Amplifiers
logo
Intersil Corporation
ISL59424IRZ INTERSIL-ISL59424IRZ Datasheet
707Kb / 14P
   1GHz Triple Multiplexing Amplifiers
September 30, 2011
logo
Renesas Technology Corp
EL4340 RENESAS-EL4340 Datasheet
998Kb / 14P
   500MHz Triple Multiplexing Amplifiers
logo
Intersil Corporation
EL4340IUZ INTERSIL-EL4340IUZ Datasheet
812Kb / 13P
   500MHz Triple, Multiplexing Amplifiers
October 18, 2010
EL4340 INTERSIL-EL4340_10 Datasheet
815Kb / 13P
   500MHz Triple, Multiplexing Amplifiers
EL4342 INTERSIL-EL4342 Datasheet
882Kb / 13P
   500MHz Triple, Multiplexing Amplifiers
EL4340 INTERSIL-EL4340_06 Datasheet
883Kb / 13P
   500MHz Triple, Multiplexing Amplifiers
ISL59481 INTERSIL-ISL59481 Datasheet
515Kb / 12P
   Dual, 500MHz Triple, Multiplexing Amplifiers
ISL59482 INTERSIL-ISL59482 Datasheet
680Kb / 14P
   Dual, 500MHz Triple, Multiplexing Amplifiers
logo
Renesas Technology Corp
ISL59481 RENESAS-ISL59481 Datasheet
932Kb / 12P
   Dual, 500MHz Triple, Multiplexing Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com