データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

FAN5631 データシート(PDF) 5 Page - Fairchild Semiconductor

部品番号 FAN5631
部品情報  Regulated Step-Down Charge Pump DC/DC Converter
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  FAIRCHILD [Fairchild Semiconductor]
ホームページ  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN5631 データシート(HTML) 5 Page - Fairchild Semiconductor

  FAN5631 Datasheet HTML 1Page - Fairchild Semiconductor FAN5631 Datasheet HTML 2Page - Fairchild Semiconductor FAN5631 Datasheet HTML 3Page - Fairchild Semiconductor FAN5631 Datasheet HTML 4Page - Fairchild Semiconductor FAN5631 Datasheet HTML 5Page - Fairchild Semiconductor FAN5631 Datasheet HTML 6Page - Fairchild Semiconductor FAN5631 Datasheet HTML 7Page - Fairchild Semiconductor FAN5631 Datasheet HTML 8Page - Fairchild Semiconductor FAN5631 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
5
www.fairchildsemi.com
FAN5631/FAN5632 Rev. 1.0.2
Typical Performance Characteristics
TA = 25°C, VOUT = 1.5V, VIN = 3.6V, CIN = 10µF, COUT = 10µF, CB = 1µF, unless otherwise noted.
Load Regulation
Line Regulation
Efficiency vs. Load Current
Thermal Regulation
Load Current (mA)
2.5
3.0
3.5
4.0
4.5
5.0
5.5
1.40
1.45
1.50
1.55
1.60
Input Voltage(V)
ILoad = 50mA
TA = -40°C
TA = 85°C
TA = 25°C
2
2.5
3
3.5
4
4.5
5
5.5
Input Voltage (V)
Input Voltage (V)
Efficiency vs. Input Voltage
-2
-1.5
-1
-0.5
0
0.5
020
40
60
80
100
120
140
160
180
2.7V
3.2V
5.5V
2.2V
30
35
40
45
50
55
60
65
70
75
80
85
90
VOUT = 1.5V
VSEL = HIGH
ILOAD = 150mA
40
45
50
55
60
65
70
75
80
85
90
110
100
Load Current (mA)
VIN = 3.3V
VSEL= HIGH
VIN = 4.2V
VIN = 2.7V
FAN5632 Efficiency Optimizer
Efficiency and Output Voltage vs. Input Voltage
50
60
70
80
90
100
2.5
3
3.5
4
4.5
5
5.5
1.2
1.3
1.4
1.5
I
LOAD = 100mA, V
SEL = LOW
1.50
1.51
1.52
1.53
1.54
-50
-25
0
25
50
75
100
125
150
Ambient Temperature (
°C)
V
IN = 3.6V
I
LOAD = 1mA
3.6V


同様の部品番号 - FAN5631

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
FAN5631 FAIRCHILD-FAN5631 Datasheet
280Kb / 13P
   Regulated Step-Down Charge Pump DC/DC Converter
FAN5631MPX FAIRCHILD-FAN5631MPX Datasheet
280Kb / 13P
   Regulated Step-Down Charge Pump DC/DC Converter
FAN5631 FAIRCHILD-FAN5631_07 Datasheet
280Kb / 13P
   Regulated Step-Down Charge Pump DC/DC Converter
More results

同様の説明 - FAN5631

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
FAN5601 FAIRCHILD-FAN5601 Datasheet
433Kb / 14P
   Regulated Step-Down Charge Pump DC/DC Converter
FAN5631 FAIRCHILD-FAN5631_07 Datasheet
280Kb / 13P
   Regulated Step-Down Charge Pump DC/DC Converter
FAN5601 FAIRCHILD-FAN5601_05 Datasheet
823Kb / 15P
   Regulated Step-Down Charge Pump DC/DC Converter
FAN5602 FAIRCHILD-FAN5602_07 Datasheet
840Kb / 14P
   Universal (Step-Up/Step-Down) Charge Pump Regulated DC/DC Converter
FAN5602_0705 FAIRCHILD-FAN5602_0705 Datasheet
843Kb / 14P
   Universal (Step-Up/Step-Down) Charge Pump Regulated DC/DC Converter
logo
ON Semiconductor
FAN5602 ONSEMI-FAN5602 Datasheet
203Kb / 12P
   Universal (Step-Up/Step-Down) Charge Pump Regulated DC/DC Converter
July, 2019 ??Rev. 0
logo
Fairchild Semiconductor
FAN5602 FAIRCHILD-FAN5602 Datasheet
616Kb / 16P
   Universal (Step-Up/Step-Down) Charge Pump Regulated DC/DC Converter
FAN5602 FAIRCHILD-FAN5602_09 Datasheet
1Mb / 13P
   Universal (Step-Up/Step-Down) Charge Pump Regulated DC/DC Converter
logo
List of Unclassifed Man...
MAS9251 ETC-MAS9251 Datasheet
331Kb / 11P
   REGULATED CHARGE PUMP DC/DC CONVERTER
logo
Maxim Integrated Produc...
MAX619 MAXIM-MAX619 Datasheet
66Kb / 7P
   Regulated 5V Charge-Pump DC-DC Converter
Rev 2; 5/96
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com