データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

FAN5631 データシート(PDF) 2 Page - Fairchild Semiconductor

部品番号 FAN5631
部品情報  Regulated Step-Down Charge Pump DC/DC Converter
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  FAIRCHILD [Fairchild Semiconductor]
ホームページ  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN5631 データシート(HTML) 2 Page - Fairchild Semiconductor

  FAN5631 Datasheet HTML 1Page - Fairchild Semiconductor FAN5631 Datasheet HTML 2Page - Fairchild Semiconductor FAN5631 Datasheet HTML 3Page - Fairchild Semiconductor FAN5631 Datasheet HTML 4Page - Fairchild Semiconductor FAN5631 Datasheet HTML 5Page - Fairchild Semiconductor FAN5631 Datasheet HTML 6Page - Fairchild Semiconductor FAN5631 Datasheet HTML 7Page - Fairchild Semiconductor FAN5631 Datasheet HTML 8Page - Fairchild Semiconductor FAN5631 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
2
www.fairchildsemi.com
FAN5631/FAN5632 Rev. 1.0.2
Typical Application
Pin Assignment
Figure 3. Pin Assignment
Pin Description
Pin No.
Pin Name
Pin Description
1VSEL
Output Voltage Select Logic Input Pin. The VSEL pin can not be left floating and must be
connected to either a logic high or logic low level.
FAN5631: If a logic low is applied to the VSEL pin then VOUT is 1.2V. If a logic high is
applied then VOUT is 1.5V.
FAN5632: If a logic low is applied to the VSEL pin, the efficiency optimization mode is enabled,
and the output voltage accuracy is relaxed in order to meet optimum efficiency. However, if a
logic high is applied, the device will operate like a typical charge pump converter.
2EN
Enable Input Pin. If a logic high is applied to the EN pin, the device is enabled. However, if a
logic low is applied, the device is disabled and the supply current is reduced to less than 1µA.
The EN pin can not be left floating and must be connected to either a logic high or logic low level.
3CB+
Bucket Capacitor Positive Pin.
4
GND
Ground Pin. This pin is connected to the internal MOSFET switches. This pin must be externally
connected to GND.
5CB-
Bucket Capacitor Negative Pin.
6VOUT
Output Voltage Pin.
7NC
Not Connected. This pin is not internally connected.
8NC
Not Connected. This pin is not internally connected.
9VIN
Supply Voltage Input.
10
NC
Not Connected. This pin is not internally connected.
40
50
60
70
80
90
FAN5631
FAN5632 with
optimization
1:1 Mode
2:1 Mode
Average Efficiency (over VIN = 2.7V to 5V) = 66%, With optimization = 77%
Average Efficiency (over VIN = 2.7V to 4.2V) = 67%, With optimization = 84%
Input Voltage (V)
VSEL
EN
VOUT = 1.2V to 1.5V
VIN = 2.7V to 5.5V
COUT
10
µF
CIN
10
µF
NC
NC
NC
CB+
CB-
GND
10
9
6
7
8
1
2
3
4
5
ON
OFF
VIN
VOUT
NC
NC
NC
CB+
CB-
GND
VSEL
EN
10
9
6
7
8
1
2
3
4
5
3x3mm 10-Lead MLP
Top View
Figure 2. Typical Efficiency Graph
Figure 1. Typical Application


同様の部品番号 - FAN5631

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
FAN5631 FAIRCHILD-FAN5631 Datasheet
280Kb / 13P
   Regulated Step-Down Charge Pump DC/DC Converter
FAN5631MPX FAIRCHILD-FAN5631MPX Datasheet
280Kb / 13P
   Regulated Step-Down Charge Pump DC/DC Converter
FAN5631 FAIRCHILD-FAN5631_07 Datasheet
280Kb / 13P
   Regulated Step-Down Charge Pump DC/DC Converter
More results

同様の説明 - FAN5631

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
FAN5601 FAIRCHILD-FAN5601 Datasheet
433Kb / 14P
   Regulated Step-Down Charge Pump DC/DC Converter
FAN5631 FAIRCHILD-FAN5631_07 Datasheet
280Kb / 13P
   Regulated Step-Down Charge Pump DC/DC Converter
FAN5601 FAIRCHILD-FAN5601_05 Datasheet
823Kb / 15P
   Regulated Step-Down Charge Pump DC/DC Converter
FAN5602 FAIRCHILD-FAN5602_07 Datasheet
840Kb / 14P
   Universal (Step-Up/Step-Down) Charge Pump Regulated DC/DC Converter
FAN5602_0705 FAIRCHILD-FAN5602_0705 Datasheet
843Kb / 14P
   Universal (Step-Up/Step-Down) Charge Pump Regulated DC/DC Converter
logo
ON Semiconductor
FAN5602 ONSEMI-FAN5602 Datasheet
203Kb / 12P
   Universal (Step-Up/Step-Down) Charge Pump Regulated DC/DC Converter
July, 2019 ??Rev. 0
logo
Fairchild Semiconductor
FAN5602 FAIRCHILD-FAN5602 Datasheet
616Kb / 16P
   Universal (Step-Up/Step-Down) Charge Pump Regulated DC/DC Converter
FAN5602 FAIRCHILD-FAN5602_09 Datasheet
1Mb / 13P
   Universal (Step-Up/Step-Down) Charge Pump Regulated DC/DC Converter
logo
List of Unclassifed Man...
MAS9251 ETC-MAS9251 Datasheet
331Kb / 11P
   REGULATED CHARGE PUMP DC/DC CONVERTER
logo
Maxim Integrated Produc...
MAX619 MAXIM-MAX619 Datasheet
66Kb / 7P
   Regulated 5V Charge-Pump DC-DC Converter
Rev 2; 5/96
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com