データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

FAN8729_NL データシート(PDF) 10 Page - Fairchild Semiconductor

部品番号 FAN8729_NL
部品情報  Spindle4-CH Motor Drive IC
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  FAIRCHILD [Fairchild Semiconductor]
ホームページ  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN8729_NL データシート(HTML) 10 Page - Fairchild Semiconductor

Back Button FAN8729_NL Datasheet HTML 6Page - Fairchild Semiconductor FAN8729_NL Datasheet HTML 7Page - Fairchild Semiconductor FAN8729_NL Datasheet HTML 8Page - Fairchild Semiconductor FAN8729_NL Datasheet HTML 9Page - Fairchild Semiconductor FAN8729_NL Datasheet HTML 10Page - Fairchild Semiconductor FAN8729_NL Datasheet HTML 11Page - Fairchild Semiconductor FAN8729_NL Datasheet HTML 12Page - Fairchild Semiconductor FAN8729_NL Datasheet HTML 13Page - Fairchild Semiconductor FAN8729_NL Datasheet HTML 14Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
FAN8729
10
Electrical Characteristics (continued)
(Unless otherwise specified, Ta=25°C, SVCC1=5V, VM1=8V, BTL driver part: SVcc2=9V, VM2=5V, RL1=8Ω,
VM3=8V, VM4=9V, RL2=15
Ω)
Note: Guaranteed field.(No EDS/Final test)
Parameter
Symbol
Condition
Min.
Typ.
Max.
Unit
BTL DRIVE PART
Quiescent Circuit Current
ICC3
-
-
16.5
-
mA
CH MUTE123 Off Voltage
VMOFF123
Pin42 = Variation
2.5
-
-
V
CH MUTE123 On Voltage
VMON123
Pin42 = Variation
-
-
1.0
V
CH MUTE4 Off Voltage
VMOFF4
Pin43 = Variation
2.5
-
-
V
CH MUTE4 On Voltage
VMON4
Pin43 = Variation
-
-
1.0
V
CH1,2 Actuator Driver (SVCC2=9V VM2=5V,RL1=8
Ω)
Output Offset Voltage
VOF1,2
VIN = 1.65V
-50
-
+50
mV
Maximum Output Voltage1,2
VOM1,2
VIN = 1.65V
3.6
4.0
-
V
Close Loop Voltage Gain
GVC1,2
f=1kHz, VIN= -0.1Vrms
15.5
17.5
19.5
dB
Ripple Rejection Ratio*note
RR1,2
f=120Hz, VIN= -20dB
-
60
-
dB
Slew Rate 1,2*note
SR1,2
f=120Hz, 2Vp-p
-
1.0
-
V/us
CH3 BTL Driver (SVCC2=9V, VM3=8V, RL2=15
Ω)
Output Offset Voltage3
VOF3
VIN = 1.65V
-100
-
+100
mV
Maximum Output Voltage3
VOM3
VIN = 1.65V
6.5
7.0
-
V
Close Loop Voltage Gain
GVC3
f= 1kHz, VIN= -0.1Vrms
21.5
23.5
25.5
dB
Ripple Rejection Ratio3*note
RR3
f= 120Hz, VIN= -20dB
-
60
-
dB
Slew Rate 3*note
SR3
f= 120Hz, 2Vp-p
-
1.0
-
V/us
CH4 BTL Driver (SVCC2=9V, VM4=9V, RL2=15
Ω)
Output Offset Voltage4
VOF4
VIN = 1.65V
-100
-
+100
mV
Maximum Output Voltage4
VOM4
VIN = 1.65V
7.0
7.5
-
V
Close Loop Voltage Gain
GVC4
f= 1kHz, VIN= -0.1Vrms
21.5
23.5
25.5
dB
Ripple Rejection Ratio4*note
RR4
f= 120Hz, VIN= -20dB
-
60
-
dB
Slew Rate 4*note
SR4
f= 120Hz, 2Vp-p
-
1.0
-
V/us
OP- AMP
Input Offset Voltage
VOF
-
-20
-
+20
mV
Input Bias Current
IB1
-
-
-
300
nA
High Level Output Voltage
VOHOP
-8
-
-
V
Low Level Output Voltage
VOLOP
--
-
0.1
V
Output Sink Current
ISINK
--
5.5
-
mA
Output Source Current
ISOURCE
--
4.5
-
mA
Open Loop Voltage Gain*note
GVOOP
f= 1kHz, VIN= -75dB
-
75
-
dB
Ripple Rejection Ratio*note
RROP
f= 120Hz, VIN= -20dB
-
65
-
dB
Slew Rate*note
SROP
f= 120Hz, 2Vp-p
-
1
-
V/us
Common Mode Rejection
Ratio*note
CMRROP
f= 1kHz, VIN= -20dB
-
80
-
dB


同様の部品番号 - FAN8729_NL

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
FAN8725 FAIRCHILD-FAN8725 Datasheet
259Kb / 20P
   Spindle Motor and 5-Channel Motor Driver
FAN8727 FAIRCHILD-FAN8727 Datasheet
480Kb / 24P
   Spindle 4-CH Motor Drive IC
FAN8727 FAIRCHILD-FAN8727 Datasheet
567Kb / 24P
   Spindle 4-CH Motor Drive IC
FAN8727 FAIRCHILD-FAN8727_04 Datasheet
567Kb / 24P
   Spindle 4-CH Motor Drive IC
FAN8727_NL FAIRCHILD-FAN8727_NL Datasheet
567Kb / 24P
   Spindle 4-CH Motor Drive IC
More results

同様の説明 - FAN8729_NL

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
FAN8727 FAIRCHILD-FAN8727_04 Datasheet
567Kb / 24P
   Spindle 4-CH Motor Drive IC
FAN8727 FAIRCHILD-FAN8727 Datasheet
480Kb / 24P
   Spindle 4-CH Motor Drive IC
FAN8728 FAIRCHILD-FAN8728 Datasheet
361Kb / 26P
   Spindle 4-CH Input PWM Motor Drive IC
logo
List of Unclassifed Man...
AD6392 ETC1-AD6392 Datasheet
567Kb / 22P
   4-CH MOTOR DRIVE IC
logo
Interpion semiconductor
IP5954A INTERPION-IP5954A Datasheet
175Kb / 10P
   4-CH MOTOR DRIVE IC
logo
Fairchild Semiconductor
KA3014 FAIRCHILD-KA3014 Datasheet
419Kb / 26P
   Spindle 4-CH Motor Driver
KA3017 FAIRCHILD-KA3017 Datasheet
433Kb / 26P
   Spindle 4-CH Motor Driver
logo
Panasonic Semiconductor
AN8420FBP PANASONIC-AN8420FBP Datasheet
1Mb / 27P
   Spindle/Voice Coil Motor Drive IC
logo
Renesas Technology Corp
M63016FP RENESAS-M63016FP Datasheet
4Mb / 21P
   Spindle Motor AND 4CH ACTUATOR Drive IC
logo
Mitsubishi Electric Sem...
M63016FP MITSUBISHI-M63016FP Datasheet
577Kb / 20P
   Spindle Motor AND 4CH ACTUATOR Drive IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com