データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MC74AC138DT データシート(PDF) 4 Page - ON Semiconductor

部品番号 MC74AC138DT
部品情報  1?뭥f?? Decoder/Demultiplexer
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ONSEMI [ON Semiconductor]
ホームページ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC74AC138DT データシート(HTML) 4 Page - ON Semiconductor

  MC74AC138DT Datasheet HTML 1Page - ON Semiconductor MC74AC138DT Datasheet HTML 2Page - ON Semiconductor MC74AC138DT Datasheet HTML 3Page - ON Semiconductor MC74AC138DT Datasheet HTML 4Page - ON Semiconductor MC74AC138DT Datasheet HTML 5Page - ON Semiconductor MC74AC138DT Datasheet HTML 6Page - ON Semiconductor MC74AC138DT Datasheet HTML 7Page - ON Semiconductor MC74AC138DT Datasheet HTML 8Page - ON Semiconductor MC74AC138DT Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
MC74AC138, MC74ACT138
http://onsemi.com
4
DC CHARACTERISTICS
Symbol
Parameter
VCC
(V)
74AC
74AC
Unit
Conditions
TA = +25°C
TA =
−40°C to
+85°C
Typ
Guaranteed Limits
VIH
Minimum High Level
Input Voltage
3.0
1.5
2.1
2.1
VOUT = 0.1 V
4.5
2.25
3.15
3.15
V
or VCC − 0.1 V
5.5
2.75
3.85
3.85
VIL
Maximum Low Level
Input Voltage
3.0
1.5
0.9
0.9
VOUT = 0.1 V
4.5
2.25
1.35
1.35
V
or VCC − 0.1 V
5.5
2.75
1.65
1.65
VOH
Minimum High Level
Output Voltage
3.0
2.99
2.9
2.9
IOUT = −50 μA
4.5
4.49
4.4
4.4
V
5.5
5.49
5.4
5.4
V
*VIN = VIL or VIH
3.0
2.56
2.46
−12 mA
4.5
3.86
3.76
IOH
−24 mA
5.5
4.86
4.76
−24 mA
VOL
Maximum Low Level
Output Voltage
3.0
0.002
0.1
0.1
IOUT = 50 μA
4.5
0.001
0.1
0.1
V
5.5
0.001
0.1
0.1
V
*VIN = VIL or VIH
3.0
0.36
0.44
12 mA
4.5
0.36
0.44
IOL
24 mA
5.5
0.36
0.44
24 mA
IIN
Maximum Input
Leakage Current
5.5
±0.1
±1.0
μA
VI = VCC, GND
IOLD
†Minimum Dynamic
Output Current
5.5
75
mA
VOLD = 1.65 V Max
IOHD
5.5
−75
mA
VOHD = 3.85 V Min
ICC
Maximum Quiescent
Supply Current
5.5
8.0
80
μA
VIN = VCC or GND
*All outputs loaded; thresholds on input associated with output under test.
†Maximum test duration 2.0 ms, one output loaded at a time.
NOTE: IIN and ICC @ 3.0 V are guaranteed to be less than or equal to the respective limit @ 5.5 V VCC.


同様の部品番号 - MC74AC138DT

メーカー部品番号データシート部品情報
logo
ON Semiconductor
MC74AC138DT ONSEMI-MC74AC138DT Datasheet
182Kb / 11P
   Decoder/Demultiplexer
March, 2006 ??Rev. 6
MC74AC138DT ONSEMI-MC74AC138DT Datasheet
195Kb / 11P
   1?뭥f?? Decoder/Demultiplexer
March, 2006 ??Rev. 6
MC74AC138DTR2 ONSEMI-MC74AC138DTR2 Datasheet
182Kb / 11P
   Decoder/Demultiplexer
March, 2006 ??Rev. 6
MC74AC138DTR2 ONSEMI-MC74AC138DTR2 Datasheet
195Kb / 11P
   1?뭥f?? Decoder/Demultiplexer
March, 2006 ??Rev. 6
MC74AC138DTR2G ONSEMI-MC74AC138DTR2G Datasheet
105Kb / 10P
   1-of-8 Decoder/Demultiplexer
January, 2015 ??Rev. 7
More results

同様の説明 - MC74AC138DT

メーカー部品番号データシート部品情報
logo
ON Semiconductor
MC74AC151 ONSEMI-MC74AC151 Datasheet
237Kb / 10P
   1?뭥f?? Decoder/Demultiplexer
June, 2006 ??Rev. 6
MC74HC138A ONSEMI-MC74HC138A_05 Datasheet
116Kb / 10P
   1?뭥f?? Decoder/ Demultiplexer
June, 2005 ??Rev. 9
MC74AC138DG ONSEMI-MC74AC138DG Datasheet
195Kb / 11P
   1?뭥f?? Decoder/Demultiplexer
March, 2006 ??Rev. 6
MC74HC139A ONSEMI-MC74HC139A_05 Datasheet
110Kb / 10P
   Dual 1?뭥f?? Decoder/ Demultiplexer
June, 2005 ??Rev. 9
MC74AC139 ONSEMI-MC74AC139_06 Datasheet
182Kb / 11P
   Dual 1?뭥f?? Decoder/Demultiplexer
March, 2006 ??Rev. 7
MC74AC139DG ONSEMI-MC74AC139DG Datasheet
176Kb / 11P
   Dual 1?뭥f?? Decoder/Demultiplexer
March, 2006 ??Rev. 7
MC14555B ONSEMI-MC14555B_06 Datasheet
96Kb / 6P
   Dual Binary to 1?뭥f?? Decoder/Demultiplexer
June, 2006 ??Rev. 8
74HC138 ONSEMI-74HC138 Datasheet
140Kb / 9P
   1?뭥f?? Decoder/ Demultiplexer High?뭁erformance Silicon?묰ate CMOS
March, 2007 ??Rev. 1
MC74HCT138A ONSEMI-MC74HCT138A_05 Datasheet
102Kb / 8P
   1?뭥f?? Decoder/ Demultiplexer with LSTTL Compatible Inputs High?뭁erformance Silicon?묰ate CMOS
July, 2005 ??Rev. 8
NL7SZ19 ONSEMI-NL7SZ19_07 Datasheet
115Kb / 6P
   1?뭪o?? Decoder/Demultiplexer
February, 2007 ??Rev. 10
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com