データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AD7791 データシート(PDF) 10 Page - Analog Devices

部品番号 AD7791
部品情報  Low Power, Buffered 24-Bit Sigma-Delta ADC
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AD [Analog Devices]
ホームページ  http://www.analog.com
Logo AD - Analog Devices

AD7791 データシート(HTML) 10 Page - Analog Devices

Back Button AD7791 Datasheet HTML 6Page - Analog Devices AD7791 Datasheet HTML 7Page - Analog Devices AD7791 Datasheet HTML 8Page - Analog Devices AD7791 Datasheet HTML 9Page - Analog Devices AD7791 Datasheet HTML 10Page - Analog Devices AD7791 Datasheet HTML 11Page - Analog Devices AD7791 Datasheet HTML 12Page - Analog Devices AD7791 Datasheet HTML 13Page - Analog Devices AD7791 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
AD7791
Rev. 0 | Page 10 of 20
ON-CHIP REGISTERS
The ADC is controlled and configured via a number of on-chip registers, which are described on the following pages. In the following
descriptions, set implies a Logic 1 state and cleared implies a Logic 0 state, unless otherwise stated.
COMMUNICATIONS REGISTER (RS1, RS0 = 0, 0)
The communications register is an 8-bit write-only register. All communications to the part must start with a write operation to the com-
munications register. The data written to the communications register determines whether the next operation is a read or write operation,
and to which register this operation takes place. For read or write operations, once the subsequent read or write operation to the selected
register is complete, the interface returns to where it expects a write operation to the communications register. This is the default state of
the interface and, on power-up or after a reset, the ADC is in this default state waiting for a write operation to the communications regis-
ter. In situations where the interface sequence is lost, a write operation of at least 32 serial clock cycles with DIN high returns the ADC to
this default state by resetting the entire part. Table 5 outlines the bit designations for the communications register. CR0 through CR7 indi-
cate the bit location, CR denoting the bits are in the communications register. CR7 denotes the first bit of the data stream. The number in
brackets indicates the power-on/reset default status of that bit.
CR7
CR6
CR5
CR4
CR3
CR2
CR1
CR0
WEN(0)
0(0)
RS1(0)
RS0(0)
R/W(0)
CREAD(0)
CH1(0)
CH0(0)
Table 5. Communications Register Bit Designations
Bit Location
Bit Name
Description
CR7
WEN
Write Enable Bit. A 0 must be written to this bit so that the write to the communications register actually
occurs. If a 1 is the first bit written, the part will not clock on to subsequent bits in the register. It will stay
at this bit location until a 0 is written to this bit. Once a 0 is written to the WEN bit, the next seven bits
will be loaded to the communications register.
CR6
0
This bit must be programmed to Logic 0 for correct operation.
CR5–CR4
RS1–RS0
Register Address Bits. These address bits are used to select which of the ADC’s registers are being
selected during this serial interface communication. See Table 6.
CR3
R/W
A 0 in this bit location indicates that the next operation will be a write to a specified register. A 1 in this
position indicates that the next operation will be a read from the designated register.
CR2
CREAD
Continuous Read of the Data Register. When this bit is set to 1 (and the data register is selected), the
serial interface is configured so that the data register can be continuously read, i.e., the contents of the
data register are placed on the DOUT pin automatically when the SCLK pulses are applied. The commu-
nications register does not have to be written to for data reads. To enable continuous read mode, the
instruction 001111XX must be written to the communications register. To exit the continuous read
mode, the instruction 001110XX must be written to the communications register while the RDY pin is
low. While in continuous read mode, the ADC monitors activity on the DIN line so that it can receive the
instruction to exit continuous read mode. Additionally, a reset will occur if 32 consecutive 1s are seen on
DIN. Therefore, DIN should be held low in continuous read mode until an instruction is to be written to
the device.
CR1–CR0
CH1–CH0
These bits are used to select the analog input channel. The differential channel can be selected
(AIN(+)/AIN(–)) or an internal short (AIN(–)/AIN(–)) can be selected. Alternatively, the power supply can
be selected, i.e., the ADC can measure the voltage on the power supply, which is useful for monitoring
power supply variation. The power supply voltage is divided by 5 and then applied to the modulator for
conversion. The ADC uses a 1.17 V ± 5% on-chip reference as the reference source for the analog to
digital conversion. Any change in channel resets the filter and a new conversion is started.
Table 6. Register Selection
RS1
RS0
Register
Register Size
0
0
Communications Register
during a Write Operation
8-Bit
0
0
Status Register during a
Read Operation
8-Bit
0
1
Mode Register
8-Bit
1
0
Filter Register
8-Bit
1
1
Data Register
24-Bit
Table 7. Channel Selection
CH1
CH0
Channel
0
0
AIN(+) – AIN(–)
0
1
Reserved
1
0
AIN(–) – AIN(–)
1
1
VDD Monitor


同様の部品番号 - AD7791

メーカー部品番号データシート部品情報
logo
Analog Devices
AD7791 AD-AD7791 Datasheet
603Kb / 5P
   Devices Connected
AD7791 AD-AD7791 Datasheet
525Kb / 21P
   Low Power, Buffered 24-Bit Sigma-Delta ADC
AD7791BRM AD-AD7791BRM Datasheet
525Kb / 21P
   Low Power, Buffered 24-Bit Sigma-Delta ADC
AD7791BRM-REEL AD-AD7791BRM-REEL Datasheet
525Kb / 21P
   Low Power, Buffered 24-Bit Sigma-Delta ADC
AD7791BRMZ AD-AD7791BRMZ Datasheet
525Kb / 21P
   Low Power, Buffered 24-Bit Sigma-Delta ADC
More results

同様の説明 - AD7791

メーカー部品番号データシート部品情報
logo
Analog Devices
AD7791 AD-AD7791_17 Datasheet
525Kb / 21P
   Low Power, Buffered 24-Bit Sigma-Delta ADC
AD7791 AD-AD7791_15 Datasheet
465Kb / 20P
   Low Power, Buffered 24-Bit Sigma-Delta ADC
REV. A
AD7790BRMZ AD-AD7790BRMZ Datasheet
415Kb / 20P
   Low Power, 16-Bit Buffered Sigma-Delta ADC
REV. A
AD7790 AD-AD7790_15 Datasheet
415Kb / 20P
   Low Power, 16-Bit Buffered Sigma-Delta ADC
REV. A
AD7790 AD-AD7790_17 Datasheet
466Kb / 21P
   Low Power, 16-Bit Buffered Sigma-Delta ADC
AD7790 AD-AD7790 Datasheet
299Kb / 20P
   Low Power, 16-Bit Buffered Sigma-Delta ADC
REV. 0
AD7796 AD-AD7796_15 Datasheet
561Kb / 24P
   Low Power, 16-/24-Bit Sigma-Delta ADC
REV. A
AD7797 AD-AD7797_15 Datasheet
561Kb / 24P
   Low Power, 16-/24-Bit Sigma-Delta ADC
REV. A
logo
List of Unclassifed Man...
PXIE-9529 ETC2-PXIE-9529 Datasheet
199Kb / 1P
   24-Bit Sigma-Delta ADC
logo
Core Technology (Shenzh...
CS1242 CHIPSEA-CS1242 Datasheet
709Kb / 29P
   24-bit Sigma-Delta ADC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com