データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

FDP6670AS データシート(PDF) 3 Page - Fairchild Semiconductor

部品番号 FDP6670AS
部品情報  30V N-Channel PowerTrench SyncFET
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  FAIRCHILD [Fairchild Semiconductor]
ホームページ  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDP6670AS データシート(HTML) 3 Page - Fairchild Semiconductor

  FDP6670AS Datasheet HTML 1Page - Fairchild Semiconductor FDP6670AS Datasheet HTML 2Page - Fairchild Semiconductor FDP6670AS Datasheet HTML 3Page - Fairchild Semiconductor FDP6670AS Datasheet HTML 4Page - Fairchild Semiconductor FDP6670AS Datasheet HTML 5Page - Fairchild Semiconductor FDP6670AS Datasheet HTML 6Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
FDP6670AS/FDB6670AS Rev A (X)
Typical Characteristics
0
30
60
90
120
150
01
234
VDS, DRAIN-SOURCE VOLTAGE (V)
5.0V
VGS = 10V
4.5V
6.0V
4.0V
3.5V
3.0V
0.8
1
1.2
1.4
1.6
1.8
0
30
60
90
120
150
ID, DRAIN CURRENT (A)
VGS = 3.5V
4.0V
6.0V
5.0V
10V
4.5V
Figure 1. On-Region Characteristics.
Figure 2. On-Resistance Variation with
Drain Current and Gate Voltage.
0.6
0.8
1
1.2
1.4
1.6
-50
-25
0
255075
100
125
150
TJ, JUNCTION TEMPERATURE (
oC)
ID = 31A
VGS = 10V
0.002
0.007
0.012
0.017
0.022
246
8
10
VGS, GATE TO SOURCE VOLTAGE (V)
ID = 15.5A
TA = 125
oC
TA = 25
oC
Figure 3. On-Resistance Variation with
Temperature.
Figure 4. On-Resistance Variation with
Gate-to-Source Voltage.
0
20
40
60
80
1.522.533.5
4
VGS, GATE TO SOURCE VOLTAGE (V)
TA = 125
oC
25
oC
-55
oC
VDS = 5V
0.01
0.1
1
10
0
0.1
0.2
0.3
0.4
0.5
0.6
VSD, BODY DIODE FORWARD VOLTAGE (V)
TA = 125
oC
25
oC
-55
oC
VGS = 0V
Figure 5. Transfer Characteristics.
Figure 6. Body Diode Forward Voltage Variation
with Source Current and Temperature.


同様の部品番号 - FDP6670AS

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
FDP6670AS FAIRCHILD-FDP6670AS Datasheet
789Kb / 7P
   30V N-Channel PowerTrench짰 SyncFET?
logo
Inchange Semiconductor ...
FDP6670AS ISC-FDP6670AS Datasheet
355Kb / 3P
   isc N-Channel MOSFET Transistor
logo
Fairchild Semiconductor
FDP6670AS FAIRCHILD-FDP6670AS_08 Datasheet
789Kb / 7P
   30V N-Channel PowerTrench짰 SyncFET?
More results

同様の説明 - FDP6670AS

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
FDP6644S FAIRCHILD-FDP6644S Datasheet
160Kb / 6P
   30V N-Channel PowerTrench SyncFET?
FDS6680AS FAIRCHILD-FDS6680AS Datasheet
551Kb / 8P
   30V N-Channel PowerTrench SyncFET
FDS6699S FAIRCHILD-FDS6699S Datasheet
526Kb / 6P
   30V N-Channel PowerTrench SyncFET
FDD6676AS FAIRCHILD-FDD6676AS Datasheet
120Kb / 8P
   30V N-Channel PowerTrench SyncFET
FDS6676S FAIRCHILD-FDS6676S Datasheet
121Kb / 6P
   30V N-Channel PowerTrench SyncFET
FDS7764S FAIRCHILD-FDS7764S Datasheet
127Kb / 7P
   30V N-Channel PowerTrench SyncFET
FDS6688S FAIRCHILD-FDS6688S Datasheet
164Kb / 6P
   30V N-Channel PowerTrench SyncFET
FDP6690S FAIRCHILD-FDP6690S Datasheet
88Kb / 5P
   30V N-Channel PowerTrench SyncFET
FDS6690S FAIRCHILD-FDS6690S Datasheet
262Kb / 9P
   30V N-Channel PowerTrench SyncFET?
FDS6299S FAIRCHILD-FDS6299S Datasheet
114Kb / 6P
   30V N-Channel PowerTrench SyncFET
More results


Html Pages

1 2 3 4 5 6


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com